전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLE6285 데이터시트(PDF) 4 Page - Infineon Technologies AG

부품명 TLE6285
상세설명  LIN-Transceiver LDO
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6285 데이터시트(HTML) 4 Page - Infineon Technologies AG

  TLE6285 Datasheet HTML 1Page - Infineon Technologies AG TLE6285 Datasheet HTML 2Page - Infineon Technologies AG TLE6285 Datasheet HTML 3Page - Infineon Technologies AG TLE6285 Datasheet HTML 4Page - Infineon Technologies AG TLE6285 Datasheet HTML 5Page - Infineon Technologies AG TLE6285 Datasheet HTML 6Page - Infineon Technologies AG TLE6285 Datasheet HTML 7Page - Infineon Technologies AG TLE6285 Datasheet HTML 8Page - Infineon Technologies AG TLE6285 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Target Data
TLE 6285
Version 1.02
4
2002-05-15
1.4
Pin Definitions and Functions:
Pin No.
Symbol
Function
1,8,9,16
GND
Ground; place to cooling tabs to improve thermal behavior
2
INHI
Inhibit Voltage Regulator Input; TTL compatible, HIGH active
(HIGH switches the VR on); connect to VBAT if not needed
3RO
Reset Output; open collector output connected to the output via
a resistor of 20k
W
4VCCO
5V Output; connected to GND with 22µF capacitor, ESC<3
W
5
INHO
Inhibit LIN Output; to control a voltage regulator
6RxD
Receive Data Output; internal 30k
W pull up to Vs, LOW in
dominat state
7ENLIN
Enable LIN Input; integrated 30k
W pull down, transceiver in
normal operation mode when HIGH
10
VCCI
5V Supply Input; VCC input to supply the LIN transceiver
11
TxD
Transmit Data Input; internal 30k
W pull up to Vs, LOW in
dominant state
12
BUS
LIN BUS Output/Input; internal 30k
W pull up to Vs, LOW in
dominant state
13
VBAT
Battery Supply Input; a reverse current protection diode is
required, block GND with 100nF ceramic capacitor and 22µF
capacitor
14
RTh
Reset Threshold; internal defined typical 4.6V, adjustable down
to 3.5V according to the voltage level on this pin; connect to GND
if not needed
15
RD
Reset delay; connected to ground via external delay capacitor


유사한 부품 번호 - TLE6285

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
TLE6280 INFINEON-TLE6280 Datasheet
821Kb / 24P
   3-Phase Bridge Driver IC
2007-07-19
TLE6280GP INFINEON-TLE6280GP Datasheet
821Kb / 24P
   3-Phase Bridge Driver IC
2007-07-19
TLE6280GP INFINEON-TLE6280GP Datasheet
362Kb / 25P
   3-Phase Bridge Driver IC
2007-07-19
TLE6280GP INFINEON-TLE6280GP_07 Datasheet
362Kb / 25P
   3-Phase Bridge Driver IC
2007-07-19
TLE6281G INFINEON-TLE6281G Datasheet
270Kb / 15P
   H-Bridge Driver IC
Rev 2.2 2006-01-30
More results

유사한 설명 - TLE6285

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
TLE6286 INFINEON-TLE6286 Datasheet
194Kb / 19P
   LIN-Transceiver LDO
Version 1.02 2001-10-15
logo
NXP Semiconductors
TJA1020 PHILIPS-TJA1020 Datasheet
105Kb / 24P
   LIN transceiver
2002 Jul 17
logo
ATMEL Corporation
ATA6661 ATMEL-ATA6661 Datasheet
209Kb / 15P
   LIN TRANSCEIVER
ATA6663 ATMEL-ATA6663_14 Datasheet
747Kb / 19P
   LIN Transceiver
logo
AMI SEMICONDUCTOR
AMIS-30600 AMI-AMIS-30600 Datasheet
501Kb / 11P
   LIN Transceiver
logo
ON Semiconductor
NCV7380 ONSEMI-NCV7380 Datasheet
92Kb / 14P
   LIN Transceiver
May, 2004 ??Rev. P3
logo
Infineon Technologies A...
TLE7259-2GU INFINEON-TLE7259-2GU Datasheet
514Kb / 31P
   LIN Transceiver
Rev. 1.1, July 2008
logo
ATMEL Corporation
ATA6661 ATMEL-ATA6661_08 Datasheet
260Kb / 9P
   LIN Transceiver
logo
ON Semiconductor
AMIS-30600 ONSEMI-AMIS-30600 Datasheet
207Kb / 11P
   LIN Transceiver
February, 2010 ??Rev. 7
logo
ATMEL Corporation
ATA6663 ATMEL-ATA6663 Datasheet
723Kb / 20P
   LIN Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com