전자부품 데이터시트 검색엔진 |
|
70-W212NMC600SH01-M700P 데이터시트(PDF) 5 Page - Vincotech |
|
70-W212NMC600SH01-M700P 데이터시트(HTML) 5 Page - Vincotech |
5 / 31 page 70-W212NMC600SH01-M700P Parameter Symbol Unit VGE [V] or VGS [V] Vr [V] or VCE [V] or VDS [V] IC [A] or IF [A] or ID [A] Tj Min Typ Max Value Conditions Characteristic Values Tj=25°C 1 2,15 2,7 Tj=150°C 2,15 Tj=25°C 720 Tj=150°C Tj=25°C 477 Tj=125°C 599 Tj=25°C 67 Tj=125°C 91 Tj=25°C 19 Tj=125°C 33 di(rec)max Tj=25°C 21481 /dt Tj=125°C 20331 Tj=25°C 4 Tj=125°C 7 Thermal resistance chip to heatsink per chip RthJH 0,20 Thermal resistance chip to case per chip RthJC 0,13 Screw M4 - mounting according to valid application note FSWB1-4TY-M-*-HI Screw M5 - mounting according to valid application note FSWB1-4TY-M-*-HI FSWB1-4TY-M-*-HI Nm Nm 6 5 4 2,2 g 1300 Weight G Mounting torque M Screw M6 - mounting according to valid application note Nm Terminal connection torque M 2,5 2 Mounting torque M Module inductance (from chips to PCB) LsCE Module Properties nH 10 µA mWs µC V ns 600 600 Peak rate of fall of recovery current Reverse recovered charge Reverse recovery energy DC link Capacitor Phase-Change Material thickness≤100um 350 1200 Erec C value C ±15 Deviation of R100 Power dissipation P R100=1486 Ω trr Qrr Rgon=1 Ω IRRM Rated resistance R Thermistor Peak reverse recovery current half bridge FWD ( D1 , D4 ) Reverse recovery time FWD forward voltage Reverse leakage current VF Ir Power dissipation constant 22000 ∆R/R B-value B(25/50) Tol. ±3% mW/K K/W A/µs A Vincotech NTC Reference B-value K 3950 B(25/100) Tj=25°C Tj=25°C Tj=25°C Tc=100°C Tj=25°C B 3996 K Tj=25°C Tol. ±3% Tj=25°C -12 200 2 2* 0,68 +14 % Ω mW µF copyright by Vincotech 5 Revision: 1.1 |
유사한 부품 번호 - 70-W212NMC600SH01-M700P |
|
유사한 설명 - 70-W212NMC600SH01-M700P |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |