전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

70-W224NIA400SH-M400P 데이터시트(PDF) 4 Page - Vincotech

부품명 70-W224NIA400SH-M400P
상세설명  Snubber diode for optional asymmetrical inductance
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VINCOTECH [Vincotech]
홈페이지  http://www.vincotech.com
Logo VINCOTECH - Vincotech

70-W224NIA400SH-M400P 데이터시트(HTML) 4 Page - Vincotech

  70-W224NIA400SH-M400P Datasheet HTML 1Page - Vincotech 70-W224NIA400SH-M400P Datasheet HTML 2Page - Vincotech 70-W224NIA400SH-M400P Datasheet HTML 3Page - Vincotech 70-W224NIA400SH-M400P Datasheet HTML 4Page - Vincotech 70-W224NIA400SH-M400P Datasheet HTML 5Page - Vincotech 70-W224NIA400SH-M400P Datasheet HTML 6Page - Vincotech 70-W224NIA400SH-M400P Datasheet HTML 7Page - Vincotech 70-W224NIA400SH-M400P Datasheet HTML 8Page - Vincotech 70-W224NIA400SH-M400P Datasheet HTML 9Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
70-W224NIA400SH-M400P
datasheet
Parameter
Symbol
Unit
VGE [V] or
VGS [V]
Vr [V]
or
VCE [V] or
VDS [V]
IC [A] or
IF [A] or
ID [A]
Tj
Min
Typ
Max
Tj=25°C
5,2
5,8
6,4
Tj=125°C
Tj=25°C
1,7
2,14
Tj=125°C
2,44
Tj=25°C
0,048
Tj=125°C
Tj=25°C
960
Tj=125°C
Tj=25°C
171
Tj=125°C
172
Tj=25°C
24
Tj=125°C
29
Tj=25°C
238
Tj=125°C
290
Tj=25°C
21
Tj=125°C
38
Tj=25°C
9,03
Tj=125°C
14,33
Tj=25°C
13,20
Tj=125°C
21,33
Thermal resistance chip to heatsink
RthJH
0,105
Thermal resistance chip to case
RthJC
0,069
Tj=25°C
2,34
Tj=125°C
2,38
Tj=25°C
480
Tj=150°C
Tj=25°C
506
Tj=125°C
624
Tj=25°C
86
Tj=125°C
117
Tj=25°C
34,86
Tj=125°C
57,89
di(rec)max
Tj=25°C
14614
/dt
Tj=125°C
15212
Tj=25°C
15,14
Tj=125°C
26,14
Thermal resistance chip to heatsink
RthJH
0,163
Thermal resistance chip to case
RthJC
0,108
ns
V
nA
mA
V
µA
V
pF
K/W
mWs
A
K/W
mWs
nC
ns
µC
A/µs
0,5
1840
22160
1280
1520
Peak reverse recovery current
Turn-on energy loss per pulse
Buck Diode ( D5 , D6 )
Diode forward voltage
Turn-off energy loss per pulse
Reverse transfer capacitance
Input capacitance
Output capacitance
Reverse leakage current
Peak rate of fall of recovery current
Reverse recovery time
Gate charge
Tj=25°C
600
1200
398
Phase-Change
Material
λ = 3,4 W/mK
f=1MHz
400
1200
Tj=25°C
960
25
400
Buck IGBT ( T1 , T4 )
Fall time
Turn-off delay time
Turn-on delay time
Collector-emitter saturation voltage
Integrated Gate resistor
Rise time
Gate-emitter leakage current
Collector-emitter cut-off current incl. Diode
Gate emitter threshold voltage
Characteristic Values
Value
Conditions
Eoff
IRRM
Erec
VGE(th)
VCE(sat)
VF
Crss
QGate
Coss
Rgint
IGES
VCE=VGE
tr
ICES
td(on)
Cies
td(off)
tf
Eon
0
15
±15
0
20
Rgoff=1
Phase-Change
Material
λ = 3,4 W/mK
15
Rgon=1
Reverse recovered energy
IR
Qrr
trr
Reverse recovered charge
400
0,0136
0
Rgon=1
±15
600
398
copyright Vincotech
4
14 Jul 2015 / Revision 4


유사한 부품 번호 - 70-W224NIA400SH-M400P

제조업체부품명데이터시트상세설명
logo
Vincotech
70-W212NMA300SC-M208P VINCOTECH-70-W212NMA300SC-M208P Datasheet
3Mb / 28P
   Integrated DC-snubber capacitors
70-W212NMA400NB02-M209P62 VINCOTECH-70-W212NMA400NB02-M209P62 Datasheet
5Mb / 30P
   High power screw interface
70-W212NMA400SC-M209P VINCOTECH-70-W212NMA400SC-M209P Datasheet
3Mb / 28P
   Mixed voltage NPC
70-W212NMA400SC03-M209P03 VINCOTECH-70-W212NMA400SC03-M209P03 Datasheet
3Mb / 29P
   Integrated DC-snubber capacitors
70-W212NMA600NB02-M200P62 VINCOTECH-70-W212NMA600NB02-M200P62 Datasheet
3Mb / 31P
   Mixed voltage NPC
More results

유사한 설명 - 70-W224NIA400SH-M400P

제조업체부품명데이터시트상세설명
logo
Vincotech
70-W424NIA800SH-M800F VINCOTECH-70-W424NIA800SH-M800F Datasheet
1Mb / 32P
   Snubber diode for optional asymmetrical inductance
logo
JILIN SINO-MICROELECTRO...
15F60UHF JSMC-15F60UHF Datasheet
271Kb / 6P
   Snubber diode
logo
Rugao Dachang Electroni...
PSD300-82 DACHANG-PSD300-82_15 Datasheet
147Kb / 5P
   Power Snubber Diode
PSD200-170 DACHANG-PSD200-170 Datasheet
175Kb / 5P
   Power Snubber Diode
PSD200-200 DACHANG-PSD200-200 Datasheet
181Kb / 5P
   Power Snubber Diode
PSD300-82 DACHANG-PSD300-82 Datasheet
147Kb / 5P
   Power Snubber Diode
PSD300-200 DACHANG-PSD300-200 Datasheet
185Kb / 5P
   Power Snubber Diode
PSD200-82 DACHANG-PSD200-82_15 Datasheet
143Kb / 5P
   Power Snubber Diode
PSD200-82 DACHANG-PSD200-82 Datasheet
143Kb / 5P
   Power Snubber Diode
PSD200-170 DACHANG-PSD200-170_15 Datasheet
175Kb / 5P
   Power Snubber Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com