전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADC-100 데이터시트(PDF) 1 Page - Faraday Technology

부품명 ADC-100
상세설명  VIDEO FRONT-END MODULES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FARADAY [Faraday Technology]
홈페이지  http://www.faradaytech.com/
Logo FARADAY - Faraday Technology

ADC-100 데이터시트(HTML) 1 Page - Faraday Technology

  ADC-100 Datasheet HTML 1Page - Faraday Technology ADC-100 Datasheet HTML 2Page - Faraday Technology ADC-100 Datasheet HTML 3Page - Faraday Technology ADC-100 Datasheet HTML 4Page - Faraday Technology ADC-100 Datasheet HTML 5Page - Faraday Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Faraday Technology. As part of continual product improvement the specifications, details and dimensions shown in this publication are subject to change without notice
Fara064d.doc
Page 1 of 5
Apr-01(E)
The ADC-100 range converts analogue video in various formats to 10 or 12 bit parallel digital
video. The range provides a complete front end solution for the digitising of high quality
component, composite or s-video. The module incorporates a tightly specified anti-aliasing filter, an
A-D converter and a digital filter all on a board measuring no more than 1044mm
2 (1.65sq in).
Features
Typical applications
• ± 5V operation
• Video Broadcast and studio equipment
• High impedance input stage
• Digital Cameras
• Filtered and buffered video o/p
• Telecommunications equipment
• User just provides pixel clock and clamp pulse
• Video Frame Grabber Cards for PCs
• Choice of 10 or 12 bit A-D
• Closed Circuit Security
• Matched digital delay Y,Pb/Pr units
(to eliminate additional delay lines)
ADC-100 BLOCK DIAGRAM
ADC-100 RANGE
VIDEO FRONT-END MODULES


유사한 부품 번호 - ADC-100

제조업체부품명데이터시트상세설명
logo
Mini-Circuits
ADC-10-1R MINI-ADC-10-1R Datasheet
254Kb / 1P
   Directional Coupler 50廓 5 to 900 MHz
ADC-10-1R++ MINI-ADC-10-1R+ Datasheet
254Kb / 1P
   Directional Coupler 50廓 5 to 900 MHz
ADC-10-4 MINI-ADC-10-4 Datasheet
261Kb / 1P
   Directional Coupler 50廓 5 to 1000 MHz
ADC-10-4++ MINI-ADC-10-4+ Datasheet
261Kb / 1P
   Directional Coupler 50廓 5 to 1000 MHz
ADC-10-4-75 MINI-ADC-10-4-75 Datasheet
260Kb / 1P
   Directional Coupler 75廓 5 to 1000 MHz
More results

유사한 설명 - ADC-100

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
EL4501 INTERSIL-EL4501 Datasheet
477Kb / 19P
   Video Front End
logo
Elantec Semiconductor
EL4501C ELANTEC-EL4501C Datasheet
183Kb / 10P
   Video Front End
logo
Intersil Corporation
EL4501 INTERSIL-EL4501_06 Datasheet
365Kb / 19P
   Video Front End
logo
Renesas Technology Corp
EL4501 RENESAS-EL4501 Datasheet
924Kb / 20P
   Video Front End
logo
Intersil Corporation
EL4501 INTERSIL-EL4501_10 Datasheet
469Kb / 19P
   Video Front End (VFE)
logo
List of Unclassifed Man...
MI-AIM ETC-MI-AIM Datasheet
210Kb / 2P
   Military Component Front End Modules
logo
Vicor Corporation
MI-AI VICOR-MI-AI Datasheet
210Kb / 2P
   Military Component Front End Modules
logo
XP Power Limited
CPH500USC3 XPPOWER-CPH500USC3 Datasheet
86Kb / 2P
   Component Power AC Front End Modules
logo
Vicor Corporation
MI-AIM-I1 VICOR-MI-AIM-I1 Datasheet
103Kb / 2P
   Military COTS Component Front-end Modules
logo
NXP Semiconductors
PNX3000 PHILIPS-PNX3000 Datasheet
285Kb / 51P
   Analog front end for digital video processors
2004 Oct 04
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com