전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

54ACT573 데이터시트(PDF) 4 Page - Texas Instruments

부품명 54ACT573
상세설명  Octal Latch with Tri-State Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

54ACT573 데이터시트(HTML) 4 Page - Texas Instruments

  54ACT573_13 Datasheet HTML 1Page - Texas Instruments 54ACT573_13 Datasheet HTML 2Page - Texas Instruments 54ACT573_13 Datasheet HTML 3Page - Texas Instruments 54ACT573_13 Datasheet HTML 4Page - Texas Instruments 54ACT573_13 Datasheet HTML 5Page - Texas Instruments 54ACT573_13 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
OBSOLETE
54ACT573
SNOS141B – AUGUST 1998 – REVISED APRIL 2013
www.ti.com
DC CHARACTERISTICS FOR 'ACT FAMILY DEVICES (continued)
54ACT
Symbol
Parameter
VCC
TA =
Units
Conditions
(V)
−55°C to +125°C
Specified Limits
IOZ
Maximum Tri-State Leakage Current
VI = VIL, VIH
5.5
±5.0
μA
VO = VCC, GND
ICCT
MaximumICC/Input
5.5
1.6
mA
VI = VCC − 2.1V
IOLD
Minimum
5.5
50
mA
VOLD = 1.65V Max
Dynamic Output
IOHD
5.5
−50
mA
VOHD = 3.85V Min
Current(2)
ICC
Maximum Quiescent
VIN = VCC or GND
5.5
80.0
μA
Supply Current
(2)
Maximum test duration 2.0 ms, one output loaded at a time.
AC ELECTRICAL CHARACTERISTICS
54ACT
VCC
TA = −55°C
Fig.
Symbol
Parameter
to +125°C
Units
No.
(V)(1)
CL = 50 pF
Min
Max
tPLH
Propagation Delay
5.0
1.5
13.5
ns
Dm to On
tPHL
Propagation Delay
5.0
1.5
13.5
ns
Dn to On
tPLH
Propagation Delay
5.0
1.5
13.0
ns
LE to On
tPHL
Propagation Delay
5.0
1.5
12.0
ns
LE to On
tPZH
Output Enable Time
5.0
1.5
11.5
ns
tPZL
Output Enable Time
5.0
1.5
11.0
ns
tPHZ
Output Disable Time
5.0
1.5
13.5
ns
tPLZ
Output Disable Time
5.0
1.5
10.5
ns
(1)
Voltage Range 5.0 is 5.0V ±0.5V
AC OPERATING REQUIREMENTS
54ACT
VCC
TA = −55°C
Fig.
Symbol
Parameter
to +125°C
Units
No.
(V)(1)
CL = 50 pF
Specified Minimum
ts
Setup Time, HIGH or LOW
5.0
4.5
ns
Dn to LE
th
Hold Time, HIGH or LOW
5.0
1.0
ns
Dn to LE
tw
LE Pulse Width, HIGH
5.0
5.0
ns
(1)
Voltage Range 5.0 is 5.0V ±0.5V
CAPACITANCE
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Capacitance
5.0
pF
VCC = OPEN
CPD
Power Dissipation Capacitance
25.0
pF
VCC = 5.0V
4
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: 54ACT573


유사한 부품 번호 - 54ACT573_13

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
54ACT573D NSC-54ACT573D Datasheet
159Kb / 10P
   Octal Latch with TRI-STATE Outputs
54ACT573F NSC-54ACT573F Datasheet
159Kb / 10P
   Octal Latch with TRI-STATE Outputs
54ACT573L NSC-54ACT573L Datasheet
159Kb / 10P
   Octal Latch with TRI-STATE Outputs
More results

유사한 설명 - 54ACT573_13

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
54ACT563 NSC-54ACT563 Datasheet
159Kb / 6P
   Octal Latch with TRI-STATE Outputs
54ACT573 NSC-54ACT573 Datasheet
159Kb / 10P
   Octal Latch with TRI-STATE Outputs
74ABT373 NSC-74ABT373 Datasheet
333Kb / 16P
   Octal Transparent Latch with TRI-STATE Outputs
54F373DM NSC-54F373DM Datasheet
174Kb / 8P
   Octal Transparent Latch with TRI-STATE Outputs
54FCT533 NSC-54FCT533 Datasheet
152Kb / 6P
   Octal Transparent Latch with TRI-STATE Outputs
54ABT373 NSC-54ABT373 Datasheet
357Kb / 14P
   Octal Transparent Latch with TRI-STATE Outputs
54F533DM NSC-54F533DM Datasheet
166Kb / 8P
   Octal Transparent Latch with TRI-STATE Outputs
54AC373 NSC-54AC373 Datasheet
166Kb / 10P
   Octal Transparent Latch with TRI-STATE Outputs
54FCT373 NSC-54FCT373 Datasheet
146Kb / 8P
   Octal Transparent Latch with TRI-STATE Outputs
54FCT573 NSC-54FCT573 Datasheet
148Kb / 7P
   Octal D-Type Latch with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com