전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74TVC3306 데이터시트(PDF) 6 Page - Texas Instruments

부품명 SN74TVC3306
상세설명  SN74TVC3306 Dual Voltage Clamp
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74TVC3306 데이터시트(HTML) 6 Page - Texas Instruments

Back Button SN74TVC3306_15 Datasheet HTML 2Page - Texas Instruments SN74TVC3306_15 Datasheet HTML 3Page - Texas Instruments SN74TVC3306_15 Datasheet HTML 4Page - Texas Instruments SN74TVC3306_15 Datasheet HTML 5Page - Texas Instruments SN74TVC3306_15 Datasheet HTML 6Page - Texas Instruments SN74TVC3306_15 Datasheet HTML 7Page - Texas Instruments SN74TVC3306_15 Datasheet HTML 8Page - Texas Instruments SN74TVC3306_15 Datasheet HTML 9Page - Texas Instruments SN74TVC3306_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
NOTES: A. CL includes probe and jig capacitance.
B. All input pulses are supplied by generators having the following characteristics: PRR≤ 10 MHz, ZO = 50 Ω, tr ≤ 2 ns, tf ≤ 2 ns.
C. The outputs are measured one at a time, with one transition per measurement.
From Output
Under Test
CL
(see Note A)
LOAD CIRCUIT
RL
Translating up
Translating down
S1
S2
USAGE
SWITCH
V
V
V
M
M
IH
VIL
Input
V
V
V
M
M
OH
VOL
Output
VT
S1
S2
Open
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
±1
0
1
2
3
4
V
IN (V)
-40°C
25°C
85°C
C001
SN74TVC3306
SCDS112D – MARCH 2001 – REVISED DECEMBER 2014
www.ti.com
7.10 Typical Characteristics
Figure 1. RON vs VIN at IIN = 15 mA.
8 Parameter Measurement Information
Figure 2. Load Circuit for Outputs
6
Submit Documentation Feedback
Copyright © 2001–2014, Texas Instruments Incorporated
Product Folder Links: SN74TVC3306


유사한 부품 번호 - SN74TVC3306_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74TVC3306DCTR TI-SN74TVC3306DCTR Datasheet
186Kb / 9P
[Old version datasheet]   DUAL VOLTAGE CLAMP
SN74TVC3306DCTR TI-SN74TVC3306DCTR Datasheet
225Kb / 11P
[Old version datasheet]   DUAL VOLTAGE CLAMP
SN74TVC3306DCTR TI1-SN74TVC3306DCTR Datasheet
589Kb / 13P
[Old version datasheet]   DUAL VOLTAGE CLAMP
SN74TVC3306DCTRE4 TI-SN74TVC3306DCTRE4 Datasheet
186Kb / 9P
[Old version datasheet]   DUAL VOLTAGE CLAMP
SN74TVC3306DCTRE4 TI-SN74TVC3306DCTRE4 Datasheet
225Kb / 11P
[Old version datasheet]   DUAL VOLTAGE CLAMP
More results

유사한 설명 - SN74TVC3306_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74TVC3306 TI-SN74TVC3306_07 Datasheet
225Kb / 11P
[Old version datasheet]   DUAL VOLTAGE CLAMP
SN74TVC3306 TI-SN74TVC3306 Datasheet
186Kb / 9P
[Old version datasheet]   DUAL VOLTAGE CLAMP
SN74TVC16222-2 TI1-SN74TVC16222-2 Datasheet
589Kb / 13P
[Old version datasheet]   DUAL VOLTAGE CLAMP
logo
Gaomi Xinghe Electronic...
SMF50CA GXELECTRONICS-SMF50CA Datasheet
1Mb / 6P
   Maximum Clamp Voltage
logo
Texas Instruments
SN74TVC3010 TI-SN74TVC3010 Datasheet
142Kb / 11P
[Old version datasheet]   10-BIT VOLTAGE CLAMP
SN74TVC16222A TI-SN74TVC16222A_07 Datasheet
299Kb / 18P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
SN74TVC16222-1 TI1-SN74TVC16222-1 Datasheet
763Kb / 21P
[Old version datasheet]   10-BIT VOLTAGE CLAMP
SN74TVC16222A TI-SN74TVC16222A_08 Datasheet
421Kb / 17P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
SN74TVC16222 TI1-SN74TVC16222 Datasheet
427Kb / 17P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
SN74TVC3010 TI-SN74TVC3010_07 Datasheet
505Kb / 19P
[Old version datasheet]   10-BIT VOLTAGE CLAMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com