전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KM681001A 데이터시트(PDF) 1 Page - Samsung semiconductor

부품명 KM681001A
상세설명  128K x 8 Bit High-Speed CMOS Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMSUNG [Samsung semiconductor]
홈페이지  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM681001A 데이터시트(HTML) 1 Page - Samsung semiconductor

  KM681001A Datasheet HTML 1Page - Samsung semiconductor KM681001A Datasheet HTML 2Page - Samsung semiconductor KM681001A Datasheet HTML 3Page - Samsung semiconductor KM681001A Datasheet HTML 4Page - Samsung semiconductor KM681001A Datasheet HTML 5Page - Samsung semiconductor KM681001A Datasheet HTML 6Page - Samsung semiconductor KM681001A Datasheet HTML 7Page - Samsung semiconductor KM681001A Datasheet HTML 8Page - Samsung semiconductor KM681001A Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
KM681001A
CMOS SRAM
PRELIMINARY
Rev 5.0
- 1 -
February 1998
Document Title
128Kx8 High Speed Static RAM(5V Operating), Evolutionary Pin Out.
Operated at Commercial Temperature Range.
Revision History
The attached data sheets are prepared and approved by SAMSUNG Electronics. SAMSUNG Electronics CO., LTD. reserve the
right to change the specifications. SAMSUNG Electronics will evaluate and reply to your requests and questions on the parameters
of this device. If you have any questions, please contact the SAMSUNG branch office near your office, call or contact Headquarters.
Rev. No.
Rev. 0.0
Rev. 1.0
Rev. 2.0
Rev. 3.0
Rev. 4.0
Rev. 5.0
Remark
Design Target
Preliminary
Final
Final
Final
Final
History
Initial release with Design Target.
Release to Preliminary Data Sheet.
1.1. Replace Design Target to Preliminary
Release to final Data Sheet.
2.1. Delete Preliminary
Update D.C and A.C parameters.
3.1. Update D.C parameters
3.2. Update A.C parameters
Update D.C and A.C parameters and add 300mil-SOJ PKG.
4. 1. Add 32-Pin 300mil-SOJ Package.
4. 2. Update D.C and A.C parameters.
4.3. Add the test condition for Voh1 with Vcc=5V
±5% at 25°C
4.4. Add timing diagram to define tWP1 as
″(Timing Wave Form of
Write Cycle(OE=Low Fixed)
5.1. Delete 17ns Part
5.2. Delete 32-SOJ-300 Package
Items
Previous spec.
(15/17/20ns part)
Updated spec.
(15/17/20ns part)
Icc
190/180/170mA
165/165/160mA
Isb
30mA
25mA
Isb1
10mA
8mA
Items
Previous spec.
(15/17/20ns part)
Updated spec.
(15/17/20ns part)
tCW
12/12/13ns
10/11/12ns
tAW
12/12/13ns
10/11/12ns
tWP1(OE=H)
12/12/13ns
10/11/12ns
tDW
8/9/10ns
7/8/9ns
Items
Previous spec.
(15/17/20ns part)
Updated spec.
(15/17/20ns part)
Icc
165/165/160mA
125/125/120mA
tOW
3/4/5ns
3/3/3ns
Draft Data
Jan. 18th, 1995
Apr. 22th, 1995
Feb. 29th, 1996
Jul. 16th, 1996
Jun. 2nd, 1997
Feb. 25th, 1998


유사한 부품 번호 - KM681001A

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
KM681001B SAMSUNG-KM681001B Datasheet
181Kb / 9P
   128K x 8 Bit High-Speed CMOS Static RAM
KM681001B-15 SAMSUNG-KM681001B-15 Datasheet
181Kb / 9P
   128K x 8 Bit High-Speed CMOS Static RAM
KM681001B-20 SAMSUNG-KM681001B-20 Datasheet
181Kb / 9P
   128K x 8 Bit High-Speed CMOS Static RAM
More results

유사한 설명 - KM681001A

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
KM681001B SAMSUNG-KM681001B Datasheet
181Kb / 9P
   128K x 8 Bit High-Speed CMOS Static RAM
logo
Taiwan Memory Technolog...
T14M1024A TMT-T14M1024A Datasheet
74Kb / 10P
   128K X 8 HIGH SPEED CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1024 PYRAMID-P4C1024 Datasheet
87Kb / 8P
   HIGH SPEED 128K X 8 CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS63WV1024BLL ISSI-IS63WV1024BLL Datasheet
136Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T14L1024A TMT-T14L1024A Datasheet
86Kb / 12P
   128K X 8 HIGH SPEED CMOS STATIC RAM
logo
Winbond
W24L010A WINBOND-W24L010A Datasheet
152Kb / 9P
   128K X 8 High Speed CMOS Static RAM
W24L11 WINBOND-W24L11 Datasheet
170Kb / 11P
   128K X 8 High Speed CMOS Static RAM
logo
Integrated Circuit Solu...
IS62C1024 ICSI-IS62C1024 Datasheet
423Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62C1024 ISSI-IS62C1024 Datasheet
67Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024AL-12JLI-TR ISSI-IS61C1024AL-12JLI-TR Datasheet
883Kb / 15P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com