전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMAC60 데이터시트(PDF) 1 Page - Allied Components International

부품명 SMAC60
상세설명  Surface Mount Air Core Inductor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ALLIED [Allied Components International]
홈페이지  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

SMAC60 데이터시트(HTML) 1 Page - Allied Components International

  SMAC60 Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Surface Mount Air Core Inductor
SMAC60
15
Allied
Part
Number
SMAC60-R10L-RC
100
Inductance
Tolerance
Recommended Land Pattern
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
RoHS
Dimensions: (mm)
15.0
DCR
Max.
(mΩ)
All specifications subject to change without notice.
02/17/2016
Features
• Small low profile air core design
• High SRF’s for high frequency applications
Flat top cap for pick and place assembly
• Excellent for high Q applications
Test Equipment
DCR: Zentech 502A
Inductance: Agilent/HP16193 Fixture in Agilent/4291B
Physical
Packaging: 1500 pieces per Reel
Marking: None
(nh)
(%)
200/0.5V
Test
Freq.
(MHz)
10.67±0.381
11.8 Max.
0.7 Max.
4.826±0.76
UV Coating Void Appearance Tolerance Limit
a
a≦W/3 Good
a≧W/3 NG
10.67
1.27
• Operating Temp: -40ºC ~ +125ºC
Material List
Wire: Polyester Enameled Copper Wire
Epoxy: UV Coating
15
SMAC60-R30L-RC
300
49.0
200/0.5V


유사한 부품 번호 - SMAC60

제조업체부품명데이터시트상세설명
logo
Allied Components Inter...
SMAC0312 ALLIED-SMAC0312 Datasheet
1Mb / 1P
   wire
SMAC0312-1R15K ALLIED-SMAC0312-1R15K Datasheet
1Mb / 1P
   wire
SMAC0312-3R25K ALLIED-SMAC0312-3R25K Datasheet
1Mb / 1P
   wire
SMAC10-15 ALLIED-SMAC10-15 Datasheet
408Kb / 1P
   Surface Mount Air Core Inductors
SMAC10-2-RC ALLIED-SMAC10-2-RC Datasheet
316Kb / 1P
   Surface Mount Air Core Inductors
More results

유사한 설명 - SMAC60

제조업체부품명데이터시트상세설명
logo
Allied Components Inter...
SMAC25-22NJ-RC ALLIED-SMAC25-22NJ-RC Datasheet
669Kb / 1P
   Surface Mount Air Core Inductors
SMAC20-1K-RC ALLIED-SMAC20-1K-RC Datasheet
398Kb / 1P
   Surface Mount Air Core Inductors
SMAC20-1-RC ALLIED-SMAC20-1-RC Datasheet
299Kb / 1P
   Surface Mount Air Core Inductors
SMAC25 ALLIED-SMAC25 Datasheet
662Kb / 1P
   Surface Mount Air Core Inductors
SMAC20-30 ALLIED-SMAC20-30 Datasheet
398Kb / 1P
   Surface Mount Air Core Inductors
SMAC10-2K-RC ALLIED-SMAC10-2K-RC Datasheet
400Kb / 1P
   Surface Mount Air Core Inductors
SMAC25-22G-RC ALLIED-SMAC25-22G-RC Datasheet
662Kb / 1P
   Surface Mount Air Core Inductors
SMAC10-2-RC ALLIED-SMAC10-2-RC Datasheet
316Kb / 1P
   Surface Mount Air Core Inductors
SMAC10-15 ALLIED-SMAC10-15 Datasheet
408Kb / 1P
   Surface Mount Air Core Inductors
logo
Rhombus Industries Inc.
L-19530 RHOMBUS-IND-L-19530 Datasheet
16Kb / 1P
   SURFACE MOUNT DRUM CORE INDUCTOR
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com