전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD4019BM 데이터시트(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
부품명 CD4019BM
상세설명  Quad AND-OR Select Gate
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4019BM 데이터시트(HTML) 3 Page - National Semiconductor (TI)

  CD4019BM Datasheet HTML 1Page - National Semiconductor (TI) CD4019BM Datasheet HTML 2Page - National Semiconductor (TI) CD4019BM Datasheet HTML 3Page - National Semiconductor (TI) CD4019BM Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DC Electrical Characteristics CD4019BC (Note 2)
Symbol
Parameter
Conditions
b
55 C
a
25 C
a
125 C
Units
Min
Max
Min
Typ
Max
Min
Max
IDD
Quiescent Device
VDD e 5V
1
003
1
75
m
A
Current
VDD e 10V
2
005
2
15
m
A
VDD e 15V
4
007
4
30
m
A
VOL
Low Level
lIOl k 1 mA
Output Voltage
VDD e 5V
005
0
005
005
V
VDD e 10V
005
0
005
005
V
VDD e 15V
005
0
005
005
V
VOH
High Level
lIOl k 1 mA
Output Voltage
VDD e 5V
495
495
5
495
V
VDD e 10V
995
995
10
995
V
VDD e 15V
1495
1495
15
1495
V
VIL
Low Level
VDD e 5V VO e 05V or 45V
15
2
15
15
V
Input Voltage
VDD e 10V VO e 10V or 90V
30
4
30
30
V
VDD e 15V VO e 15V or 135V
40
6
40
40
V
VIH
High Level
VDD e 5V VO e 05V or 45V
35
35
3
35
V
Input Voltage
VDD e 10V VO e 10V or 90V
70
70
6
70
V
VDD e 15V VO e 15V or 135V
110
110
9
110
V
IOL
Low Level Output
VDD e 5V VO e 04V
052
044
1
036
mA
Current (Note 3)
VDD e 10V VO e 05V
13
11
25
09
mA
VDD e 15V VO e 15V
36
30
10
24
mA
IOH
High Level Output
VDD e 5V VO e 46V
b
02
b
016
b
04
b
012
mA
Current (Note 3)
VDD e 10V VO e 95V
b
05
b
04
b
10
b
03
mA
VDD e 15V VO e 135V
b
14
b
12
b
30
b
10
mA
IIN
Input Current
VDD e 15V VIN e 0V
b
030
b
10b5
b
030
b
10
m
A
VDD e 15V VIN e 15V
030
10b5
030
10
m
A
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed they are not meant to imply that the devices
should be operated at these limits The tables of ‘‘Recommended Operating Conditions’’ and ‘‘Electrical Characteristics’’ provide conditions for actual device
operation
Note 2
VSS e 0V unless otherwise specified
Note 3
IOH and IOL are tested one output at a time
AC Electrical Characteristics TA e 25 C CL e 50 pF RL e 200k unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tPHL
Propagation Delay
VDD e 5V
100
300
ns
tPLH
Input to Output
VDD e 10V
50
120
ns
VDD e 15V
45
100
ns
tTHL
High-to-Low Level
VDD e 5V
100
200
ns
Transition Time
VDD e 10V
50
100
ns
VDD e 15V
40
80
ns
tTLH
Low-to-High Level
VDD e 5V
150
300
ns
Transition Time
VDD e 10V
70
140
ns
VDD e 15V
50
100
ns
CIN
Input Capacitance
All A and B Inputs
5
75
pF
KA and KB Inputs
10
15
pF
AC Parameters are guaranteed by DC correlated testing
3


유사한 부품 번호 - CD4019BM

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD4019BM TI-CD4019BM Datasheet
515Kb / 11P
[Old version datasheet]   CMOS Quad AND/OR Select Gate
CD4019BM TI1-CD4019BM Datasheet
938Kb / 16P
[Old version datasheet]   CMOS Quad AND/OR Gate
CD4019BM96 TI-CD4019BM96 Datasheet
515Kb / 11P
[Old version datasheet]   CMOS Quad AND/OR Select Gate
CD4019BM96 TI1-CD4019BM96 Datasheet
938Kb / 16P
[Old version datasheet]   CMOS Quad AND/OR Gate
CD4019BM96E4 TI1-CD4019BM96E4 Datasheet
938Kb / 16P
[Old version datasheet]   CMOS Quad AND/OR Gate
More results

유사한 설명 - CD4019BM

제조업체부품명데이터시트상세설명
logo
Micro Electronics
MMC4019 MICRO-ELECTRONICS-MMC4019 Datasheet
102Kb / 4P
   QUAD AND OR SELECT GATE
logo
Fairchild Semiconductor
CD4019BC FAIRCHILD-CD4019BC Datasheet
59Kb / 6P
   Quad AND-OR Select Gate
logo
STMicroelectronics
HCC4019B STMICROELECTRONICS-HCC4019B Datasheet
281Kb / 13P
   QUAD AND/OR SELECT GATE
logo
System Logic Semiconduc...
SL4019B SLS-SL4019B Datasheet
43Kb / 4P
   Quad AND/OR Select Gate
logo
List of Unclassifed Man...
IW4019B ETC1-IW4019B Datasheet
245Kb / 5P
   Quad AND/OR Select Gate
logo
STMicroelectronics
HCF4019B STMICROELECTRONICS-HCF4019B_01 Datasheet
405Kb / 9P
   QUAD AND/OR SELECT GATE
logo
Texas Instruments
CD4019B TI-CD4019B Datasheet
515Kb / 11P
[Old version datasheet]   CMOS Quad AND/OR Select Gate
logo
Intersil Corporation
CD4019BMS INTERSIL-CD4019BMS Datasheet
112Kb / 9P
   CMOS Quad AND/OR Select Gate
November 1994
logo
KODENSHI_AUK CORP.
KK4019B KODENSHI-KK4019B Datasheet
259Kb / 5P
   Quad AND/OR Select Gate High-Voltage Silicon-Gate CMOS
logo
Texas Instruments
CD4019B TI1-CD4019B_15 Datasheet
938Kb / 16P
[Old version datasheet]   CMOS Quad AND/OR Gate
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com