전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD4030C 데이터시트(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 CD4030C
상세설명  Quad EXCLUSIVE-OR Gate
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4030C 데이터시트(HTML) 2 Page - National Semiconductor (TI)

  CD4030C Datasheet HTML 1Page - National Semiconductor (TI) CD4030C Datasheet HTML 2Page - National Semiconductor (TI) CD4030C Datasheet HTML 3Page - National Semiconductor (TI) CD4030C Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Voltage at Any Pin (Note 1)
VSS b03V to VSS a155V
Operating Temperature Range
CD4030M
b
55 Cto a125 C
CD4030C
b
40 Cto a85 C
Storage Temperature Range
b
65 Cto a150 C
Power Dissipation (PD)
Dual-In-Line
700 mW
Small Outline
500 mW
Operating VDD Range
VSS a30V to VSS a15V
Lead Temperature
(Soldering 10 seconds)
260 C
DC Electrical Characteristics CD4030M
Limits
Symbol
Parameter
Conditions
b
55 C
a
25 C
a
125 C
Units
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
IL
Quiescent Device
VDD e 50V
05
0005
05
30
m
A
Current
VDD e 10V
10
001
10
60
m
A
PD
Quiescent Device
VDD e 50V
25
0025
25
150
m
W
Dissipation Package
VDD e 10V
10
01
10
600
m
W
VOL
Output Voltage
VDD e 50V
005
0
005
005
V
Low Level
VDD e 10V
005
0
005
005
V
VOH
Output Voltage
VDD e 50V
495
495
50
495
V
High Level
VDD e 10V
995
995
10
995
V
VNL
Noise Immunity
VDD e 50V
15
15
225
14
V
(All Inputs)
VDD e 10V
30
30
45
29
V
VNH
Noise Immunity
VDD e 50V
14
15
225
15
V
(All Inputs)
VDD e 10V
29
30
45
30
V
IDN
Output Drive Current
VDD e 50V
075
06
12
045
mA
N-Channel (Note 2)
VDD e 10V
15
12
24
09
mA
IDP
Output Drive Current
VDD e 50V
b
045
b
03
b
06
b
021
mA
P-Channel (Note 2)
VDD e 10V
b
095
b
065
b
13
b
045
mA
II
Input Current
VI e 0V or VI e VDD
10
pA
DC Electrical Characteristics CD4030C
Limits
Symbol
Parameter
Conditions
b
40 C
a
25 C
a
85 C
Units
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
IL
Quiescent Device
VDD e 50V
50
005
50
70
m
A
Current
VDD e 10V
10
01
10
140
m
A
PD
Quiescent Device
VDD e 50V
25
025
25
350
m
W
Dissipation Package
VDD e 10V
100
10
100
1400
m
W
VOL
Output Voltage
VDD e 50V
005
0
005
005
V
Low Level
VDD e 10V
005
0
005
005
V
VOH
Output Voltage
VDD e 50V
495
495
50
495
V
High Level
VDD e 10V
995
995
10
995
V
VNL
Noise Immunity
VDD e 50V
15
15
225
14
V
(All Inputs)
VDD e 10V
30
30
45
29
V
VNH
Noise Immunity
VDD e 50V
14
15
225
15
V
(All Inputs)
VDD e 10V
29
30
45
30
V
IDN
Output Drive Current
VDD e 50V
035
03
12
025
mA
N-Channel (Note 2)
VDD e 10V
07
06
24
05
mA
IDP
Output Drive Current
VDD e 50V
b
021
b
015
b
06
b
012
mA
P-Channel (Note 2)
VDD e 10 V
b
045
b
032
b
13
b
025
mA
II
Input Current
VI e 0V or VI e VDD
10
pA
2


유사한 부품 번호 - CD4030C

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
CD4030C FAIRCHILD-CD4030C Datasheet
45Kb / 5P
   Quad EXCLUSIVE-OR Gate
CD4030CN FAIRCHILD-CD4030CN Datasheet
45Kb / 5P
   Quad EXCLUSIVE-OR Gate
CD4030CSJ FAIRCHILD-CD4030CSJ Datasheet
45Kb / 5P
   Quad EXCLUSIVE-OR Gate
More results

유사한 설명 - CD4030C

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
U74ACT86 UTC-U74ACT86 Datasheet
133Kb / 4P
   QUAD EXCLUSIVE OR GATE
logo
STMicroelectronics
HCC4030B STMICROELECTRONICS-HCC4030B Datasheet
276Kb / 12P
   QUAD EXCLUSIVE-OR GATE
M54HC86 STMICROELECTRONICS-M54HC86 Datasheet
232Kb / 9P
   QUAD EXCLUSIVE OR GATE
M74HCT86-2 STMICROELECTRONICS-M74HCT86-2 Datasheet
174Kb / 8P
   QUAD EXCLUSIVE OR GATE
logo
Toshiba Semiconductor
TC74HCT86AP TOSHIBA-TC74HCT86AP Datasheet
175Kb / 4P
   QUAD EXCLUSIVE OR GATE
TC74LVX86F TOSHIBA-TC74LVX86F Datasheet
240Kb / 8P
   QUAD EXCLUSIVE OR GATE
logo
STMicroelectronics
74LVQ86 STMICROELECTRONICS-74LVQ86 Datasheet
57Kb / 8P
   QUAD EXCLUSIVE OR GATE
February 1999
logo
Rohm
BU4030B ROHM-BU4030B Datasheet
46Kb / 4P
   Quad exclusive OR gate
logo
Motorola, Inc
MC10113 MOTOROLA-MC10113 Datasheet
104Kb / 5P
   Quad Exclusive OR Gate
logo
Toshiba Semiconductor
TC74VHC86F TOSHIBA-TC74VHC86F Datasheet
201Kb / 5P
   QUAD EXCLUSIVE OR GATE
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com