전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CSD19506KTTT 데이터시트(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
부품명 CSD19506KTTT
상세설명  80 V N-Channel NexFET Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

CSD19506KTTT 데이터시트(HTML) 2 Page - Texas Instruments

  CSD19506KTTT Datasheet HTML 1Page - Texas Instruments CSD19506KTTT Datasheet HTML 2Page - Texas Instruments CSD19506KTTT Datasheet HTML 3Page - Texas Instruments CSD19506KTTT Datasheet HTML 4Page - Texas Instruments CSD19506KTTT Datasheet HTML 5Page - Texas Instruments CSD19506KTTT Datasheet HTML 6Page - Texas Instruments CSD19506KTTT Datasheet HTML 7Page - Texas Instruments CSD19506KTTT Datasheet HTML 8Page - Texas Instruments CSD19506KTTT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
CSD19506KTT
SLPS586 – MARCH 2016
www.ti.com
Product Folder Links: CSD19506KTT
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Specifications......................................................... 3
5.1
Electrical Characteristics........................................... 3
5.2
Thermal Information .................................................. 3
5.3
Typical MOSFET Characteristics .............................. 4
6
Device and Documentation Support.................... 7
6.1
Community Resources.............................................. 7
6.2
Trademarks ............................................................... 7
6.3
Electrostatic Discharge Caution ................................ 7
6.4
Glossary .................................................................... 7
7
Mechanical, Packaging, and Orderable
Information ............................................................. 8
7.1
KTT Package Dimensions ........................................ 8
7.2
Recommended PCB Pattern..................................... 9
7.3
Recommended Stencil Opening (0.125 mm Stencil
Thickness).................................................................. 9
4 Revision History
DATE
REVISION
NOTES
March 2016
*
Initial release.


유사한 부품 번호 - CSD19506KTTT

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
CSD19506KTT ISC-CSD19506KTT Datasheet
322Kb / 2P
   isc N-Channel MOSFET Transistor
More results

유사한 설명 - CSD19506KTTT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CSD19502Q5B TI1-CSD19502Q5B Datasheet
1Mb / 13P
[Old version datasheet]   80 V N-Channel NexFET Power MOSFET
CSD19502Q5B TI1-CSD19502Q5B Datasheet
1Mb / 13P
[Old version datasheet]   80 V N-Channel NexFET??Power MOSFET
CSD19505KTT TI1-CSD19505KTT Datasheet
408Kb / 13P
[Old version datasheet]   80 V N-Channel NexFET Power MOSFET
CSD19503KCS TI1-CSD19503KCS Datasheet
768Kb / 10P
[Old version datasheet]   80 V N-Channel NexFET Power MOSFETs
CSD19503KCS TI1-CSD19503KCS Datasheet
764Kb / 10P
[Old version datasheet]   80 V N-Channel NexFET??Power MOSFETs
CSD19501KCS TI1-CSD19501KCS Datasheet
814Kb / 10P
[Old version datasheet]   CSD19501KCS, 80 V N-Channel NexFET Power MOSFETs
CSD19505KCS TI1-CSD19505KCS Datasheet
820Kb / 10P
[Old version datasheet]   CSD19505KCS, 80 V N-Channel NexFET Power MOSFETs
CSD19532Q5B TI1-CSD19532Q5B Datasheet
1Mb / 13P
[Old version datasheet]   100 V N-Channel NexFET Power MOSFET
CSD18511KTT TI1-CSD18511KTT Datasheet
377Kb / 11P
[Old version datasheet]   40-V N-Channel NexFET Power MOSFET
CSD17483F4 TI-CSD17483F4 Datasheet
560Kb / 10P
[Old version datasheet]   30-V, N-Channel NexFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com