전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LD-MRS400102 데이터시트(PDF) 4 Page - SICK AG

부품명 LD-MRS400102
상세설명  3D LASER SCANNERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SICK [SICK AG]
홈페이지  http://www.sick.com/
Logo SICK - SICK AG

LD-MRS400102 데이터시트(HTML) 4 Page - SICK AG

  LD-MRS400102 Datasheet HTML 1Page - SICK AG LD-MRS400102 Datasheet HTML 2Page - SICK AG LD-MRS400102 Datasheet HTML 3Page - SICK AG LD-MRS400102 Datasheet HTML 4Page - SICK AG LD-MRS400102 Datasheet HTML 5Page - SICK AG LD-MRS400102 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
LD-MRS400102 HD | LD-MRS
3D LASER SCANNERS
4
DETECTION AND RANGING SOLUTIONS | SICK
Online data sheet | 2016-03-19 03:20:07
Subject to change without notice
Operating range diagram
Scanning range in m (ft)
–200
(–656.17)
–100
(–328.08)
0
50
(164.04)
100
(328.08)
150
(429.13)
–50
(–164.04)
–150
(–492.13)
200
(656.17)
Scanning range in m (ft)
–100
(–328.08)
100
(328.08)
200
(656.17)
300
(984.25)
0
Scanning range max. 250 m (820.21 ft)
Scanning range for objects up to
10 % remission 30 m (98.43 ft)
110°
2 measuring layers
4 measuring layers
85°
Recommended accessories
Other models and accessories
www.sick.com/LD-MRS
Brief description
Type
Part no.
Device protection (mechanical)
Weather hood
Weather hood
2058033
Terminal and alignment brackets
Bracket for LD-MRS, alignment adjustable in 2 axes
Alignment bracket
1047429
Plug connectors and cables
Head A: male connector, round plug, 12-pin, straight
Head B: female connector, D-Sub, 9-pin, straight
Cable: CAN/CANopen, shielded, 2 m
For LD-MRS
Connection ca-
ble (male connec-
tor-male connector)
2054647
Head A: female connector, round socket, 4-pin, straight
Head B: cable
Cable: shielded, 2 m
Connection ca-
ble (male connec-
tor-male connector)
2049823
Head A: male connector, round plug, straight
Head B: male connector, RJ45, straight
Cable: Ethernet, shielded, 2 m
Connects the Ethernet interface of the LD-MRS to the Ethernet interface of the PC
Connection ca-
ble (male connec-
tor-male connector) 
2049826


유사한 부품 번호 - LD-MRS400102

제조업체부품명데이터시트상세설명
logo
SICK AG
LD-MRS400102S01 SICK-LD-MRS400102S01 Datasheet
863Kb / 6P
   3D LASER SCANNERS
More results

유사한 설명 - LD-MRS400102

제조업체부품명데이터시트상세설명
logo
SICK AG
LD-MRS400001S01 SICK-LD-MRS400001S01 Datasheet
845Kb / 6P
   3D LASER SCANNERS
LD-MRS400102S01 SICK-LD-MRS400102S01 Datasheet
863Kb / 6P
   3D LASER SCANNERS
LD-MRS800001S01 SICK-LD-MRS800001S01 Datasheet
869Kb / 6P
   3D LASER SCANNERS
LD-MRS400001 SICK-LD-MRS400001 Datasheet
845Kb / 6P
   3D LASER SCANNERS
S30A-7011DA SICK-S30A-7011DA Datasheet
2Mb / 8P
   SAFETY LASER SCANNERS
S30A-7011GB SICK-S30A-7011GB Datasheet
2Mb / 9P
   SAFETY LASER SCANNERS
S30A-7111CL SICK-S30A-7111CL Datasheet
1Mb / 7P
   SAFETY LASER SCANNERS
S30B-2011DA SICK-S30B-2011DA Datasheet
1Mb / 9P
   SAFETY LASER SCANNERS
LMC124-11000 SICK-LMC124-11000 Datasheet
344Kb / 5P
   2D LASER SCANNERS
LMS151-10100 SICK-LMS151-10100 Datasheet
1Mb / 6P
   2D LASER SCANNERS
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com