전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD4503BM 데이터시트(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
부품명 CD4503BM
상세설명  Hex Non-Inverting TRI-STATE Buffer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4503BM 데이터시트(HTML) 4 Page - National Semiconductor (TI)

  CD4503BM Datasheet HTML 1Page - National Semiconductor (TI) CD4503BM Datasheet HTML 2Page - National Semiconductor (TI) CD4503BM Datasheet HTML 3Page - National Semiconductor (TI) CD4503BM Datasheet HTML 4Page - National Semiconductor (TI) CD4503BM Datasheet HTML 5Page - National Semiconductor (TI) CD4503BM Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AC Electrical Characteristics CD4503B
TA e 25 C CL e 50 pF RL e 200 kX Input tr e tf e 20 ns unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tPHL tPLH
Propagation Delay Time
VDD e 5V
75
100
ns
VDD e 10V
35
40
ns
VDD e 15V
25
30
ns
tPLZ tPHZ
Propagation Delay Time
VDD e 5V
80
125
ns
Logical Level to High
VDD e 10V
40
90
ns
Impedance State
VDD e 15V
35
70
ns
tPZL tPZH
Propagation Delay Time
VDD e 5V
95
175
ns
High Impedance State to
VDD e 10V
40
80
ns
Logical Level
VDD e 15V
35
70
ns
tTLH
Output Rise Time
VDD e 5V
45
80
ns
VDD e 10V
23
40
ns
VDD e 15V
18
35
ns
tTHL
Output Fall Time
VDD e 5V
45
80
ns
VDD e 10V
23
40
ns
VDD e 15V
18
35
ns
AC Parameters are guaranteed by DC correlated testing
AC Test Circuits and Switching Time Waveforms
tPHL tPLH
TLF5989 – 3
CMOS to CMOS
TLF5989 – 4
tPHZ and tPZH
TLF5989 – 5
tPLZ and tPZL
TLF5989 – 6
4


유사한 부품 번호 - CD4503BM

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD4503BM TI-CD4503BM Datasheet
481Kb / 11P
[Old version datasheet]   CMOS HEX BUFFER
CD4503BM TI1-CD4503BM Datasheet
913Kb / 15P
[Old version datasheet]   Cmos Hex Buffer
CD4503BM96 TI-CD4503BM96 Datasheet
481Kb / 11P
[Old version datasheet]   CMOS HEX BUFFER
CD4503BM96 TI1-CD4503BM96 Datasheet
913Kb / 15P
[Old version datasheet]   Cmos Hex Buffer
CD4503BM96E4 TI-CD4503BM96E4 Datasheet
481Kb / 11P
[Old version datasheet]   CMOS HEX BUFFER
More results

유사한 설명 - CD4503BM

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
MM54HC365 NSC-MM54HC365 Datasheet
141Kb / 8P
   Hex TRI-STATE Buffer, Inverting Hex TRI-STATE Buffer
DM54LS366A NSC-DM54LS366A Datasheet
139Kb / 6P
   Hex TRI-STATE Inverting Buffer
logo
ON Semiconductor
MC14503B ONSEMI-MC14503B Datasheet
185Kb / 8P
   Hex Non-Inverting 3-State Buffer
March, 2000 ??Rev. 3
MC14503B ONSEMI-MC14503B_11 Datasheet
136Kb / 7P
   Hex Non-Inverting 3-State Buffer
June, 2011 ??Rev. 8
logo
NXP Semiconductors
HEF40097B PHILIPS-HEF40097B Datasheet
38Kb / 4P
   3-state hex non-inverting buffer
January 1995
logo
Motorola, Inc
MC14503B MOTOROLA-MC14503B Datasheet
214Kb / 6P
   Hex Non-Inverting 3-State Buffer
logo
ON Semiconductor
MC14503B ONSEMI-MC14503B_14 Datasheet
106Kb / 5P
   Hex Non-Inverting 3-State Buffer
July, 2014 ??Rev. 10
logo
Toshiba Semiconductor
TC4503BP TOSHIBA-TC4503BP Datasheet
94Kb / 3P
   HEX NON-INVERTING 3-STATE BUFFER
logo
Fairchild Semiconductor
CD4049UBC FAIRCHILD-CD4049UBC Datasheet
63Kb / 7P
   Hex Inverting Buffer . Hex Non-Inverting Buffer
CD4503BC FAIRCHILD-CD4503BC Datasheet
62Kb / 6P
   Hex Non-Inverting 3-STATE Buffer
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com