전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMA6862MZ 데이터시트(PDF) 7 Page - Sanken electric

부품명 SMA6862MZ
상세설명  High Voltage 3-Phase Motor Drivers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANKEN [Sanken electric]
홈페이지  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SMA6862MZ 데이터시트(HTML) 7 Page - Sanken electric

Back Button SMA6862MZ Datasheet HTML 3Page - Sanken electric SMA6862MZ Datasheet HTML 4Page - Sanken electric SMA6862MZ Datasheet HTML 5Page - Sanken electric SMA6862MZ Datasheet HTML 6Page - Sanken electric SMA6862MZ Datasheet HTML 7Page - Sanken electric SMA6862MZ Datasheet HTML 8Page - Sanken electric SMA6862MZ Datasheet HTML 9Page - Sanken electric SMA6862MZ Datasheet HTML 10Page - Sanken electric SMA6862MZ Datasheet HTML 11Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7
SANKEN ELECTRIC CO., LTD.
High Voltage 3-Phase Motor Drivers
SMA6860MZ Series
SMA6860MZ-DS, Rev. 5
ELECTRICAL CHARACTERISTICS (continued), valid at TA=25°C, unless otherwise noted
Characteristics
Symbol
Conditions
Min
Typ
Max
Units
MOSFET On State Resistance
RDS(on)
SMA6861MZ VCC = 15 V, ID = 1.0 A, VIN = 5 V
1.25
1.5
Ω
SMA6862MZ VCC = 15 V, ID = 0.75 A, VIN = 5 V
3.2
4.0
Ω
SMA6863MZ VCC = 15 V, ID = 1.25 A, VIN = 5 V
2.0
2.4
Ω
SMA6864MZ VCC = 15 V, ID = 1.25 A, VIN = 5 V
0.35
0.5
Ω
SMA6865MZ VCC = 15 V, ID = 1.25 A, VIN = 5 V
1.4
1.7
Ω
MOSFET Diode Forward Voltage
VSDF
SMA6861MZ VCC = 15 V, ID = 1.0 A, VIN = 5 V
1.1
1.5
V
SMA6862MZ VCC = 15 V, ID = 0.75 A, VIN = 5 V
1.1
1.5
V
SMA6863MZ VCC = 15 V, ID = 1.25 A, VIN = 5 V
1.1
1.5
V
SMA6864MZ VCC = 15 V, ID = 1.25 A, VIN = 5 V
0.8
1.2
V
SMA6865MZ VCC = 15 V, ID = 1.25 A, VIN = 5 V
1.0
1.5
V


유사한 부품 번호 - SMA6862MZ

제조업체부품명데이터시트상세설명
logo
Sanken electric
SMA6862M SANKEN-SMA6862M Datasheet
237Kb / 13P
   High Voltage 3-Phase Motor Driver
SMA6862M SANKEN-SMA6862M Datasheet
350Kb / 17P
   High Voltage 3-Phase Motor Drivers
SMA6862MH SANKEN-SMA6862MH Datasheet
1Mb / 52P
   500 V, 1 A to 3 A High Voltage 3-phase Motor Drivers
More results

유사한 설명 - SMA6862MZ

제조업체부품명데이터시트상세설명
logo
Sanken electric
SMA6820MH SANKEN-SMA6820MH Datasheet
185Kb / 11P
   High Voltage 3-Phase Motor Drivers
logo
Allegro MicroSystems
SMA6820MP ALLEGRO-SMA6820MP Datasheet
301Kb / 13P
   High Voltage 3-Phase Motor Drivers
logo
Sanken electric
SMA6850M SANKEN-SMA6850M Datasheet
334Kb / 15P
   High Voltage 3-Phase Motor Drivers
SMA6860M SANKEN-SMA6860M Datasheet
350Kb / 17P
   High Voltage 3-Phase Motor Drivers
logo
Allegro MicroSystems
SLA6860M ALLEGRO-SLA6860M Datasheet
334Kb / 17P
   High Voltage 3-Phase Motor Drivers
logo
Sanken electric
SLA6820M SANKEN-SLA6820M Datasheet
309Kb / 14P
   High Voltage 3-Phase Motor Drivers
SLA6868MZ SANKEN-SLA6868MZ Datasheet
262Kb / 18P
   High Voltage 3-Phase Motor Drivers
logo
Allegro MicroSystems
SX68000M ALLEGRO-SX68000M Datasheet
515Kb / 15P
   High Voltage 3-Phase Motor Drivers
SLA6870MZ ALLEGRO-SLA6870MZ Datasheet
371Kb / 19P
   High Voltage 3-Phase Motor Drivers
logo
Sanken electric
SX68000MH SANKEN-SX68000MH Datasheet
333Kb / 13P
   High Voltage 3-Phase Motor Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com