전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2665M6 데이터시트(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
부품명 LM2665M6
상세설명  Switched Capacitor Voltage Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM2665M6 데이터시트(HTML) 9 Page - Texas Instruments

Back Button LM2665M6 Datasheet HTML 5Page - Texas Instruments LM2665M6 Datasheet HTML 6Page - Texas Instruments LM2665M6 Datasheet HTML 7Page - Texas Instruments LM2665M6 Datasheet HTML 8Page - Texas Instruments LM2665M6 Datasheet HTML 9Page - Texas Instruments LM2665M6 Datasheet HTML 10Page - Texas Instruments LM2665M6 Datasheet HTML 11Page - Texas Instruments LM2665M6 Datasheet HTML 12Page - Texas Instruments LM2665M6 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
LM2665
www.ti.com
SNVS009H – NOVEMBER 1999 – REVISED MARCH 2016
Product Folder Links: LM2665
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers must
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The LM2665 provides a simple and efficient means of creating an output voltage level equal to twice that of the
input voltage. Without the need of an inductor, the application solution size can be reduced versus the magnetic
DC-DC converter solution.
9.2 Typical Applications
9.2.1 Voltage Doubler
The main application of the LM2665 is to double the input voltage. The range of the input supply voltage is 2.5 V
to 5.5 V.
Figure 11. Voltage Doubler
9.2.1.1 Design Requirements
Example requirements for LM2665 device applications:
DESIGN PARAMETER
EXAMPLE VALUE
Input voltage range
2.5 V to 5.5 V
Output current
0 mA to 40 mA
Boost switching frequency
80 kHz


유사한 부품 번호 - LM2665M6

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2665M6 NSC-LM2665M6 Datasheet
210Kb / 8P
   Switched Capacitor Voltage Converter
logo
Texas Instruments
LM2665M6 TI-LM2665M6 Datasheet
906Kb / 16P
[Old version datasheet]   LM2665 Switched Capacitor Voltage Converter
logo
National Semiconductor ...
LM2665M6X NSC-LM2665M6X Datasheet
210Kb / 8P
   Switched Capacitor Voltage Converter
logo
Texas Instruments
LM2665M6X TI-LM2665M6X Datasheet
906Kb / 16P
[Old version datasheet]   LM2665 Switched Capacitor Voltage Converter
More results

유사한 설명 - LM2665M6

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2664 NSC-LM2664 Datasheet
222Kb / 9P
   Switched Capacitor Voltage Converter
LM2767 NSC-LM2767 Datasheet
194Kb / 9P
   Switched Capacitor Voltage Converter
logo
TelCom Semiconductor, I...
TC828A TELCOM-TC828A Datasheet
67Kb / 8P
   Switched Capacitor Voltage Converter
logo
National Semiconductor ...
LM2766 NSC-LM2766 Datasheet
220Kb / 9P
   Switched Capacitor Voltage Converter
logo
Analog Intergrations Co...
AIC7660 AIC-AIC7660 Datasheet
317Kb / 11P
   Switched-Capacitor Voltage Converter
logo
Texas Instruments
156869 TI-156869 Datasheet
653Kb / 9P
[Old version datasheet]   Switched Capacitor Voltage Converter
logo
National Semiconductor ...
LM2662 NSC-LM2662 Datasheet
282Kb / 12P
   Switched Capacitor Voltage Converter
LM2681 NSC-LM2681 Datasheet
201Kb / 8P
   Switched Capacitor Voltage Converter
logo
ON Semiconductor
MAX829 ONSEMI-MAX829 Datasheet
158Kb / 18P
   Switched Capacitor Voltage Converter
July, 2004 ??Rev. 3
logo
Texas Instruments
LM2660 TI1-LM2660 Datasheet
1Mb / 27P
[Old version datasheet]   Switched Capacitor Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com