전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM27951 데이터시트(PDF) 4 Page - Texas Instruments

부품명 LM27951
상세설명  White LED Adaptive 1.5/1 Switched-Capacitor Current Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM27951 데이터시트(HTML) 4 Page - Texas Instruments

  LM27951_16 Datasheet HTML 1Page - Texas Instruments LM27951_16 Datasheet HTML 2Page - Texas Instruments LM27951_16 Datasheet HTML 3Page - Texas Instruments LM27951_16 Datasheet HTML 4Page - Texas Instruments LM27951_16 Datasheet HTML 5Page - Texas Instruments LM27951_16 Datasheet HTML 6Page - Texas Instruments LM27951_16 Datasheet HTML 7Page - Texas Instruments LM27951_16 Datasheet HTML 8Page - Texas Instruments LM27951_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
LM27951
SNVS416C – NOVEMBER 2005 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: LM27951
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
If Military/Aerospace specified devices are required, contact the Texas Instruments Sales Office / Distributors for availability and
specifications.
(3)
Maximum value is 6 V.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
VIN
–0.3
6
V
EN, PWM
–0.3
VIN + 0.3
(3)
V
Continuous power dissipation
Internally limited
Junction temperature, TJ-MAX-ABS
150
°C
Lead temperature (Soldering, 5 sec.)
260
°C
Storage temperature, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
(1)
All voltages are with respect to the potential at the GND pin.
(2)
Minimum and maximum limits are ensured by design, test, or statistical analysis. Typical numbers are not ensured, but do represent the
most likely norm.
(3)
In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may
have to be derated. Maximum ambient temperature (TA-MAX) is dependent on the maximum operation junction temperature (TJ-MAX-OP =
115°C), the maximum power dissipation of the device in the application (PD-MAX), and the junction-to ambient thermal resistance of the
part/package in the application (RθJA), as given by the equation: TA-MAX = TJ-MAX-OP – (RθJA × PD-MAX).
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
(1) (2) (3)
MIN
NOM
MAX
UNIT
Inpu voltage, VIN
2.8
5.5
V
LED voltage
2.5
3.9
V
Junction temperature, TJ
–40
115
°C
Ambient temperature, TA
–40
85
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.4 Thermal Information
THERMAL METRIC(1)
LM27951
UNIT
NHK (WSON)
14 PINS
RθJA
Junction-to-ambient thermal resistance
42.5
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
33.3
°C/W
RθJB
Junction-to-board thermal resistance
14.1
°C/W
ψJT
Junction-to-top characterization parameter
0.5
°C/W
ψJB
Junction-to-board characterization parameter
14.1
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
6.1
°C/W


유사한 부품 번호 - LM27951_16

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM27951SD NSC-LM27951SD Datasheet
605Kb / 10P
   White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
LM27951SDX NSC-LM27951SDX Datasheet
605Kb / 10P
   White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
More results

유사한 설명 - LM27951_16

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM27952 NSC-LM27952 Datasheet
521Kb / 8P
   White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
LM27951 NSC-LM27951 Datasheet
605Kb / 10P
   White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
logo
Texas Instruments
LM27952 TI1-LM27952 Datasheet
1,004Kb / 17P
[Old version datasheet]   LM27952 White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
logo
National Semiconductor ...
LM2751 NSC-LM2751 Datasheet
8Kb / 11P
   Regulated 2X, 1.5X Switched Capacitor White LED Driver
logo
Texas Instruments
LM2751SD-B TI-LM2751SD-B Datasheet
1Mb / 19P
[Old version datasheet]   LM2751 Regulated 2X, 1.5X Switched Capacitor White LED Driver
logo
National Semiconductor ...
LM27953 NSC-LM27953 Datasheet
681Kb / 11P
   White LED Driver with Four LED Current Sinks and 3/2x Switched Capacitor Boost
logo
Texas Instruments
LM2751 TI1-LM2751 Datasheet
1Mb / 19P
[Old version datasheet]   LM2751 Regulated 2X, 1.5X Switched Capacitor White LED Driver
logo
Eutech Microelectronics...
EUP2796 EUTECH-EUP2796 Datasheet
263Kb / 9P
   Dual-Display White LED Driver with 3/2X Switched Capacitor Boost
logo
National Semiconductor ...
LM2796 NSC-LM2796 Datasheet
172Kb / 8P
   Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
logo
Texas Instruments
LM27961 TI1-LM27961 Datasheet
267Kb / 16P
[Old version datasheet]   Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com