전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL7715 데이터시트(PDF) 5 Page - Texas Instruments

부품명 TL7715
상세설명  Supply voltage Supervisor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TL7715 데이터시트(HTML) 5 Page - Texas Instruments

  TL7715 Datasheet HTML 1Page - Texas Instruments TL7715 Datasheet HTML 2Page - Texas Instruments TL7715 Datasheet HTML 3Page - Texas Instruments TL7715 Datasheet HTML 4Page - Texas Instruments TL7715 Datasheet HTML 5Page - Texas Instruments TL7715 Datasheet HTML 6Page - Texas Instruments TL7715 Datasheet HTML 7Page - Texas Instruments TL7715 Datasheet HTML 8Page - Texas Instruments TL7715 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Supply voltage Supervisor TL77xx Series
1
Supply Voltage Supervisor TL77xx Series
ABSTRACT
After power-on a digital system must be forced into a definite initial state. For microcomputers and microprocessors a
Reset input is provided to which, in simple applications, an R/C network is connected. After power-on, this circuitry
maintains the logic level at this input high (or low), until the supply voltage has reached its nominal value, and the
internal logic of the microcomputer has executed the Reset. However, this simple circuit does not work well under all
conditions, or during short drops of the supply voltage. This applications report describes the operation and the
application of the supply voltage supervisor circuits series TL77xx, which has been specially designed to solve these
applications problems.
1. Introduction
After power-on a digital system must normally be forced into a definite initial state. For microcomputers
and microprocessors a reset input is provided to which, in simple applications, an R/C network is
connected. After power-on, this circuitry maintains the logic level at this input high (or low), until the supply
voltage has reached its nominal value, and the internal logic of the microcomputer has executed the
initialization of the system.
Figure 1. Reset circuit
However, this circuit does not work well during short drops of the supply voltage. In this case, the capacitor
C must be quickly discharged via the diode D, which will occur only if the supply voltage V
cc goes below the
threshold voltage (1
2 Volt) of the Reset input. A small decrease of V
cc
under the recommended
minimum supply voltage can destroy the content of the memory and registers and yet not activate the reset
circuit. This may have catastrophic consequences.
The following program example (8080 assembler code) tests an input:
WAIT
LXI
B,INPUT
;load address
LOOP
LDAX
B
;read input
ANI
MASK
;mask bit
JNZ
LOOP
;test
If, during the execution of the loop, the content of the B/C register is affected by a short voltage drop
(causing an incorrect input to be read), an incorrect condition will be tested and an incorrect decision will
be the consequence. Alternatively the addressed input will show a value which can never give a positive
test result: the execution of the program seems to be stopped.


유사한 부품 번호 - TL7715

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
TL7715A STMICROELECTRONICS-TL7715A Datasheet
67Kb / 7P
   SUPPLY VOLTAGE SUPERVISORS
logo
Texas Instruments
TL7715A TI-TL7715A Datasheet
140Kb / 10P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7715A TI-TL7715A Datasheet
346Kb / 17P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7715A TI-TL7715A Datasheet
552Kb / 21P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7715ACD TI-TL7715ACD Datasheet
140Kb / 10P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
More results

유사한 설명 - TL7715

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TL7700 TI1-TL7700_16 Datasheet
1Mb / 23P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
logo
Toshiba Semiconductor
TA8505P TOSHIBA-TA8505P Datasheet
213Kb / 6P
   SUPPLY VOLTAGE SUPERVISOR
logo
Texas Instruments
TL7700 TI-TL7700_06 Datasheet
266Kb / 15P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TL7700 TI-TL7700 Datasheet
144Kb / 11P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
1633903 TI-1633903 Datasheet
774Kb / 22P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TL7700 TI-TL7700_07 Datasheet
400Kb / 17P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
logo
California Micro Device...
CM3403 CALMIRCO-CM3403 Datasheet
183Kb / 6P
   Micropower Supply Voltage Supervisor (SVS)
CM3404 CALMIRCO-CM3404 Datasheet
295Kb / 6P
   Micropower Supply Voltage Supervisor (SVS)
logo
Texas Instruments
TPS3831 TI-TPS3831 Datasheet
906Kb / 24P
[Old version datasheet]   Ultralow Power, Supply Voltage Supervisor
TLV809 TI1-TLV809 Datasheet
929Kb / 20P
[Old version datasheet]   3-Pin Supply Voltage Supervisor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com