전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM10CW-4805S-NZ 데이터시트(PDF) 1 Page - AIMTEC

부품명 AM10CW-4805S-NZ
상세설명  10 Watt | DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AIMTEC [AIMTEC]
홈페이지  https://aimtec.com
Logo AIMTEC - AIMTEC

AM10CW-4805S-NZ 데이터시트(HTML) 1 Page - AIMTEC

  AM10CW-4805S-NZ Datasheet HTML 1Page - AIMTEC AM10CW-4805S-NZ Datasheet HTML 2Page - AIMTEC AM10CW-4805S-NZ Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Series AM10CW-NZ
10 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R13
1 of 3
North America only
Picture coming soon
FEATURES:
 Wide 4:1 Input Voltage Range
Operating Temperature -40ºC to +85ºC
 High efficiency up to 88%
Output Over Voltage protection
 1500 VDC Isolation
Continuous Short Circuit Protection
 Over Current Protection
Input Under voltage Protection
 No load consumption ≤ 0.12W
Remote On/Off control
Models
Single output
Model
Input
Voltage
(V)
Output
Voltage
(V)
Output
Current max
(A)
Isolation
(VDC)
Max
Capacitive
Load (uF)
Efficiency
(%)
AM10CW-2403S-NZ
9-36
3.3
2.4
1500
2200
79
AM10CW-2405S-NZ
9-36
5
2
1500
2200
83
AM10CW-2409S-NZ
9-36
9
1.11
1500
680
86
AM10CW-2412S-NZ
9-36
12
0.83
1500
470
87
AM10CW-2415S-NZ
9-36
15
0.66
1500
330
87
AM10CW-2424S-NZ
9-36
24
0.41
1500
100
88
AM10CW-4803S-NZ
18-75
3.3
2.4
1500
2200
79
AM10CW-4805S-NZ
18-75
5
2
1500
2200
83
AM10CW-4812S-NZ
18-75
12
0.83
1500
470
87
AM10CW-4815S-NZ
18-75
15
0.66
1500
330
87
AM10CW-4824S-NZ
18-75
24
0.41
1500
100
88
Models
Dual output
Model
Input
Voltage
(V)
Output
Voltage
(V)
Output
Current max
(A)
Isolation
(VDC)
Max
Capacitive
Load (uF)
Efficiency
(%)
AM10CW-2405D-NZ
9-36
±5
±1
1500
±1000
83
AM10CW-2412D-NZ
9-36
±12
±0.41
1500
±470
87
AM10CW-2415D-NZ
9-36
±15
±0.33
1500
±330
87
AM10CW-2424D-NZ
9-36
±24
±0.2
1500
±100
87
AM10CW-4805D-NZ
18-75
±5
±1
1500
±1000
83
AM10CW-4812D-NZ
18-75
±12
±0.41
1500
±470
87
AM10CW-4815D-NZ
18-75
±15
±0.33
1500
±330
87
AM10CW-4824D-NZ
18-75
±24
±0.2
1500
±100
87
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified.
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
24 Vin
48 Vin
9-36
18-75
VDC
Filter
Pi
Absolute Maximum Rating (100ms)
24 Vin
48 Vin
-0.7 - 50
-0.7 - 100
VDC
No Load Input Current
24 Vin
48 Vin
12
8
mA
Input reflected current
24 Vin
48 Vin
40
30
mA
Input Under voltage turn off
24 Vin
48 Vin
6.5
15.5
VDC
Startup time
Nominal input, resistive load
10
ms
Remote On/Off Control
On
Off
3.5-12VDC or leave open
0-1.2VDC or connect to GND, idle current 6-10mA


유사한 부품 번호 - AM10CW-4805S-NZ

제조업체부품명데이터시트상세설명
logo
AIMTEC
AM10CW-4805S-FZ AIMTEC-AM10CW-4805S-FZ Datasheet
121Kb / 3P
   10 Watt | DC-DC Converter
More results

유사한 설명 - AM10CW-4805S-NZ

제조업체부품명데이터시트상세설명
logo
AIMTEC
AM10T-IZ AIMTEC-AM10T-IZ Datasheet
265Kb / 3P
   10 Watt | DC-DC Converter
AM10C-FZ AIMTEC-AM10C-FZ Datasheet
123Kb / 3P
   10 Watt | DC-DC Converter
AM10CW-FZ AIMTEC-AM10CW-FZ Datasheet
121Kb / 3P
   10 Watt | DC-DC Converter
AM10TW-I-Z AIMTEC-AM10TW-I-Z Datasheet
268Kb / 3P
   10 Watt | DC-DC Converter
AM10W-NZ AIMTEC-AM10W-NZ Datasheet
149Kb / 4P
   10 Watt | DC-DC Converter
AM10E-Z AIMTEC-AM10E-Z Datasheet
172Kb / 4P
   10 Watt | DC-DC Converter
AM10EW-Z AIMTEC-AM10EW-Z_13 Datasheet
299Kb / 3P
   10 Watt | DC-DC Converter
AM10E-Z AIMTEC-AM10E-Z_13 Datasheet
502Kb / 4P
   10 Watt | DC-DC Converter
AM10EW-Z AIMTEC-AM10EW-Z Datasheet
285Kb / 3P
   10 Watt | DC-DC Converter
AM10EW-NZ AIMTEC-AM10EW-NZ Datasheet
331Kb / 3P
   10 Watt | DC-DC Converter
logo
Wall Industries,Inc.
EJR WALL-EJR Datasheet
127Kb / 3P
   10 Watt DC/DC Converter
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com