전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD6649 데이터시트(PDF) 4 Page - Analog Devices

부품명 AD6649
상세설명  IF Diversity Receiver
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD6649 데이터시트(HTML) 4 Page - Analog Devices

  AD6649_14 Datasheet HTML 1Page - Analog Devices AD6649_14 Datasheet HTML 2Page - Analog Devices AD6649_14 Datasheet HTML 3Page - Analog Devices AD6649_14 Datasheet HTML 4Page - Analog Devices AD6649_14 Datasheet HTML 5Page - Analog Devices AD6649_14 Datasheet HTML 6Page - Analog Devices AD6649_14 Datasheet HTML 7Page - Analog Devices AD6649_14 Datasheet HTML 8Page - Analog Devices AD6649_14 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
AD6649
Data Sheet
Rev. C | Page 4 of 40
SPECIFICATIONS
ADC DC SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, maximum sample rate, VIN = −1.0 dBFS differential input,1 1.75 V p-p full-scale input range,
duty cycle stabilizer (DCS) enabled, NCO enabled, FIR filter enabled, unless otherwise noted.
Table 1.
Parameter
Temperature
Min
Typ
Max
Unit
RESOLUTION
Full
14
Bits
ACCURACY
No Missing Codes
Full
Guaranteed
Offset Error
Full
±10
mV
Gain Error
Full
−5.5
+2.5
%FSR
MATCHING CHARACTERISTIC
Offset Error
Full
±13
mV
Gain Error
Full
±2.5
%FSR
TEMPERATURE DRIFT
Offset Error
Full
±5
ppm/°C
Gain Error
Full
±100
ppm/°C
INPUT REFERRED NOISE
VREF = 1.75 V
25°C
1.32
LSB rms
ANALOG INPUT
Input Span
Full
1.75
V p-p
Input Capacitance2
Full
2.5
pF
Input Resistance3
Full
20
kΩ
Input Common-Mode Voltage
Full
0.9
V
POWER SUPPLIES
Supply Voltage
AVDD
Full
1.7
1.8
1.9
V
DRVDD
Full
1.7
1.8
1.9
V
Supply Current
IAVDD4
Full
271
275
mA
IDRVDD4 (Fixed-Frequency NCO, 95 MHz FIR Filter)
Full
283
300
mA
IDRVDD4 (Tunable-Frequency NCO, 100 MHz FIR Filter)
Full
375
mA
POWER CONSUMPTION
Sine Wave Input (Fixed-Frequency NCO, 95 MHz FIR Filter)
Full
997
1035
mW
Sine Wave Input (Tunable-Frequency NCO, 100 MHz FIR Filter)
Full
1163
mW
Standby Power5
Full
104
mW
Power-Down Power
Full
10
mW
1
A −1.0 dBFS input level at the analog inputs corresponds to an output level of −2.5 dBFS when using the fixed-frequency NCO and 95 MHz FIR filter. When using the
tunable-frequency NCO and 100 MHz FIR filter, the output level is −1.3 dBFS. These respective output level reductions are due to FIR filter losses. See the FIR Filters
section for more details.
2
Input capacitance refers to the effective capacitance between one differential input pin and AGND.
3
Input resistance refers to the effective resistance between one differential input pin and its complement.
4
Measured with a 185 MHz, full-scale sine wave input on both channels and an NCO frequency of 62.5 MHz (fS/4).
5
Standby power is measured with a dc input and the CLK pin inactive (set to AVDD or AGND).


유사한 부품 번호 - AD6649_14

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD6649 AD-AD6649_17 Datasheet
1Mb / 41P
   IF Diversity Receiver
More results

유사한 설명 - AD6649_14

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD6655ABCPZ-80 AD-AD6655ABCPZ-80 Datasheet
2Mb / 88P
   IF Diversity Receiver
REV. A
AD6649 AD-AD6649_17 Datasheet
1Mb / 41P
   IF Diversity Receiver
AD6655 AD-AD6655_17 Datasheet
2Mb / 85P
   IF Diversity Receiver
AD6655 AD-AD6655 Datasheet
2Mb / 84P
   IF Diversity Receiver
REV. 0
AD6653 AD-AD6653 Datasheet
2Mb / 80P
   IF Diversity Receiver
REV. 0
AD6655 AD-AD6655_15 Datasheet
2Mb / 84P
   IF Diversity Receiver
REV. B
AD6679 AD-AD6679_17 Datasheet
1Mb / 82P
   135 MHz BW IF Diversity Receiver
AD6674 AD-AD6674_17 Datasheet
4Mb / 97P
   385 MHz BW IF Diversity Receiver
AD6674 AD-AD6674 Datasheet
2Mb / 91P
   385 MHz BW IF Diversity Receiver
AD6679 AD-AD6679 Datasheet
1Mb / 81P
   135 MHz BW IF Diversity Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com