전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD6673BCPZRL7-250 데이터시트(PDF) 8 Page - Analog Devices

부품명 AD6673BCPZRL7-250
상세설명  80 MHz Bandwidth, Dual IF Receiver
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD6673BCPZRL7-250 데이터시트(HTML) 8 Page - Analog Devices

Back Button AD6673BCPZRL7-250 Datasheet HTML 4Page - Analog Devices AD6673BCPZRL7-250 Datasheet HTML 5Page - Analog Devices AD6673BCPZRL7-250 Datasheet HTML 6Page - Analog Devices AD6673BCPZRL7-250 Datasheet HTML 7Page - Analog Devices AD6673BCPZRL7-250 Datasheet HTML 8Page - Analog Devices AD6673BCPZRL7-250 Datasheet HTML 9Page - Analog Devices AD6673BCPZRL7-250 Datasheet HTML 10Page - Analog Devices AD6673BCPZRL7-250 Datasheet HTML 11Page - Analog Devices AD6673BCPZRL7-250 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
AD6673
Data Sheet
Rev. C | Page 8 of 45
Parameter
Temperature
Min
Typ
Max
Unit
SYNCIN INPUT (SYNCINB+, SYNCINB−)
Logic Compliance
LVDS
Internal Common-Mode Bias
Full
0.9
V
Differential Input Voltage Range
Full
0.3
3.6
V p-p
Input Voltage Range
Full
AGND
DVDD
V
Input Common-Mode Range
Full
0.9
1.4
V
High Level Input Current
Full
−5
+5
µA
Low Level Input Current
Full
−5
+5
µA
Input Capacitance
Full
1
pF
Input Resistance
Full
12
16
20
kΩ
SYSREF INPUT (SYSREF+/SYSREF−)
Logic Compliance
LVDS
Internal Common-Mode Bias
Full
0.9
V
Differential Input Voltage Range
Full
0.3
3.6
V p-p
Input Voltage Range
Full
AGND
AVDD
V
Input Common-Mode Range
Full
0.9
1.4
V
High Level Input Current
Full
−5
+5
µA
Low Level Input Current
Full
−5
+5
µA
Input Capacitance
Full
4
pF
Input Resistance
Full
8
10
12
kΩ
LOGIC INPUT (RST, CS)1
High Level Input Voltage
Full
1.22
2.1
V
Low Level Input Voltage
Full
0
0.6
V
High Level Input Current
Full
−5
+5
µA
Low Level Input Current
Full
−100
−45
µA
Input Resistance
Full
26
kΩ
Input Capacitance
Full
2
pF
LOGIC INPUT (SCLK, PDWN)2
High Level Input Voltage
Full
1.22
2.1
V
Low Level Input Voltage
Full
0
0.6
V
High Level Input Current
Full
45
100
µA
Low Level Input Current
Full
−10
+10
µA
Input Resistance
Full
26
kΩ
Input Capacitance
Full
2
pF
LOGIC INPUTS (SDIO)2
High Level Input Voltage
Full
1.22
2.1
V
Low Level Input Voltage
Full
0
0.6
V
High Level Input Current
Full
−10
+10
µA
Low Level Input Current
Full
−100
−45
µA
Input Resistance
Full
26
kΩ
Input Capacitance
Full
5
pF
DIGITAL OUTPUTS (SERDOUT0±, SERDOUT1±)
Logic Compliance
Full
CML
Differential Output Voltage (V
OD)
Full
400
600
750
mV
Output Offset Voltage (V
OS)
Full
0.75
DRVDD/2
1.05
V
DIGITAL OUTPUTS (SDIO, FDA, FDB)
High Level Output Voltage (V
OH)
Full
I
OH = 50 µA
Full
1.79
V
I
OH = 0.5 mA
Full
1.75
V


유사한 부품 번호 - AD6673BCPZRL7-250

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD6673BCPZRL7-250 AD-AD6673BCPZRL7-250 Datasheet
1Mb / 46P
   80 MHz Bandwidth, Dual IF Receiver
More results

유사한 설명 - AD6673BCPZRL7-250

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD6673 AD-AD6673_17 Datasheet
1Mb / 46P
   80 MHz Bandwidth, Dual IF Receiver
AD6677 AD-AD6677 Datasheet
1Mb / 48P
   80 MHz Bandwidth, IF Receiver
logo
Integrated Circuit Syst...
SF0199CD02382S ICST-SF0199CD02382S Datasheet
147Kb / 4P
   199 MHz Filter 0.200 MHz Bandwidth for GSM BTS Receiver IF
logo
API Technologies Corp
SF0199CD02382S APITECH-SF0199CD02382S Datasheet
151Kb / 4P
   199 MHz Filter 0.200 MHz Bandwidth for GSM BTS Receiver IF
logo
Integrated Circuit Solu...
SF0199CD02382S ICSI-SF0199CD02382S Datasheet
147Kb / 4P
   199 MHz Filter 0.200 MHz Bandwidth for GSM BTS Receiver IF
logo
Analog Devices
AD6642 AD-AD6642_17 Datasheet
1Mb / 33P
   Dual IF Receiver
AD6643 AD-AD6643_17 Datasheet
1Mb / 41P
   Dual IF Receiver
AD6642 AD-AD6642 Datasheet
1Mb / 32P
   Dual IF Receiver
REV. 0
AD6659 AD-AD6659 Datasheet
1Mb / 40P
   Dual IF Receiver
REV. A
AD6643 AD-AD6643_12 Datasheet
1Mb / 40P
   Dual IF Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com