전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADXRS645HDYZ 데이터시트(PDF) 6 Page - Analog Devices

부품명 ADXRS645HDYZ
상세설명  High Temperature, Vibration Rejecting plus,minus2000temperature/sec Gyroscope
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADXRS645HDYZ 데이터시트(HTML) 6 Page - Analog Devices

Back Button ADXRS645HDYZ Datasheet HTML 2Page - Analog Devices ADXRS645HDYZ Datasheet HTML 3Page - Analog Devices ADXRS645HDYZ Datasheet HTML 4Page - Analog Devices ADXRS645HDYZ Datasheet HTML 5Page - Analog Devices ADXRS645HDYZ Datasheet HTML 6Page - Analog Devices ADXRS645HDYZ Datasheet HTML 7Page - Analog Devices ADXRS645HDYZ Datasheet HTML 8Page - Analog Devices ADXRS645HDYZ Datasheet HTML 9Page - Analog Devices ADXRS645HDYZ Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
ADXRS645
Data Sheet
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 5. Null Output at 25°C
Figure 6. Sensitivity at 25°C
Figure 7. ST1 Output Change at 25°C (VRATIO = 5 V)
Figure 8. Null Output Over Temperature
Figure 9. Sensitivity Over Temperature
Figure 10. ST1 Output Over Temperature
50
40
30
20
10
0
NULL OUTPUT (mV)
50
40
30
20
10
45
35
25
15
5
0
SENSITIVITY (mV/°/sec)
35
30
20
10
25
15
5
0
ST1 OUTPUT CHANGE (°/sec)
TEMPERATURE (°C)
2400
2450
2500
2550
2600
2650
2700
–50
0
50
100
150
200
TEMPERATURE (°C)
0
0.2
0.4
0.6
0.8
1.0
1.2
–50
0
50
100
150
200
TEMPERATURE (°C)
–2000
0
–200
–400
–600
–800
–1000
–1200
–1400
–1600
–1800
–50
0
50
100
150
200
Rev. A | Page 6 of 10


유사한 부품 번호 - ADXRS645HDYZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADXRS642 AD-ADXRS642 Datasheet
200Kb / 10P
   Vibration Rejecting 짹250째/s Yaw Rate Gyro
Rev. Pr A
ADXRS646 AD-ADXRS646 Datasheet
199Kb / 12P
   High Stability, Low Noise Vibration Rejecting Yaw Rate Gyro
REV. 0
ADXRS646 AD-ADXRS646 Datasheet
379Kb / 12P
   High Stability, Low Noise Vibration Rejecting Yaw Rate Gyroscope
REV. 0
ADXRS646-EP AD-ADXRS646-EP Datasheet
364Kb / 13P
   High Stability, Low Noise Vibration Rejecting Yaw Rate Gyroscope
REV. 0
ADXRS646BBGZ AD-ADXRS646BBGZ Datasheet
199Kb / 12P
   High Stability, Low Noise Vibration Rejecting Yaw Rate Gyro
REV. 0
More results

유사한 설명 - ADXRS645HDYZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADXRS646-EP AD-ADXRS646-EP Datasheet
364Kb / 13P
   High Stability, Low Noise Vibration Rejecting Yaw Rate Gyroscope
REV. 0
ADXRS646 AD-ADXRS646 Datasheet
379Kb / 12P
   High Stability, Low Noise Vibration Rejecting Yaw Rate Gyroscope
REV. 0
ADXRS649BBGZ AD-ADXRS649BBGZ Datasheet
303Kb / 12P
   Fast Starting, ,-20,000/sec Vibration Rejecting Rate Gyro
REV. B
ADXRS649 AD-ADXRS649 Datasheet
261Kb / 12P
   Fast Starting, 짹20,000째/sec Vibration Rejecting Rate Gyro
REV. 0
ADXRS622 AD-ADXRS622 Datasheet
328Kb / 12P
   plus,minus250temperature/sec Yaw Rate Gyroscope
ADXRS623 AD-ADXRS623 Datasheet
393Kb / 12P
   짹150째/Sec Yaw Rate Gyroscope
REV. 0
ADXRS613 AD-ADXRS613 Datasheet
421Kb / 12P
   짹150째/sec Yaw Rate Gyroscope
REV. 0
ADXRS646 AD-ADXRS646 Datasheet
199Kb / 12P
   High Stability, Low Noise Vibration Rejecting Yaw Rate Gyro
REV. 0
ADXRS623 AD-ADXRS623_V01 Datasheet
328Kb / 12P
   짹150째/Sec Yaw Rate Gyroscope
Rev. A
ADXRS642 AD-ADXRS642 Datasheet
200Kb / 10P
   Vibration Rejecting 짹250째/s Yaw Rate Gyro
Rev. Pr A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com