전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPS560200 데이터시트(PDF) 9 Page - Texas Instruments

부품명 TPS560200
상세설명  4.5-V to 17-V Input, 500-mA Synchronous Step-Down Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPS560200 데이터시트(HTML) 9 Page - Texas Instruments

Back Button TPS560200_16 Datasheet HTML 5Page - Texas Instruments TPS560200_16 Datasheet HTML 6Page - Texas Instruments TPS560200_16 Datasheet HTML 7Page - Texas Instruments TPS560200_16 Datasheet HTML 8Page - Texas Instruments TPS560200_16 Datasheet HTML 9Page - Texas Instruments TPS560200_16 Datasheet HTML 10Page - Texas Instruments TPS560200_16 Datasheet HTML 11Page - Texas Instruments TPS560200_16 Datasheet HTML 12Page - Texas Instruments TPS560200_16 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
9
TPS560200
www.ti.com
SLVSC81C – SEPTEMBER 2013 – REVISED FEBRUARY 2016
Product Folder Links: TPS560200
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
Feature Description (continued)
When the overcurrent condition is removed, the output voltage returns to the regulated value.
7.3.6 Thermal Shutdown
TPS560200 monitors the temperature of itself. If the temperature exceeds the threshold value (typically 170°C),
the device is shut off. This is nonlatch protection.
7.4 Device Functional Modes
7.4.1 Normal Operation
When the input voltage is above the UVLO threshold and the EN voltage is above the enable threshold, the
TPS560200 can operate in its normal switching modes. Normal continuous conduction mode (CCM) occurs when
the minimum switch current is above 0 A. In CCM, the TPS560200 operates at a quasi-fixed frequency of 600
kHz.
7.4.2 Eco-Mode Operation
When the TPS560200 is in the normal CCM operating mode and the switch current falls to 0 A, the TPS560200
begins operating in pulse-skipping Eco-Mode. Each switching cycle is followed by a period of energy-saving
sleep time. The sleep time ends when the VFB voltage falls below the Eco-Mode threshold voltage. As the output
current decreases the perceived time between switching pulses increases.
7.4.3 Standby Operation
When the TPS560200 is operating in either normal CCM or Eco-Mode, it may be placed in standby by asserting
the EN pin low.


유사한 부품 번호 - TPS560200_16

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS560200 TI-TPS560200_15 Datasheet
939Kb / 22P
[Old version datasheet]   TPS560200 4.5-V to 17-V Input, 500-mA Synchronous Step-Down SWIFT??Converter With Advanced Eco-Mode?
More results

유사한 설명 - TPS560200_16

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS560200-Q1 TI1-TPS560200-Q1 Datasheet
1Mb / 22P
[Old version datasheet]   4.5-V to 17-V Input, 500-mA Synchronous Step-Down SWIFT??Converter With Advanced Eco-mode?
TPS54821 TI1-TPS54821_16 Datasheet
1Mb / 42P
[Old version datasheet]   4.5 V to 17 V Input, 8 A Synchronous Step Down Converter
TPS560200 TI-TPS560200_15 Datasheet
939Kb / 22P
[Old version datasheet]   TPS560200 4.5-V to 17-V Input, 500-mA Synchronous Step-Down SWIFT??Converter With Advanced Eco-Mode?
TPS568215 TI1-TPS568215 Datasheet
461Kb / 10P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT??Converter
TPS54620 TI1-TPS54620_16 Datasheet
2Mb / 46P
[Old version datasheet]   4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT Converter
TPS56C215 TI1-TPS56C215 Datasheet
1Mb / 35P
[Old version datasheet]   4.5-V to 17-V Input , 12-A Synchronous Step-Down SWIFT Converter
TPS568215OA TI1-TPS568215OA Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT Converter
TPS54A24 TI1-TPS54A24 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 17-V Input, 10-A Synchronous SWIFT Step-Down Converter
TPS54620 TI-TPS54620_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS54620 4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT??Converter
TPS54320 TI-TPS54320_15 Datasheet
1Mb / 42P
[Old version datasheet]   TPS54320 4.5- to 17-V Input, 3-A Synchronous Step Down SWIFT??Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com