전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPS560200DBVT 데이터시트(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
부품명 TPS560200DBVT
상세설명  4.5-V to 17-V Input, 500-mA Synchronous Step-Down Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPS560200DBVT 데이터시트(HTML) 10 Page - Texas Instruments

Back Button TPS560200DBVT Datasheet HTML 6Page - Texas Instruments TPS560200DBVT Datasheet HTML 7Page - Texas Instruments TPS560200DBVT Datasheet HTML 8Page - Texas Instruments TPS560200DBVT Datasheet HTML 9Page - Texas Instruments TPS560200DBVT Datasheet HTML 10Page - Texas Instruments TPS560200DBVT Datasheet HTML 11Page - Texas Instruments TPS560200DBVT Datasheet HTML 12Page - Texas Instruments TPS560200DBVT Datasheet HTML 13Page - Texas Instruments TPS560200DBVT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
F
=
P
OUT
OUT
1
2
L
x C
p
OUT
R1 0.8 V
R2 =
V
-0.8V
´
10µF
C4
10µH
L1
10µF
C5
VIN 4.5-17V
VOUT 1.05V, 0.5 A
0.1µF
C2
C3
TPS560200
VIN
4
EN
1
VSENSE
5
GND
2
PH
3
U1
10µF
C1
6.19k
R1
20.0k
R2
open
10
TPS560200
SLVSC81C – SEPTEMBER 2013 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: TPS560200
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The TPS560200 is used as a step-down converter which converts a voltage of 4.5 V to 17 V to a lower voltage.
WEBENCH® software is available to aid in the design and analysis of circuits.
8.2 Typical Application
Figure 7. Typical Application Schematic
8.2.1 Design Requirements
To begin the design process, the user must know a few application parameters:
Table 1. Design Parameters
PARAMETER
VALUES
Input voltage range
4.5 V to 17 V
Output voltage
1.05 V
Output current
500 mA
Output voltage ripple
10 mV/pp
8.2.2 Detailed Design Procedure
8.2.2.1 Output Voltage Resistors Selection
The output voltage is set with a resistor divider from the output node to the VFB pin. TI recommends using 1%
tolerance or better divider resistors. Start by using Equation 2 to calculate VOUT.
To improve efficiency at light loads, consider using larger value resistors, high resistance is more susceptible to
noise, and the voltage errors from the VSENSE input current are more noticeable.
(2)
8.2.2.2 Output Filter Selection
The output filter used with the TPS560200 is an LC circuit. This LC filter has double pole at:
(3)


유사한 부품 번호 - TPS560200DBVT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS560200DBVT TI1-TPS560200DBVT Datasheet
950Kb / 18P
[Old version datasheet]   4.5V to 17V Input, 500mA Synchronous Step Down SWIFT Converte rwith Advanced Eco-mode
TPS560200DBVT TI-TPS560200DBVT Datasheet
912Kb / 18P
[Old version datasheet]   4.5V to 17V Input, 500mA Synchronous Step Down SWIFT Converter with Advanced Eco-mode
More results

유사한 설명 - TPS560200DBVT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS560200-Q1 TI1-TPS560200-Q1 Datasheet
1Mb / 22P
[Old version datasheet]   4.5-V to 17-V Input, 500-mA Synchronous Step-Down SWIFT??Converter With Advanced Eco-mode?
TPS54821 TI1-TPS54821_16 Datasheet
1Mb / 42P
[Old version datasheet]   4.5 V to 17 V Input, 8 A Synchronous Step Down Converter
TPS560200 TI-TPS560200_15 Datasheet
939Kb / 22P
[Old version datasheet]   TPS560200 4.5-V to 17-V Input, 500-mA Synchronous Step-Down SWIFT??Converter With Advanced Eco-Mode?
TPS568215 TI1-TPS568215 Datasheet
461Kb / 10P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT??Converter
TPS54620 TI1-TPS54620_16 Datasheet
2Mb / 46P
[Old version datasheet]   4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT Converter
TPS56C215 TI1-TPS56C215 Datasheet
1Mb / 35P
[Old version datasheet]   4.5-V to 17-V Input , 12-A Synchronous Step-Down SWIFT Converter
TPS568215OA TI1-TPS568215OA Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT Converter
TPS54A24 TI1-TPS54A24 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 17-V Input, 10-A Synchronous SWIFT Step-Down Converter
TPS54620 TI-TPS54620_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS54620 4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT??Converter
TPS54320 TI-TPS54320_15 Datasheet
1Mb / 42P
[Old version datasheet]   TPS54320 4.5- to 17-V Input, 3-A Synchronous Step Down SWIFT??Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com