전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPS560200EVM 데이터시트(PDF) 7 Page - Texas Instruments

부품명 TPS560200EVM
상세설명  4.5-V to 17-V Input, 500-mA Synchronous Step-Down Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPS560200EVM 데이터시트(HTML) 7 Page - Texas Instruments

Back Button TPS560200EVM Datasheet HTML 3Page - Texas Instruments TPS560200EVM Datasheet HTML 4Page - Texas Instruments TPS560200EVM Datasheet HTML 5Page - Texas Instruments TPS560200EVM Datasheet HTML 6Page - Texas Instruments TPS560200EVM Datasheet HTML 7Page - Texas Instruments TPS560200EVM Datasheet HTML 8Page - Texas Instruments TPS560200EVM Datasheet HTML 9Page - Texas Instruments TPS560200EVM Datasheet HTML 10Page - Texas Instruments TPS560200EVM Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
PH
VIN
GND
HS
Drive
LS
Drive
XCON
Control
Logic
UVLO
AGND
PGND
Soft
Start
VREF
VSS
SSDONE
EN
VSENSE
VREF
VIN
TON
One-Shot
ZCD
PH
LS
OCP
VREF
PGND
ZCD
VIN
START
VREF
Thermal
Shutdown
Bandgap
Reference
BGOK
VREF
7
TPS560200
www.ti.com
SLVSC81C – SEPTEMBER 2013 – REVISED FEBRUARY 2016
Product Folder Links: TPS560200
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The TPS560200 is a 500-mA synchronous step-down (buck) converter with two integrated N-channel MOSFETs.
It operates using D-CAP2 mode control. The fast transient response of D-CAP2 control reduces the output
capacitance required to meet a specific level of performance. Proprietary internal circuitry allows the use of low-
ESR output capacitors including ceramic and special polymer types.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 PWM Operation
The main control loop of the TPS560200 is an adaptive on-time pulse width modulation (PWM) controller that
supports a proprietary D-CAP2 mode control. D-CAP2 mode control combines constant on-time control with an
internal compensation circuit for pseudo-fixed frequency and low external component count configuration with
both low-ESR and ceramic output capacitors. It is stable even with virtually no ripple at the output.
At the beginning of each cycle, the high-side MOSFET is turned on. This MOSFET is turned off after internal
one-shot timer expires. This one shot is set by the converter input voltage, VIN, and the output voltage, VOUT, to
maintain a pseudo-fixed frequency over the input voltage range, hence it is called adaptive on-time control. The
one-shot timer is reset and the high-side MOSFET is turned on again when the feedback voltage falls below the
reference voltage. An internal ramp is added to reference voltage to simulate output ripple, eliminating the need
for ESR induced output ripple from D-CAP2 mode control.


유사한 부품 번호 - TPS560200EVM

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS560200 TI1-TPS560200 Datasheet
950Kb / 18P
[Old version datasheet]   4.5V to 17V Input, 500mA Synchronous Step Down SWIFT Converte rwith Advanced Eco-mode
TPS560200 TI-TPS560200 Datasheet
912Kb / 18P
[Old version datasheet]   4.5V to 17V Input, 500mA Synchronous Step Down SWIFT Converter with Advanced Eco-mode
TPS560200 TI1-TPS560200 Datasheet
1Mb / 22P
[Old version datasheet]   4.5-V to 17-V Input, 500-mA Synchronous Step-Down SWIFT??Converter With Advanced Eco-mode?
TPS560200 TI-TPS560200 Datasheet
3Mb / 70P
[Old version datasheet]   LMX2571-EP Low-Power, High-Performance PLLatinum짰 RF Synthesizer With FSK Modulation
SNAS824 ??OCTOBER 2021
TPS560200-Q1 TI1-TPS560200-Q1 Datasheet
1Mb / 22P
[Old version datasheet]   4.5-V to 17-V Input, 500-mA Synchronous Step-Down SWIFT??Converter With Advanced Eco-mode?
More results

유사한 설명 - TPS560200EVM

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS560200-Q1 TI1-TPS560200-Q1 Datasheet
1Mb / 22P
[Old version datasheet]   4.5-V to 17-V Input, 500-mA Synchronous Step-Down SWIFT??Converter With Advanced Eco-mode?
TPS54821 TI1-TPS54821_16 Datasheet
1Mb / 42P
[Old version datasheet]   4.5 V to 17 V Input, 8 A Synchronous Step Down Converter
TPS560200 TI-TPS560200_15 Datasheet
939Kb / 22P
[Old version datasheet]   TPS560200 4.5-V to 17-V Input, 500-mA Synchronous Step-Down SWIFT??Converter With Advanced Eco-Mode?
TPS568215 TI1-TPS568215 Datasheet
461Kb / 10P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT??Converter
TPS54620 TI1-TPS54620_16 Datasheet
2Mb / 46P
[Old version datasheet]   4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT Converter
TPS56C215 TI1-TPS56C215 Datasheet
1Mb / 35P
[Old version datasheet]   4.5-V to 17-V Input , 12-A Synchronous Step-Down SWIFT Converter
TPS568215OA TI1-TPS568215OA Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT Converter
TPS54A24 TI1-TPS54A24 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 17-V Input, 10-A Synchronous SWIFT Step-Down Converter
TPS54620 TI-TPS54620_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS54620 4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT??Converter
TPS54320 TI-TPS54320_15 Datasheet
1Mb / 42P
[Old version datasheet]   TPS54320 4.5- to 17-V Input, 3-A Synchronous Step Down SWIFT??Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com