전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GSX-531 데이터시트(PDF) 2 Page - Golledge Electronics Ltd

부품명 GSX-531
상세설명  SM Crystal - Metal Lid
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GOLLEDGE [Golledge Electronics Ltd]
홈페이지  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

GSX-531 데이터시트(HTML) 2 Page - Golledge Electronics Ltd

  GSX-531_15 Datasheet HTML 1Page - Golledge Electronics Ltd GSX-531_15 Datasheet HTML 2Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Information
GSX-531
Tel: +44 1460 256 100
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com
Composition
Construction
Ceramic body with gold-plated pads
Metal lid, seam sealed
Soldering Profile
Maximum solder resistance: 260°C x 10 secs x 2.
Pb
LeadFree
This product is lead-free, and is fully compliant with
the RoHS directive 2011/65/EC
2011/65/EU
200
100
0
°C
Time
5°C/s max
5°C/s max
90s max
40s max
260°C ±5°C
10s max
Preheat
140~160°C
260
Heat
> 200°C
Slow
cooldown
200s max
Tape & Reel Specification
4.0
1.75
12.0
±0.2
8.0
3.5
5.5
±0.05
2.2
12.4
13Ø
180Ø
62Ø
2.0
20.2Ø
120°
2.0
FEED
+2.0
-0.0
0.3
±0.05
5.3
1.1
1.50Ø
±0.05
Production quantities supplied on T&R, 1k pcs per reel.
Small quantities may be supplied on tape (no reel), or in bulk.
Packaging & Handling
Not to scale. Dimensional tolerances ±0.1mm unless otherwise stated.
FREQUENCY
S DC
Marking type: Laser
DC = Date code in YM, eg “EB” = Feb 2015
Marking
A
B
C
D
E
F
G
H
J
K
L
M
Y
1
2
3
4
5
6
7
8
9
0
M Jan Feb Mar Apr May Jun Jul Aug Sep Oct Nov Dec
04 Sep 2015


유사한 부품 번호 - GSX-531_15

제조업체부품명데이터시트상세설명
logo
Golledge Electronics Lt...
GSX-531111DF GOLLEDGE-GSX-531111DF Datasheet
61Kb / 1P
   SM Crystal Metal Lid
More results

유사한 설명 - GSX-531_15

제조업체부품명데이터시트상세설명
logo
Golledge Electronics Lt...
GSX-751 GOLLEDGE-GSX-751_08 Datasheet
52Kb / 1P
   SM Crystal - Metal Lid
GSX331 GOLLEDGE-GSX331 Datasheet
55Kb / 1P
   SM Crystal Metal Lid
GSX531 GOLLEDGE-GSX531 Datasheet
61Kb / 1P
   SM Crystal Metal Lid
GSX751 GOLLEDGE-GSX751 Datasheet
58Kb / 1P
   SM Crystal Metal Lid
GSX641 GOLLEDGE-GSX641 Datasheet
56Kb / 1P
   SM Crystal Metal Lid
GSX532 GOLLEDGE-GSX532 Datasheet
57Kb / 1P
   SM Crystal Ceramic Lid
GSX431 GOLLEDGE-GSX431 Datasheet
56Kb / 1P
   SM Crystal Mtal Lid
GSX852 GOLLEDGE-GSX852 Datasheet
56Kb / 1P
   SM Crystal Ceramic Lid
GSX642 GOLLEDGE-GSX642 Datasheet
47Kb / 1P
   SM Crystal ceramic Lid
GSX752 GOLLEDGE-GSX752 Datasheet
58Kb / 1P
   SM Crystal Ceramic Lid
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com