전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM27761 데이터시트(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
부품명 LM27761
상세설명  Low-Noise Regulated Switched-Capacitor Voltage Inverter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM27761 데이터시트(HTML) 3 Page - Texas Instruments

  LM27761 Datasheet HTML 1Page - Texas Instruments LM27761 Datasheet HTML 2Page - Texas Instruments LM27761 Datasheet HTML 3Page - Texas Instruments LM27761 Datasheet HTML 4Page - Texas Instruments LM27761 Datasheet HTML 5Page - Texas Instruments LM27761 Datasheet HTML 6Page - Texas Instruments LM27761 Datasheet HTML 7Page - Texas Instruments LM27761 Datasheet HTML 8Page - Texas Instruments LM27761 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
1
4
2
3
8
5
7
6
3
LM27761
www.ti.com
SNVSA85B – OCTOBER 2015 – REVISED FEBRUARY 2016
Product Folder Links: LM27761
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
(1)
P: Power; G: Ground; I: Input.
5 Pin Configuration and Functions
DSG Package
8-Pin WSON With Thermal Pad
Top View
Pin Functions
PIN
TYPE(1)
DESCRIPTION
NUMBER
NAME
1
VIN
P
Positive power supply input.
2
GND
G
Ground
3
CPOUT
P
Negative unregulated output voltage.
4
VOUT
P
Regulated negative output voltage.
5
VFB
P
Feedback input. Connect VFB to an external resistor divider between VOUT and
GND. DO NOT leave unconnected.
6
EN
I
Active high enable input.
7
C1–
P
Negative terminal for C1.
8
C1+
P
Positive terminal for C1.
Thermal Pad
G
Ground. DO NOT leave unconnected.


유사한 부품 번호 - LM27761

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM27761 TI-LM27761_15 Datasheet
160Kb / 9P
[Old version datasheet]   LM27761 Low-Noise Regulated Switched-Capacitor Voltage Inverter
More results

유사한 설명 - LM27761

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM2687LDX TI1-LM2687LDX Datasheet
333Kb / 12P
[Old version datasheet]   Low Noise Regulated Switched Capacitor Voltage Inverter
LM27761 TI-LM27761_15 Datasheet
160Kb / 9P
[Old version datasheet]   LM27761 Low-Noise Regulated Switched-Capacitor Voltage Inverter
logo
Linear Technology
LTC1261 LINER-LTC1261 Datasheet
310Kb / 16P
   Switched Capacitor Regulated Voltage Inverter
logo
National Semiconductor ...
LM2787 NSC-LM2787 Datasheet
214Kb / 8P
   Low Noise Regulated Switched Capacitor Voltage
LM2687 NSC-LM2687 Datasheet
222Kb / 8P
   Low Noise Regulated Switched Capacitor Voltage
logo
Linear Technology
LTC1261L LINER-LTC1261L_15 Datasheet
2Mb / 14P
   Switched Capacitor Regulated Voltage Inverter
LTC1261 LINER-LTC1261_15 Datasheet
483Kb / 18P
   Switched Capacitor Regulated Voltage Inverter
LTC1261L LINER-LTC1261L Datasheet
182Kb / 12P
   Switched Capacitor Regulated Voltage Inverter
logo
Texas Instruments
LM2787 TI-LM2787_15 Datasheet
292Kb / 9P
[Old version datasheet]   LM2787 Low Noise Regulated Switched Capacitor Voltage Inverter in DSBGA
logo
Linear Technology
LTC1550 LINER-LTC1550_15 Datasheet
298Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com