전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPS56720PWP 데이터시트(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
부품명 TPS56720PWP
상세설명  Synchronous Step-Down Voltage Regulator with Voltage Scaling
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPS56720PWP 데이터시트(HTML) 9 Page - Texas Instruments

Back Button TPS56720PWP Datasheet HTML 5Page - Texas Instruments TPS56720PWP Datasheet HTML 6Page - Texas Instruments TPS56720PWP Datasheet HTML 7Page - Texas Instruments TPS56720PWP Datasheet HTML 8Page - Texas Instruments TPS56720PWP Datasheet HTML 9Page - Texas Instruments TPS56720PWP Datasheet HTML 10Page - Texas Instruments TPS56720PWP Datasheet HTML 11Page - Texas Instruments TPS56720PWP Datasheet HTML 12Page - Texas Instruments TPS56720PWP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
VIL
VIH
9
TPS56C20, TPS56920, TPS56720, TPS56520
www.ti.com
SLVSCB6D – NOVEMBER 2013 – REVISED FEBRUARY 2016
Product Folder Links: TPS56C20 TPS56920 TPS56720 TPS56520
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
(1)
Ensured by design. Not production tested.
(2)
Refer to Figure 1 below for I2C Timing Definitions
(3)
Cb = capacitance of bus line in pF
7.6 Timing Requirements
MIN
TYP
MAX
UNIT
SOFT START
Issc
SS charge current
VSS=0.5V , 25 °C
–6.4
–6
–5.6
µA
IssD
SS discharge current
VSS=0.5V
0.14
0.2
0.26
mA
SERIAL INTERFACE(1) (2) (3)
VIL
LOW level input voltage
0.6
V
VIH
HIGH level input voltage
1.8
V
Vhys
Hysteresis of Schmitt trigger inputs
0.11
V
VOL
LOW level output voltage (Open drain, 3mA
sink current)
0.4
V
tSP
Pulse width of spikes suppressed by input
filter
32
ns
fscl
SCL clock frequency
400
kHz
tHD;STA
Hold time (repeated) START condition.
0.6
us
tLOW
LOW period of SCL clock
1.3
us
tHIGH
HIGH period of SCL clock
0.6
us
tSU;STA
Set-up time for a repeated START condition
0.6
us
tHD;DAT
Data Hold time
50
900
ns
tSU;DAT
Data set-up time
100
ns
tr
Rise time (SDA or SCL)
20+0.1Cb(4)
300
ns
tf
Fall time (SDA or SCL)
20+0.1Cb(4)
300
ns
tSU;STO
Set-up time for STOP condition
0.6
us
tBUF
Bus free time between STOP and START
condition
1.3
us
Cb
Capacitive load for each bus line
400
pF
(1)
Ensured by design. Not production tested.
Figure 1. I2C Timing Definitions (reproduced from Phillips I2C spec Version 1.1)
7.7 Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ON-TIME TIMER CONTROL
TON
SW On Time
SW=12V, VOUT=1.1V
180
ns
TOFF
(1)
SW Minimum off time
25°C, VFB= 0.5V
285
ns


유사한 부품 번호 - TPS56720PWP

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS5602 TI-TPS5602 Datasheet
739Kb / 24P
[Old version datasheet]   DUAL, FAST, HIGH EFFICIENCY CONTROLLER FOR DSP POWER
TPS560200 TI1-TPS560200 Datasheet
950Kb / 18P
[Old version datasheet]   4.5V to 17V Input, 500mA Synchronous Step Down SWIFT Converte rwith Advanced Eco-mode
TPS560200 TI-TPS560200 Datasheet
912Kb / 18P
[Old version datasheet]   4.5V to 17V Input, 500mA Synchronous Step Down SWIFT Converter with Advanced Eco-mode
TPS560200 TI1-TPS560200 Datasheet
992Kb / 22P
[Old version datasheet]   4.5-V to 17-V Input, 500-mA Synchronous Step-Down Converter
TPS560200 TI1-TPS560200 Datasheet
1Mb / 22P
[Old version datasheet]   4.5-V to 17-V Input, 500-mA Synchronous Step-Down SWIFT??Converter With Advanced Eco-mode?
More results

유사한 설명 - TPS56720PWP

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS563201 TI1-TPS563201 Datasheet
1Mb / 25P
[Old version datasheet]   Synchronous Step-Down Voltage Regulator
logo
Advanced Analogic Techn...
AAT1142 ANALOGICTECH-AAT1142 Datasheet
979Kb / 22P
   800mA Voltage-Scaling Step-Down Converter
logo
National Semiconductor ...
LM3370 NSC-LM3370_08 Datasheet
5Mb / 26P
   Dual Synchronous Step-Down DC-DC Converter with Dynamic Voltage Scaling Function
LM3370 NSC-LM3370 Datasheet
1Mb / 23P
   Dual Synchronous Step-Down DC-DC Converter with Dynamic Voltage Scaling Function
logo
Texas Instruments
LM3370 TI1-LM3370 Datasheet
4Mb / 33P
[Old version datasheet]   Dual Synchronous Step-Down DC-DC Converter with Dynamic Voltage Scaling Function
logo
Infineon Technologies A...
TLE6365 INFINEON-TLE6365_07 Datasheet
285Kb / 18P
   Step Down Voltage Regulator with Reset
Rev. 1.9, 2007-07-30
TLE6365G INFINEON-TLE6365G Datasheet
322Kb / 17P
   Step Down Voltage-Regulator with Reset
Rev. 1.7 2003-06-02
logo
HTC Korea TAEJIN Techno...
TJ6713DP HTC-TJ6713DP Datasheet
280Kb / 10P
   1MHz, 3A Synchronous Step-Down Switching Voltage Regulator
logo
Linear Technology
LTC1504A LINER-LTC1504A_15 Datasheet
113Kb / 12P
   500mA Low Voltage Step-Down Synchronous Switching Regulator
LTC1504 LINER-LTC1504 Datasheet
249Kb / 12P
   500mA Low Voltage Step-Down Synchronous Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com