전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPS56920PWP 데이터시트(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
부품명 TPS56920PWP
상세설명  Synchronous Step-Down Voltage Regulator with Voltage Scaling
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPS56920PWP 데이터시트(HTML) 10 Page - Texas Instruments

Back Button TPS56920PWP Datasheet HTML 6Page - Texas Instruments TPS56920PWP Datasheet HTML 7Page - Texas Instruments TPS56920PWP Datasheet HTML 8Page - Texas Instruments TPS56920PWP Datasheet HTML 9Page - Texas Instruments TPS56920PWP Datasheet HTML 10Page - Texas Instruments TPS56920PWP Datasheet HTML 11Page - Texas Instruments TPS56920PWP Datasheet HTML 12Page - Texas Instruments TPS56920PWP Datasheet HTML 13Page - Texas Instruments TPS56920PWP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
400
450
500
550
600
0.0
1.0
2.0
3.0
4.0
5.0
I
O - Output Current (A)
C005
V
OUT = 0.6V
V
OUT = 1.0V
V
OUT = 1.8V
0.594
0.596
0.598
0.600
0.602
0.604
0.606
±50
0
50
100
150
T
J Junction Temperature (ƒC)
C006
I
O = 50 mA, VOUT = 1.1 V
0
50
100
150
200
±50
0
50
100
150
T
J Junction Temperature (ƒC)
C002
400
450
500
550
600
650
700
4
6
8
10
12
14
16
18
V
IN - Input Voltage (V)
C004
I
OUT = 5 A
V
OUT = 0.6V
V
OUT = 1.0V
V
OUT = 1.8V
±10
0
10
20
30
40
50
60
0
2
4
6
8
10
12
14
16
18
EN Input Voltage (V)
C003
V
IN = 17 V
800
850
900
950
1,000
1,050
1,100
±50
0
50
100
150
T
J Junction Temperature (ƒC)
C001
10
TPS56C20, TPS56920, TPS56720, TPS56520
SLVSCB6D – NOVEMBER 2013 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: TPS56C20 TPS56920 TPS56720 TPS56520
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
7.8 Typical Characteristics
VIN = 12 V, VOUT = 1.0 V, Ta = 25 °C, unless otherwise specified.
Figure 2. TPS56X20 Enable Input Current
Figure 3. TPS56520 Quiescent Current
Figure 4. TPS56520 Shutdown Quiescent Current
Figure 5. TPS56520 Switching Frequency
Figure 6. TPS56520 Switching Frequency,
Eco-mode™ = OFF
Figure 7. TPS56520 Feedback Voltage


유사한 부품 번호 - TPS56920PWP

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS56921 TI-TPS56921 Datasheet
1Mb / 39P
[Old version datasheet]   4.5V to 17V Input, 9A Synchronous Step Down SWIFT Converter With VID Control
TPS56921PWP TI-TPS56921PWP Datasheet
1Mb / 39P
[Old version datasheet]   4.5V to 17V Input, 9A Synchronous Step Down SWIFT Converter With VID Control
TPS56921PWPR TI-TPS56921PWPR Datasheet
1Mb / 39P
[Old version datasheet]   4.5V to 17V Input, 9A Synchronous Step Down SWIFT Converter With VID Control
TPS56921 TI-TPS56921_15 Datasheet
995Kb / 37P
[Old version datasheet]   4.5V to 17V Input, 9A Synchronous Step Down SWIFT??Converter With VID Control
More results

유사한 설명 - TPS56920PWP

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS563201 TI1-TPS563201 Datasheet
1Mb / 25P
[Old version datasheet]   Synchronous Step-Down Voltage Regulator
logo
Advanced Analogic Techn...
AAT1142 ANALOGICTECH-AAT1142 Datasheet
979Kb / 22P
   800mA Voltage-Scaling Step-Down Converter
logo
National Semiconductor ...
LM3370 NSC-LM3370_08 Datasheet
5Mb / 26P
   Dual Synchronous Step-Down DC-DC Converter with Dynamic Voltage Scaling Function
LM3370 NSC-LM3370 Datasheet
1Mb / 23P
   Dual Synchronous Step-Down DC-DC Converter with Dynamic Voltage Scaling Function
logo
Texas Instruments
LM3370 TI1-LM3370 Datasheet
4Mb / 33P
[Old version datasheet]   Dual Synchronous Step-Down DC-DC Converter with Dynamic Voltage Scaling Function
logo
Infineon Technologies A...
TLE6365 INFINEON-TLE6365_07 Datasheet
285Kb / 18P
   Step Down Voltage Regulator with Reset
Rev. 1.9, 2007-07-30
TLE6365G INFINEON-TLE6365G Datasheet
322Kb / 17P
   Step Down Voltage-Regulator with Reset
Rev. 1.7 2003-06-02
logo
HTC Korea TAEJIN Techno...
TJ6713DP HTC-TJ6713DP Datasheet
280Kb / 10P
   1MHz, 3A Synchronous Step-Down Switching Voltage Regulator
logo
Linear Technology
LTC1504A LINER-LTC1504A_15 Datasheet
113Kb / 12P
   500mA Low Voltage Step-Down Synchronous Switching Regulator
LTC1504 LINER-LTC1504 Datasheet
249Kb / 12P
   500mA Low Voltage Step-Down Synchronous Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com