전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPS56221 데이터시트(PDF) 10 Page - Texas Instruments

부품명 TPS56221
상세설명  Synchronous Buck SWIFT Converter
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPS56221 데이터시트(HTML) 10 Page - Texas Instruments

Back Button TPS56221_16 Datasheet HTML 6Page - Texas Instruments TPS56221_16 Datasheet HTML 7Page - Texas Instruments TPS56221_16 Datasheet HTML 8Page - Texas Instruments TPS56221_16 Datasheet HTML 9Page - Texas Instruments TPS56221_16 Datasheet HTML 10Page - Texas Instruments TPS56221_16 Datasheet HTML 11Page - Texas Instruments TPS56221_16 Datasheet HTML 12Page - Texas Instruments TPS56221_16 Datasheet HTML 13Page - Texas Instruments TPS56221_16 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
BOOT
SW
ILIM
EN/SS
COMP
FB
GND
VDD
BP
PGOOD
PAD
VIN
+
+
FB
0.6 V
REF + 12.5%
0.6 V
REF –12.5%
+
Fault
Controller
SS
Soft Start
BP
Anti-Cross
Conduction
and
Pre-Bias
Circuit
PWM
Logic
BP
Clock
6-V
Regulator
References
0.6
V
REF
SD
BP
Oscillator
+
Calibration
Circuit
+
UDG-11046
0.6 V
REF
SS
10 mA
750 kW
Fault Controller
Thermal
Shutdown
OC
Threshold
Setting
10 mA
OC
SS
SD
PWM
Clock
OC
TPS56221
10
TPS56221
SLUSAH5D – MARCH 2011 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: TPS56221
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The TPS56221 is a 25-A high-performance synchronous buck converter with two integrated N-channel NexFET
power MOSFETs. The device implements a voltage-mode control with voltage feed-forward compensation that
responds instantly to input voltage change. Prebias capability eliminates concerns about damaging sensitive
loads.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Voltage Reference
The 600-mV bandgap cell is internally connected to the noninverting input of the error amplifier. The reference
voltage is trimmed with the error amplifier in a unity gain configuration to remove amplifier offset from the final
regulation voltage. The 1% tolerance on the reference voltage allows the user to design a very accurate power
supply.


유사한 부품 번호 - TPS56221_16

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS56221 TI-TPS56221_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS56221 4.5-V to 14-V Input, High-Current, Synchronous Buck Converter
More results

유사한 설명 - TPS56221_16

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS53353 TI1-TPS53353_16 Datasheet
1Mb / 37P
[Old version datasheet]   Synchronous Buck SWIFT Converter
TPS53355 TI1-TPS53355_16 Datasheet
1Mb / 37P
[Old version datasheet]   Synchronous Buck SWIFT Converter
TPS56121 TI1-TPS56121_16 Datasheet
1Mb / 31P
[Old version datasheet]   Input High-Current Synchronous Buck SWIFT Converter
TPS53353 TI1-TPS53353_17 Datasheet
1Mb / 37P
[Old version datasheet]   High-Efficiency 20-A Synchronous Buck SWIFT Converter With Eco-mode
TPS53355 TI1-TPS53355_17 Datasheet
1Mb / 39P
[Old version datasheet]   High-Efficiency 30-A Synchronous Buck SWIFT Converter With Eco-mode
logo
Major-Power Technology ...
MA5604 MPOWER-MA5604 Datasheet
429Kb / 7P
   Synchronous Buck Converter
logo
Rohm
BD9B300MUV-EVK-101 ROHM-BD9B300MUV-EVK-101 Datasheet
1Mb / 11P
   Synchronous Buck Converter
logo
QX Micro Devices Co.,Lt...
QX3406 QXMD-QX3406 Datasheet
1Mb / 2P
   Synchronous Buck Converter
logo
Texas Instruments
TPS56121 TI1-TPS56121_17 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 14-V Input High-Current Synchronous Buck SWIFT Converter
logo
Rohm
BD9109FVMEVK-101 ROHM-BD9109FVMEVK-101 Datasheet
787Kb / 8P
   Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com