전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPS57140QDGQRQ1 데이터시트(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
부품명 TPS57140QDGQRQ1
상세설명  Step-Down DC-DC Converter
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPS57140QDGQRQ1 데이터시트(HTML) 6 Page - Texas Instruments

Back Button TPS57140QDGQRQ1 Datasheet HTML 2Page - Texas Instruments TPS57140QDGQRQ1 Datasheet HTML 3Page - Texas Instruments TPS57140QDGQRQ1 Datasheet HTML 4Page - Texas Instruments TPS57140QDGQRQ1 Datasheet HTML 5Page - Texas Instruments TPS57140QDGQRQ1 Datasheet HTML 6Page - Texas Instruments TPS57140QDGQRQ1 Datasheet HTML 7Page - Texas Instruments TPS57140QDGQRQ1 Datasheet HTML 8Page - Texas Instruments TPS57140QDGQRQ1 Datasheet HTML 9Page - Texas Instruments TPS57140QDGQRQ1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 53 page
background image
6
TPS57140-Q1
SLVSAP3D – DECEMBER 2010 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: TPS57140-Q1
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
TJ = –40°C to 150°C, VIN = 3.5 to 42 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CURRENT LIMIT
Current-limit threshold
VIN = 12 V, TJ = 25°C
1.8
2.7
A
THERMAL SHUTDOWN
Thermal shutdown
182
°C
TIMING RESISTOR AND EXTERNAL CLOCK (RT/CLK PIN)
Switching-frequency range using RT
mode
VIN = 12 V
100
2500
kHz
fSW
Switching frequency
VIN = 12 V, RT = 200 kΩ
450
581
720
kHz
Switching-frequency range using CLK
mode
VIN = 12 V
300
2200
kHz
Minimum CLK pulse duration
40
ns
RT/CLK high threshold
VIN = 12 V
1.9
2.2
V
RT/CLK low threshold
VIN = 12 V
0.45
0.7
V
RT/CLK falling-edge to PH rising-edge
delay
Measured at 500 kHz with RT resistor in series
60
ns
PLL lock in time
Measured at 500 kHz
100
μs
SLOW START AND TRACKING (SS/TR)
Charge current
VSS/TR = 0.4 V
2
μA
SS/TR-to-VSENSE matching
VSS/TR = 0.4 V
45
mV
SS/TR-to-reference crossover
98% nominal
1
V
SS/TR discharge current (overload)
VSENSE = 0 V, V(SS/TR) = 0.4 V
112
μA
SS/TR discharge voltage
VSENSE = 0 V
54
mV
POWER GOOD (PWRGD PIN)
PWRGDTH
PWRGD switching threshold as % of
the nominal VSENSE
VSENSE falling (fault)
92
% of
VSENSE
VSENSE rising (good)
94
VSENSE rising (fault)
109
VSENSE falling (good)
107
Hysteresis
VSENSE falling and rising
2
% of
VSENSE
Output-high leakage
VSENSE = VREF, V(PWRGD) = 5.5 V, 25°C
10
nA
On-resistance
I(PWRGD) = 3 mA, VSENSE < 0.79 V
50
Minimum VIN for defined output
V(PWRGD) < 0.5 V, II(PWRGD) = 100 μA
0.95
1.5
V


유사한 부품 번호 - TPS57140QDGQRQ1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS57140QDGQRQ1 TI1-TPS57140QDGQRQ1 Datasheet
1Mb / 49P
[Old version datasheet]   1.5-A 42-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode??CONTROL
More results

유사한 설명 - TPS57140QDGQRQ1

제조업체부품명데이터시트상세설명
logo
Rohm
BP5226-18 ROHM-BP5226-18 Datasheet
478Kb / 3P
   Step-down DC/DC converter
logo
Texas Instruments
LM3212 TI1-LM3212_16 Datasheet
981Kb / 25P
[Old version datasheet]   Step-Down DC-DC Converter
LM53625-Q1 TI1-LM53625-Q1_16 Datasheet
5Mb / 55P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54340-Q1 TI1-TPS54340-Q1_15 Datasheet
1Mb / 48P
[Old version datasheet]   Step-Down DC-DC Converter
logo
KODENSHI_AUK CORP.
PAM2301 KODENSHI-PAM2301 Datasheet
863Kb / 13P
   STEP-DOWN DC-DC CONVERTER
logo
Texas Instruments
LM3203 TI1-LM3203_16 Datasheet
3Mb / 22P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54040 TI1-TPS54040_16 Datasheet
2Mb / 51P
[Old version datasheet]   Step Down DC/DC Converter
logo
Diodes Incorporated
PAM2301 DIODES-PAM2301 Datasheet
1Mb / 13P
   STEP-DOWN DC-DC CONVERTER
logo
Maxim Integrated Produc...
MAX17505 MAXIM-MAX17505 Datasheet
826Kb / 18P
   Step-Down DC-DC Converter
Rev 0; 1/14
logo
Texas Instruments
TPS54040A TI1-TPS54040A_16 Datasheet
2Mb / 53P
[Old version datasheet]   Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com