전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CSD17579Q3A 데이터시트(PDF) 9 Page - Texas Instruments

부품명 CSD17579Q3A
상세설명  N-Channel NexFET Power MOSFETs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

CSD17579Q3A 데이터시트(HTML) 9 Page - Texas Instruments

Back Button CSD17579Q3A_16 Datasheet HTML 5Page - Texas Instruments CSD17579Q3A_16 Datasheet HTML 6Page - Texas Instruments CSD17579Q3A_16 Datasheet HTML 7Page - Texas Instruments CSD17579Q3A_16 Datasheet HTML 8Page - Texas Instruments CSD17579Q3A_16 Datasheet HTML 9Page - Texas Instruments CSD17579Q3A_16 Datasheet HTML 10Page - Texas Instruments CSD17579Q3A_16 Datasheet HTML 11Page - Texas Instruments CSD17579Q3A_16 Datasheet HTML 12Page - Texas Instruments CSD17579Q3A_16 Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
(3.1)
4X 0.705
4X 1.125
(R
) TYP
0.05
8X (0.6)
8X (0.3)
6X (0.65)
(0.208)
(0.905)
(0.663)
(1.325)
SYMM
SOLDER MASK EDGE
PKG
1
4
5
8
9
METAL
TYP
4X (0.6)
4X (0.3)
(1.775)
(2.45)
0.05 MIN
ALL SIDES
3X (0.65)
3X (0.65)
(0.207)
(0.975)
TYP
(R
)
TYP
0.05
(0.245)
(0.905)
TYP
(R
) TYP
0.05
(1.55)
(0.56)
(0.635)
TYP
(
) VIA
TYP
0.2
4X (0.3)
LAND PATTERN EXAMPLE
SYMM
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
1
4
5
8
9
PKG
CSD17579Q3A
www.ti.com
SLPS527A – SEPTEMBER 2014 – REVISED JANUARY 2016
7.2 Q3A Recommended PCB Pattern
1. This package is designed to be soldered to a thermal pad on the board. For more information, see QFN/SON
PCB Attachment application report, SLUA271.
2. Vias are optional depending on application, refer to device data sheet. If some or all are implemented,
recommended via locations are shown.
For recommended circuit layout for PCB designs, see application note SLPA005 – Reducing Ringing Through
PCB Layout Techniques.
7.3 Q3A Recommended Stencil Pattern
1. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525
may have alternate design recommendations.
Copyright © 2014–2016, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: CSD17579Q3A


유사한 부품 번호 - CSD17579Q3A_16

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CSD17579Q3A TI-CSD17579Q3A_15 Datasheet
1Mb / 15P
[Old version datasheet]   CSD17579Q3A 30 V N-Channel NexFET Power MOSFETs
More results

유사한 설명 - CSD17579Q3A_16

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CSD16301Q2 TI-CSD16301Q2_11 Datasheet
183Kb / 9P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16323Q3 TI1-CSD16323Q3 Datasheet
392Kb / 12P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16325Q5 TI-CSD16325Q5 Datasheet
242Kb / 10P
[Old version datasheet]   N-Channel NexFET Power MOSFETs
CSD16403Q5A TI1-CSD16403Q5A Datasheet
345Kb / 10P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16406Q3 TI1-CSD16406Q3 Datasheet
364Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16407Q5 TI1-CSD16407Q5 Datasheet
340Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD17551Q3A TI1-CSD17551Q3A_16 Datasheet
779Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFETs
CSD18509Q5B TI1-CSD18509Q5B_16 Datasheet
464Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFETs
CSD17552Q3A TI1-CSD17552Q3A_16 Datasheet
776Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFETs
CSD16323Q3C TI1-CSD16323Q3C Datasheet
387Kb / 10P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16342Q5A TI-CSD16342Q5A Datasheet
2Mb / 12P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com