전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2852XMXA-1.2 데이터시트(PDF) 5 Page - Texas Instruments

부품명 LM2852XMXA-1.2
상세설명  Synchronous Simple Switcher Buck Regulator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM2852XMXA-1.2 데이터시트(HTML) 5 Page - Texas Instruments

  LM2852XMXA-1.2 Datasheet HTML 1Page - Texas Instruments LM2852XMXA-1.2 Datasheet HTML 2Page - Texas Instruments LM2852XMXA-1.2 Datasheet HTML 3Page - Texas Instruments LM2852XMXA-1.2 Datasheet HTML 4Page - Texas Instruments LM2852XMXA-1.2 Datasheet HTML 5Page - Texas Instruments LM2852XMXA-1.2 Datasheet HTML 6Page - Texas Instruments LM2852XMXA-1.2 Datasheet HTML 7Page - Texas Instruments LM2852XMXA-1.2 Datasheet HTML 8Page - Texas Instruments LM2852XMXA-1.2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
LM2852
www.ti.com
SNVS325E – JANUARY 2005 – REVISED JANUARY 2016
6.5 Electrical Characteristics
AVIN = PVIN = 5 V unless otherwise indicated under the Test Conditions column. Limits apply over the junction temperature
(TJ) range of –40°C to 125°C (unless otherwise noted). Minimum and Maximum limits are ensured through test, design, or
statistical correlation. Typical values represent the most likely parametric norm at TJ = 25°C, and are provided for reference
purposes only.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SYSTEM PARAMETERS
VOUT = 0.8-V option
0.782
0.818
VOUT = 1-V option
0.9775
1.0225
VOUT = 1.2-V option
1.173
1.227
VOUT = 1.5-V option
1.4663
1.5337
Voltage
VOUT
V
tolerance(1)
VOUT = 1.8-V option
1.7595
1.8405
VOUT = 2.5-V option
2.4437
2.5563
VOUT = 3-V option
2.9325
3.0675
VOUT = 3.3-V option
3.2257
3.3743
TJ = –40°C to
VOUT = 0.8 V, 1 V, 1.2 V, 1.5 V,
0.6%
125°C
1.8 V or 2.5 V,
2.85 V
≤ AVIN ≤ 5.5 V
TJ = 25°C
0.2%
ΔVOUT/ ΔAVIN
Line regulation(1)
TJ = –40°C to
0.6%
VOUT = 3.3 V,
125°C
3.5 V
≤ AVIN ≤ 5.5 V
TJ = 25°C
0.2%
ΔVOUT/ΔIO
Load regulation
Normal operation
TJ = 25°C
8
mV/A
TJ = –40°C to
2.85
125°C
Rising
V
TJ = 25°C
2.47
VON
UVLO threshold (AVIN)
TJ = –40°C to
85
210
125°C
Falling hysteresis
mV
TJ = 25°C
150
TJ = –40°C to
140
125°C
rDSON-P
PFET ON resistance
Isw = 2 A
m
TJ = 25°C
75
TJ = –40°C to
120
125°C
rDSON-N
NFET ON resistance
Isw = 2 A
m
TJ = 25°C
55
RSS
Soft-start resistance
TJ = 25°C
400
k
TJ = –40°C to
2.75
4.95
125°C
LM2852X
TJ = 25°C
4
Peak current limit
ICL
A
threshold
TJ = –40°C to
2.25
3.65
125°C
LM2852Y
TJ = 25°C
3
TJ = –40°C to
2
125°C
IQ
Operating current
Non-switching
mA
TJ = 25°C
0.85
TJ = –40°C to
25
Shutdown quiescent
125°C
ISD
EN = 0 V
µA
current
TJ = 25°C
10
RSNS
Sense pin resistance
TJ = 25°C
400
k
(1)
VOUT measured in a non-switching, closed-loop configuration at the SNS pin.
Copyright © 2005–2016, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM2852


유사한 부품 번호 - LM2852XMXA-1.2

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2852XMXA-1.2 NSC-LM2852XMXA-1.2 Datasheet
618Kb / 13P
   2A 500/1500kHz SIMPLE SYNCHRONOUS Buck Regulator
LM2852XMXA-1.2 NSC-LM2852XMXA-1.2 Datasheet
663Kb / 14P
   2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
More results

유사한 설명 - LM2852XMXA-1.2

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM2854 TI1-LM2854_16 Datasheet
1Mb / 33P
[Old version datasheet]   Synchronous SIMPLE SWITCHER Buck Regulator
LM2853 TI-LM2853_15 Datasheet
1Mb / 18P
[Old version datasheet]   3A 550 kHz Synchronous SIMPLE SWITCHER Buck Regulator
logo
National Semiconductor ...
LM2853 NSC-LM2853 Datasheet
738Kb / 12P
   3A 550 kHz Synchronous SIMPLE SWITCHER Buck Regulator
LM2852 NSC-LM2852 Datasheet
618Kb / 13P
   2A 500/1500kHz SIMPLE SYNCHRONOUS Buck Regulator
logo
Texas Instruments
LM3103 TI1-LM3103 Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER Synchronous 1MHz 0.75A Step-Down Voltage Regulator
LM3102 TI1-LM3102_14 Datasheet
1Mb / 24P
[Old version datasheet]   SIMPLE SWITCHER Synchronous 1MHz 2.5A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2585 NSC-LM2585 Datasheet
627Kb / 25P
   SIMPLE SWITCHER 3A Flyback Regulator
logo
Texas Instruments
LM2852 TI1-LM2852_14 Datasheet
1Mb / 25P
[Old version datasheet]   2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
logo
National Semiconductor ...
LM2587 NSC-LM2587 Datasheet
676Kb / 26P
   SIMPLE SWITCHER 5A Flyback Regulator
LM2852 NSC-LM2852_06 Datasheet
663Kb / 14P
   2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com