전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2852XMXA-3.3 데이터시트(PDF) 2 Page - Texas Instruments

부품명 LM2852XMXA-3.3
상세설명  Synchronous Simple Switcher Buck Regulator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM2852XMXA-3.3 데이터시트(HTML) 2 Page - Texas Instruments

  LM2852XMXA-3.3 Datasheet HTML 1Page - Texas Instruments LM2852XMXA-3.3 Datasheet HTML 2Page - Texas Instruments LM2852XMXA-3.3 Datasheet HTML 3Page - Texas Instruments LM2852XMXA-3.3 Datasheet HTML 4Page - Texas Instruments LM2852XMXA-3.3 Datasheet HTML 5Page - Texas Instruments LM2852XMXA-3.3 Datasheet HTML 6Page - Texas Instruments LM2852XMXA-3.3 Datasheet HTML 7Page - Texas Instruments LM2852XMXA-3.3 Datasheet HTML 8Page - Texas Instruments LM2852XMXA-3.3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
LM2852
SNVS325E – JANUARY 2005 – REVISED JANUARY 2016
www.ti.com
Table of Contents
7.3
Feature Description................................................. 11
1
Features .................................................................. 1
7.4
Device Functional Modes........................................ 11
2
Applications ........................................................... 1
8
Application and Implementation ........................ 12
3
Description ............................................................. 1
8.1
Application Information............................................ 12
4
Revision History..................................................... 2
8.2
Typical Application ................................................. 12
5
Pin Configuration and Functions ......................... 3
9
Power Supply Recommendations ...................... 18
6
Specifications......................................................... 4
10
Layout................................................................... 18
6.1
Absolute Maximum Ratings ...................................... 4
10.1
Layout Guidelines ................................................. 18
6.2
ESD Ratings.............................................................. 4
10.2
Layout Example .................................................... 18
6.3
Recommended Operating Conditions ....................... 4
11
Device and Documentation Support ................. 19
6.4
Thermal Information .................................................. 4
11.1
Device Support...................................................... 19
6.5
Electrical Characteristics........................................... 5
11.2
Community Resources.......................................... 19
6.6
LM2852Y Typical Characteristics (500 kHz)............. 7
11.3
Trademarks ........................................................... 19
6.7
LM2852X Typical Characteristics (1500 kHz)........... 8
11.4
Electrostatic Discharge Caution ............................ 19
6.8
LM2852 Typical Characteristics (Both Y and X
Versions) .................................................................... 9
11.5
Glossary ................................................................ 19
7
Detailed Description ............................................ 10
12
Mechanical, Packaging, and Orderable
Information ........................................................... 19
7.1
Overview ................................................................. 10
7.2
Functional Block Diagram ....................................... 10
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision D (April 2013) to Revision E
Page
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section .................................................................................................. 1
2
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
Product Folder Links: LM2852


유사한 부품 번호 - LM2852XMXA-3.3

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2852XMXA-3.3 NSC-LM2852XMXA-3.3 Datasheet
618Kb / 13P
   2A 500/1500kHz SIMPLE SYNCHRONOUS Buck Regulator
LM2852XMXA-3.3 NSC-LM2852XMXA-3.3 Datasheet
663Kb / 14P
   2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
More results

유사한 설명 - LM2852XMXA-3.3

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM2854 TI1-LM2854_16 Datasheet
1Mb / 33P
[Old version datasheet]   Synchronous SIMPLE SWITCHER Buck Regulator
LM2853 TI-LM2853_15 Datasheet
1Mb / 18P
[Old version datasheet]   3A 550 kHz Synchronous SIMPLE SWITCHER Buck Regulator
logo
National Semiconductor ...
LM2853 NSC-LM2853 Datasheet
738Kb / 12P
   3A 550 kHz Synchronous SIMPLE SWITCHER Buck Regulator
LM2852 NSC-LM2852 Datasheet
618Kb / 13P
   2A 500/1500kHz SIMPLE SYNCHRONOUS Buck Regulator
logo
Texas Instruments
LM3103 TI1-LM3103 Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER Synchronous 1MHz 0.75A Step-Down Voltage Regulator
LM3102 TI1-LM3102_14 Datasheet
1Mb / 24P
[Old version datasheet]   SIMPLE SWITCHER Synchronous 1MHz 2.5A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2585 NSC-LM2585 Datasheet
627Kb / 25P
   SIMPLE SWITCHER 3A Flyback Regulator
logo
Texas Instruments
LM2852 TI1-LM2852_14 Datasheet
1Mb / 25P
[Old version datasheet]   2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
logo
National Semiconductor ...
LM2587 NSC-LM2587 Datasheet
676Kb / 26P
   SIMPLE SWITCHER 5A Flyback Regulator
LM2852 NSC-LM2852_06 Datasheet
663Kb / 14P
   2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com