전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2852YMXAX-3.0 데이터시트(PDF) 10 Page - Texas Instruments

부품명 LM2852YMXAX-3.0
상세설명  Synchronous Simple Switcher Buck Regulator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM2852YMXAX-3.0 데이터시트(HTML) 10 Page - Texas Instruments

Back Button LM2852YMXAX-3.0 Datasheet HTML 6Page - Texas Instruments LM2852YMXAX-3.0 Datasheet HTML 7Page - Texas Instruments LM2852YMXAX-3.0 Datasheet HTML 8Page - Texas Instruments LM2852YMXAX-3.0 Datasheet HTML 9Page - Texas Instruments LM2852YMXAX-3.0 Datasheet HTML 10Page - Texas Instruments LM2852YMXAX-3.0 Datasheet HTML 11Page - Texas Instruments LM2852YMXAX-3.0 Datasheet HTML 12Page - Texas Instruments LM2852YMXAX-3.0 Datasheet HTML 13Page - Texas Instruments LM2852YMXAX-3.0 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
Ramp and Clock
Generator
AVIN
EN
PVIN
Gate
Drive
SW
PGND
+
-
+
-
SS
SNS
Error
Amp
PWM
Comp
Oscillator
Reference
UVLO
DAC
Zc2
400 k:
200 k:
200 k:
20 pF
SGND
Zc1
Current Limit
LM2852
SNVS325E – JANUARY 2005 – REVISED JANUARY 2016
www.ti.com
7 Detailed Description
7.1 Overview
The LM2852 is a DC-DC synchronous buck regulator belonging to Texas Instrument’s SIMPLE SWITCHER
family. Integration of the PWM controller, power switches and compensation network greatly reduces the
component count required to implement a switching power supply.
7.2 Functional Block Diagram
10
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
Product Folder Links: LM2852


유사한 부품 번호 - LM2852YMXAX-3.0

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2852YMXAX-3.0 NSC-LM2852YMXAX-3.0 Datasheet
663Kb / 14P
   2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
logo
Texas Instruments
LM2852YMXAX-3.0 TI-LM2852YMXAX-3.0 Datasheet
981Kb / 23P
[Old version datasheet]   LM2852 2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
More results

유사한 설명 - LM2852YMXAX-3.0

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM2854 TI1-LM2854_16 Datasheet
1Mb / 33P
[Old version datasheet]   Synchronous SIMPLE SWITCHER Buck Regulator
LM2853 TI-LM2853_15 Datasheet
1Mb / 18P
[Old version datasheet]   3A 550 kHz Synchronous SIMPLE SWITCHER Buck Regulator
logo
National Semiconductor ...
LM2853 NSC-LM2853 Datasheet
738Kb / 12P
   3A 550 kHz Synchronous SIMPLE SWITCHER Buck Regulator
LM2852 NSC-LM2852 Datasheet
618Kb / 13P
   2A 500/1500kHz SIMPLE SYNCHRONOUS Buck Regulator
logo
Texas Instruments
LM3103 TI1-LM3103 Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER Synchronous 1MHz 0.75A Step-Down Voltage Regulator
LM3102 TI1-LM3102_14 Datasheet
1Mb / 24P
[Old version datasheet]   SIMPLE SWITCHER Synchronous 1MHz 2.5A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2585 NSC-LM2585 Datasheet
627Kb / 25P
   SIMPLE SWITCHER 3A Flyback Regulator
logo
Texas Instruments
LM2852 TI1-LM2852_14 Datasheet
1Mb / 25P
[Old version datasheet]   2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
logo
National Semiconductor ...
LM2587 NSC-LM2587 Datasheet
676Kb / 26P
   SIMPLE SWITCHER 5A Flyback Regulator
LM2852 NSC-LM2852_06 Datasheet
663Kb / 14P
   2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com