전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM-177 데이터시트(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

부품명 AM-177
상세설명  Cascadable Thin Film Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MA-COM [M/A-COM Technology Solutions, Inc.]
홈페이지  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

AM-177 데이터시트(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  AM-177_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. AM-177_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. AM-177_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Cascadable Thin Film Amplifier,
10 dB Gain, 10 - 1000 MHz
Rev. V4
AM-177
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
 +22 dBm Typical High 1 dB Compression
 +38 dBm Typical High Third Order Intercept
 1.2:1 Typical VSWR
Description
M/A-COM’s AM-177 is a feedback amplifier with high
intercept and compression points. This amplifier is
packaged in a TO-8 package. Due to the internal
power dissipation the thermal rise should be
minimized. The ground plane on the PC board
should be configured to remove heat from under the
package. AM-177 is ideally suited for use where a
high intercept, high reliability amplifier is required.
Electrical Specifications: 1,2
TA = -55°C to +85°C Case Temperature
1. All specifications apply when operated at +15 VDC, with 50 ohms source and load impedance.
2. Heat Sinking: Operation at case temperature above 95°C is not recommended. Heat sinking adequate to dissipate 1.75W must be
provided in use.
Parameter
Test Conditions
Frequency
Units
Min.
Typ.
Max.
Gain
@+25oC
500 MHz
dB
9.5
10.0
10.5
Frequency Response
10 - 1000 MHz
dB
±0.5
Gain Variation with
Temperature
10 - 1000 MHz
dB
+0.8
1 dB Compression
Output Power
10 - 1000 MHz
dBm
+20
+22
Noise Figure
10 - 1000 MHz
dB
5.8
8.5
Reverse Transmission
10 - 1000 MHz
dB
-16
-14
VSWR
10 - 1000 MHz
Ratio
1.6:1
2.0:1
Output IP2
Two-Tone inputs up to 0 dBm
10 - 1000 MHz
dBm
+42
Output IP3
Two-Tone inputs up to 0 dBm
10 - 1000 MHz
dBm
+30
Vbias
VDC
+14.5
+15.0
+15.5
Ibias
Vbias = +15.0 VDC
mA
105
115
Power Dissipation
@ +15 V Bias
mW
1575
WEIGHT (APPROX) 0.10 OUNCES 2.8 GRAMS
DC IN
RF IN
RF OUT
GND
.150
(3.8) TYP.
.300
(7.6) TYP.
MIN
MAX
.220
(5.6)
.220
(5.6)
.450
(11.4)
4X Ø .018+/-.005
(0.46+/-0.13)
Ø .50
(12.7+0.5)
Outline Drawing: TO-8-1 *


유사한 부품 번호 - AM-177_15

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
AM-177 MACOM-AM-177_1 Datasheet
121Kb / 2P
   Cascadable Thin Film Amplifier 12 dB Gain, 10 - 1000 MHz
More results

유사한 설명 - AM-177_15

제조업체부품명데이터시트상세설명
logo
M/A-COM Technology Solu...
AM-177 MA-COM-AM-177 Datasheet
59Kb / 2P
   Cascadable Thin Film Amplifier
AM-180-AMC-180 MA-COM-AM-180-AMC-180 Datasheet
89Kb / 3P
   Cascadable Thin Film Amplifier
AM-184-AMC-184 MA-COM-AM-184-AMC-184 Datasheet
82Kb / 3P
   Cascadable Thin Film Amplifier
AM-176-AMC-176 MA-COM-AM-176-AMC-176 Datasheet
83Kb / 3P
   Cascadable Thin Film Amplifier
AMC-183_V5 MA-COM-AMC-183_V5 Datasheet
82Kb / 3P
   Cascadable Thin Film Amplifier
logo
Teledyne Technologies I...
PSA-6232 TELEDYNE-PSA-6232 Datasheet
168Kb / 4P
   Thin-Film Cascadable Amplifier
logo
M/A-COM Technology Solu...
AM-180-AMC-180 MA-COM-AM-180-AMC-180_15 Datasheet
89Kb / 3P
   Cascadable Thin Film Amplifier
AM-182-AMC-182 MA-COM-AM-182-AMC-182_15 Datasheet
87Kb / 3P
   Cascadable Thin Film Amplifier
AM-182-AMC-182 MA-COM-AM-182-AMC-182 Datasheet
87Kb / 3P
   Cascadable Thin Film Amplifier
logo
Teledyne Technologies I...
PSA4132 TELEDYNE-PSA4132 Datasheet
98Kb / 4P
   Thin-Film Cascadable Amplifier
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com