전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UC2846DW 데이터시트(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
부품명 UC2846DW
상세설명  Current Mode PWM Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

UC2846DW 데이터시트(HTML) 4 Page - Texas Instruments

  UC2846DW Datasheet HTML 1Page - Texas Instruments UC2846DW Datasheet HTML 2Page - Texas Instruments UC2846DW Datasheet HTML 3Page - Texas Instruments UC2846DW Datasheet HTML 4Page - Texas Instruments UC2846DW Datasheet HTML 5Page - Texas Instruments UC2846DW Datasheet HTML 6Page - Texas Instruments UC2846DW Datasheet HTML 7Page - Texas Instruments UC2846DW Datasheet HTML 8Page - Texas Instruments UC2846DW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
UC1846, UC1847, UC2846
UC2847, UC3846, UC3847
SLUS352C – JANUARY 1997 – REVISED DECEMBER 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply Voltage (Pin 15)
40
V
Collector Supply Voltage (Pin 13)
40
V
Output Current, Source or Sink (Pins 11, 14)
500
mA
Analog Inputs (Pins 3, 4, 5, 6, 16)
–0.3
+VIN
V
Reference Output Current (Pin 2)
–30
mA
Sync Output Current (Pin 10)
–5
mA
Error Amplifier Output Current (Pin 7)
–5
mA
Soft Start Sink Current (Pin 1)
50
mA
Oscillator Charging Current (Pin 9)
5
mA
Power Dissipation at TA = 25°C
1000
mW
Power Dissipation at TC = 25°C
2000
mW
Storage temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2500
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-
±1500
C101(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VREF terminal external capacitance
1
2.2
µF
6.4 Thermal Information
UCx846/7
N or DW (PDIP or
J or DW (CDIP or
THERMAL METRIC(1)
UNIT
SOIC)
SOIC)
16 PINS
16 PINS
RθJA
Junction-to-ambient thermal resistance
41.8
73.1
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
28.5
34.2
°C/W
RθJB
Junction-to-board thermal resistance
21.8
38.0
°C/W
ψJT
Junction-to-top characterization parameter
13.0
7.7
°C/W
ψJB
Junction-to-board characterization parameter
21.7
37.4
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
4
Submit Documentation Feedback
Copyright © 1997–2015, Texas Instruments Incorporated
Product Folder Links: UC1846 UC1847 UC2846 UC2847 UC3846 UC3847


유사한 부품 번호 - UC2846DW

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UC2846DW TI-UC2846DW Datasheet
648Kb / 10P
[Old version datasheet]   Current Mode PWM Controller
UC2846DW TI-UC2846DW Datasheet
3Mb / 15P
[Old version datasheet]   Current Mode PWM Controller
UC2846DW TI1-UC2846DW Datasheet
3Mb / 15P
[Old version datasheet]   Current Mode PWM Controller
UC2846DW TI1-UC2846DW Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC2846DW TI-UC2846DW Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
More results

유사한 설명 - UC2846DW

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com