전자부품 데이터시트 검색엔진 |
|
SMA31-1 데이터시트(PDF) 1 Page - M/A-COM Technology Solutions, Inc. |
|
SMA31-1 데이터시트(HTML) 1 Page - M/A-COM Technology Solutions, Inc. |
1 / 3 page Cascadable Amplifier 100 to 2000 MHz Rev. V3 A31-1 / SMA31-1 1 1 M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. Visit www.macom.com for additional data sheets and product information. For further information and support please visit: https://www.macom.com/support 1 Electrical Specifications: Z0 = 50, VCC = +15 VDC Parameter Units Typical Guaranteed 25ºC 0º to 50ºC -54º to +85ºC* Frequency MHz 1-2050 10-2000 10-2000 Small Signal Gain (min) dB 11.5 11.0 10.5 Gain Flatness (max) dB ±0.4 ±0.7 ±1.0 Reverse Isolation dB 17 Noise Figure (max) dB 3.5 4.0 4.5 Power Output @ 1 dB comp. (min) dBm -2.0 -4.0 -4.5 IP3 dBm +9 IP2 dBm +10 Second Order Harmonic IP dBm +15 VSWR Input / Output (max) 1.5:1 / 1.3:1 2.0:1 / 2.0:1 2.0:1 / 2.0:1 DC Current @ 15 Volts (max) mA 9 11 12 Features LOW NOISE: <3.5 dB (TYP.) LOW VSWR: 1.5:1 (TYP.) Description The A31-1 RF amplifier is a discrete hybrid design, which uses thin film manufacturing processes for accurate performance and high reliability. This single stage bipolar transistor feedback amplifier design displays impressive performance over a broadband frequency range. Both TO-8 and Surface Mount packages are Hermetically sealed, and MIL-STD-883 environmental screen- ing is available . Product Image Ordering Information Part Number Package A31-1 TO-8 SMA31-1 Surface Mount CA31-1 ** SMA Connectorized Absolute Maximum Ratings Parameter Absolute Maximum Storage Temperature -62ºC to +125ºC Case Temperature +125ºC DC Voltage +18 V Continuous Input Power 13 dBm Short Term Input power (1 minute max.) 50 mW Peak Power (3 µsec max.) 0.5 W “S” Series Burn-In Temperature (case) +125ºC Thermal Data: VCC = +15 VDC Parameter Rating Thermal Resistance θjc 185ºC/W Transistor Power Dissipation Pd 0.050 W Junction Temperature Rise Above Case Tjc +9ºC * Over temperature performance limits for part number CA31-1, guaranteed from 0oC to +50oC only. ** The connectorized version is not RoHs compliant. |
유사한 부품 번호 - SMA31-1 |
|
유사한 설명 - SMA31-1 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |