전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC848BW-G 데이터시트(PDF) 6 Page - Comchip Technology

부품명 BC848BW-G
상세설명  Small Signal Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COMCHIP [Comchip Technology]
홈페이지  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

BC848BW-G 데이터시트(HTML) 6 Page - Comchip Technology

  BC848BW-G Datasheet HTML 1Page - Comchip Technology BC848BW-G Datasheet HTML 2Page - Comchip Technology BC848BW-G Datasheet HTML 3Page - Comchip Technology BC848BW-G Datasheet HTML 4Page - Comchip Technology BC848BW-G Datasheet HTML 5Page - Comchip Technology BC848BW-G Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
QW-BTR35
Comchip Technology CO., LTD.
Page 6
REV:B
Small Signal Schottky Diodes
Standard Packaging
Case Type
Qty per Reel
(Pcs)
3,000
SOT-323
Reel Size
(inch)
7
Part Number
BC846AW-G
Marking Code
1A
Marking Code
BC847AW-G
1E
BC848AW-G
1J
XX
3
1
2
xx = Product type marking code
BC846BW-G
1B
BC847BW-G
1F
BC848BW-G
1K
BC847CW-G
1G
BC848CW-G
1L
Company reserves the right to improve product design , functions and reliability without notice.
Suggested PAD Layout
A
C
B
SIZE
(inch)
0.031
(mm)
0.80
1.30
2.20
0.051
0.087
SOT-323
3.00
0.118
A
B
C
D
D
0.50
0.020
E
E


유사한 부품 번호 - BC848BW-G

제조업체부품명데이터시트상세설명
logo
Comchip Technology
BC848BW-G COMCHIP-BC848BW-G Datasheet
135Kb / 5P
   Small Signal Transistor
More results

유사한 설명 - BC848BW-G

제조업체부품명데이터시트상세설명
logo
Sensitron
SHD446010 SENSITRON-SHD446010 Datasheet
37Kb / 2P
   SMALL SIGNAL TRANSISTOR
SHD444104 SENSITRON-SHD444104 Datasheet
155Kb / 2P
   SMALL SIGNAL TRANSISTOR
logo
Isahaya Electronics Cor...
ISA1989AU1 ISAHAYA-ISA1989AU1 Datasheet
139Kb / 3P
   SMALL-SIGNAL TRANSISTOR
ISA1530AC1 ISAHAYA-ISA1530AC1 Datasheet
115Kb / 3P
   SMALL-SIGNAL TRANSISTOR
logo
Guangdong Kexin Industr...
2SC5214 KEXIN-2SC5214 Datasheet
51Kb / 1P
   Small Signal Transistor
logo
Isahaya Electronics Cor...
2SC4258 ISAHAYA-2SC4258 Datasheet
316Kb / 6P
   SMALL-SIGNAL TRANSISTOR
2SC3581 ISAHAYA-2SC3581 Datasheet
121Kb / 3P
   SMALL-SIGNAL TRANSISTOR
logo
Guangdong Kexin Industr...
FMMT5089 KEXIN-FMMT5089 Datasheet
35Kb / 1P
   Small Signal Transistor
logo
Isahaya Electronics Cor...
2SC5974A ISAHAYA-2SC5974A Datasheet
78Kb / 4P
   SMALL-SIGNAL TRANSISTOR
2SC5974B ISAHAYA-2SC5974B Datasheet
78Kb / 4P
   SMALL-SIGNAL TRANSISTOR
RT1N137P ISAHAYA-RT1N137P Datasheet
146Kb / 3P
   SMALL-SIGNAL TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com