전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M02050-15EVM 데이터시트(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

부품명 M02050-15EVM
상세설명  3.3/5V Limiting Amplifier for Applications to 2.5 Gbps
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MA-COM [M/A-COM Technology Solutions, Inc.]
홈페이지  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02050-15EVM 데이터시트(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  M02050-15EVM Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M02050-15EVM Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M02050-15EVM Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M02050-15EVM Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M02050-15EVM Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M02050-15EVM Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02050-15EVM Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02050-15EVM Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02050-15EVM Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
02050-DSH-002-F
Mindspeed Technologies™
ii
Mindspeed Proprietary and Confidential
M02050 Typical Eye Diagram
M02050-15 Pin Configuration
Ordering Information
Part Number
Package
Operating Temperature
M02050-15 *
M02050-15 in QFN16 package
–40 °C to 85 °C
M02050-15EVM
Evaluation board with M02050-15
–40 °C to 85 °C
* The letter “G” designator after the part number indicates that the device is RoHS-compliant. Refer to www.mindspeed.com for additional
information.
Revision History
Revision
Level
Date
ASIC
Revision
Description
F
Final
August 2005
-15
Correct Jam connection in block diagram and typical applications figures.
Correct IREF figure (reference current generation).
E
Final
July 2005
-15
In the DC specifications, update ICC, RINDIFF and RSSIavg; added note 2;
moved RSSIavg from ac specifications. In the ac specifications update
VIN(MIN), VLOS, DJ, RJ and tr/tf; add specifications for LOS assert and
deassert. Updated RST values and the typical LOS curve (Figure 4-3 - Figure 4-
5). Added typical hysteresis curve (Figure 4-6).
D
Preliminary
April 2005
-15
Separated the M02049 and M02050 data sheets. New document number for
the M02049 is 02049-15-DSH-002-D.
Update the following DC specifications: ICC, RINDIFF and VOH. Update the
following ac specifications: VIN(MIN), vn, VLOS, HYS, DJ, RJ, tr/tf, TLOS_ON, and
TLOS_OFF. Update RST and RSSI values for this revision of the part.
10 mV
PP differential input
2.5 Gbps
160 mV/div
80 ps/div
PECLN
VCC
DINN
GND
DINP
PECLP
1
4
5
9
12
13
16
8
RxAvgIN
GND
Center Pad
Connect to GND


유사한 부품 번호 - M02050-15EVM

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
M02050-15EVM ETC2-M02050-15EVM Datasheet
740Kb / 28P
   On-chip DC offset cancellation circuit
More results

유사한 설명 - M02050-15EVM

제조업체부품명데이터시트상세설명
logo
M/A-COM Technology Solu...
02050-DSH-002-F MA-COM-02050-DSH-002-F Datasheet
740Kb / 28P
   3.3/5V Limiting Amplifier for Applications to 2.5 Gbps
M02050 MA-COM-M02050_17 Datasheet
740Kb / 28P
   3.3/5V Limiting Amplifier for Applications to 2.5 Gbps
02046-DSH-003-F MA-COM-02046-DSH-003-F Datasheet
470Kb / 23P
   3.3/5V Limiting Amplifier for Applications to 1.25 Gbps
M02040-15 MA-COM-M02040-15 Datasheet
611Kb / 31P
   3.3 5V Limiting Amplifier for Applications to 2.125 Gbps
02040-DSH-002-H MA-COM-02040-DSH-002-H Datasheet
672Kb / 27P
   3.3/5V Limiting Amplifier for Applications to 2.125 Gbps
M02050 MA-COM-M02050 Datasheet
110Kb / 2P
   Limiting Amplifier for Applications up to 2.5 Gbps
02050-BRF-001-A MA-COM-02050-BRF-001-A Datasheet
110Kb / 2P
   Limiting Amplifier for Applications up to 2.5 Gbps
M02046-15 MA-COM-M02046-15 Datasheet
467Kb / 27P
   3.3 5V Limiting Amplifier for Applications from 100 Mbps to 1.25 Gbps
M02140 MA-COM-M02140 Datasheet
506Kb / 2P
   Low Power 3.3 Volt Limiting Amplifier for Applications up to 12.5 Gbps
logo
Texas Instruments
ONET3301PARGTT TI-ONET3301PARGTT Datasheet
914Kb / 18P
[Old version datasheet]   155-Mbps To 3.3-Gbps LIMITING AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com