전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M02069 데이터시트(PDF) 6 Page - M/A-COM Technology Solutions, Inc.

부품명 M02069
상세설명  3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MA-COM [M/A-COM Technology Solutions, Inc.]
홈페이지  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02069 데이터시트(HTML) 6 Page - M/A-COM Technology Solutions, Inc.

Back Button M02069 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M02069 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M02069 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M02069 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M02069 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02069 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02069 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02069 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. M02069 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
6
Mindspeed Technologies™
02069-DSH-001-D
Mindspeed Proprietary and Confidential
M02069 Data Sheet
1.4
AC Characteristics
(VCC = 3.05 V to 3.55V or 4.7V to 5.5V, TA = -40 °C to +95 °C, unless otherwise noted)
Typical values for common anode are at VCC = 3.3 V, IBOUTCA = 20 mA, IMOD = 20 mA, TA = 25 °C, unless otherwise noted.
Typical values for common cathode are at VCC = 3.3 V, IBOUTCC = 5 mA, IMOD = 5 mA, TA = 25 °C, unless otherwise noted.
VBH
Bias_OK upper voltage
threshold
1.45
1.6
1.7
V
VFAULTL
(4)
Lower voltage threshold for
fault inputs IBOUTCA, OUT+,
CAPC, and MODSET
FAIL asserts if any of these signals fall below
this value.
300
400
mV
VFAULTH
(5)
Upper voltage threshold for
fault inputs IBOUTCC
FAIL asserts if any of these signals fall above
this value.
2.6
2.9
VCC3 - 0.2
V
VSELFL
Self bias voltage for IBOUTCA
and OUT+
During disable state
0.5
1.65
2.0
V
VSELFH
Self bias voltage for IBOUTCC During disable state
0
1.25
V
Notes:
1. Excludes bias and modulation currents.
2. Bias and modulation currents add directly to power supply current in 5V applications. The additional supply current noted excludes these currents.
3. VCC3 “supply OK” circuitry monitors the internally regulated 3.3V supply when VCC = 5V (VCC3SEL =low). When VCC = 3.3V, VCC3 “supply OK”
circuitry monitors VCC (VCC3SEL =high).
4. A low level at IBOUTCA does not trigger a fault condition during common cathode operation.
5. A low level at IBOUTCC does not trigger a fault condition during common anode operation.
Table 1-4.
AC Characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units.
IMOD
Modulation current adjust range
Common Cathode Mode
OUT+ and OUT- AC coupled into 50
Ω load.
Common Anode Mode
OUT+ and OUT- DC coupled into 25
Ω load.(1)
1
3
15
45
mA
IMOD(OFF)
(2)
Modulation current with output
disabled
DIS = high
150
µA
Ratio of modulation current to
MODMON current
CCSEL = high, RLOAD = 50Ω
CCSEL = low
30
65
A/A
IMOD-TC
Programmable range for modulation
current temperature coefficient
Adjustable using TCSLOPE
0
104
ppm/°C
TTCSTART
Temperature at which modulation
current TC compensation enables
20
°C
Table 1-3.
DC Characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units


유사한 부품 번호 - M02069

제조업체부품명데이터시트상세설명
logo
M/A-COM Technology Solu...
M02069-12 MA-COM-M02069-12 Datasheet
653Kb / 45P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
M02069-EVM MA-COM-M02069-EVM Datasheet
653Kb / 45P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
M02069 MA-COM-M02069_17 Datasheet
653Kb / 45P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
More results

유사한 설명 - M02069

제조업체부품명데이터시트상세설명
logo
M/A-COM Technology Solu...
M02069 MA-COM-M02069_17 Datasheet
653Kb / 45P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
02069-DSH-001-D MA-COM-02069-DSH-001-D Datasheet
751Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
M02094 MA-COM-M02094 Datasheet
768Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 2 Gbps
M02066 MA-COM-M02066_17 Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps
02066-DSH-001-D MA-COM-02066-DSH-001-D Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps Data Sheet
M02066 MA-COM-M02066 Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps Data Sheet
M02061 MA-COM-M02061 Datasheet
600Kb / 37P
   3.3 or 5 Volt Laser Driver
02061-DSH-001-G MA-COM-02061-DSH-001-G Datasheet
600Kb / 37P
   3.3 or 5 Volt Laser Driver
M02061 MA-COM-M02061_17 Datasheet
699Kb / 45P
   3.3 or 5 Volt Laser Driver
M02067 MA-COM-M02067_17 Datasheet
414Kb / 20P
   3.3 Volt Laser Driver IC for GbE and Fibre Channel to 2.1 Gbps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com