전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CSD16406Q3 데이터시트(PDF) 8 Page - Texas Instruments

부품명 CSD16406Q3
상세설명  N-Channel NexFET Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

CSD16406Q3 데이터시트(HTML) 8 Page - Texas Instruments

Back Button CSD16406Q3_15 Datasheet HTML 4Page - Texas Instruments CSD16406Q3_15 Datasheet HTML 5Page - Texas Instruments CSD16406Q3_15 Datasheet HTML 6Page - Texas Instruments CSD16406Q3_15 Datasheet HTML 7Page - Texas Instruments CSD16406Q3_15 Datasheet HTML 8Page - Texas Instruments CSD16406Q3_15 Datasheet HTML 9Page - Texas Instruments CSD16406Q3_15 Datasheet HTML 10Page - Texas Instruments CSD16406Q3_15 Datasheet HTML 11Page - Texas Instruments CSD16406Q3_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
CSD16406Q3
SLPS202B – AUGUST 2009 – REVISED DECEMBER 2015
www.ti.com
7 Mechanical, Packaging, and Orderable Information
The following pages include mechanical, packaging, and orderable information. This information is the most
current data available for the designated devices. This data is subject to change without notice and revision of
this document. For browser-based versions of this data sheet, refer to the left-hand navigation.
7.1 Q3 Package Dimensions
MILLIMETERS
INCHES
DIM
MIN
NOM
MAX
MIN
NOM
MAX
A
0.950
1.000
1.100
0.037
0.039
0.043
A1
0.000
0.000
0.050
0.000
0.000
0.002
b
0.280
0.340
0.400
0.011
0.013
0.016
b1
0.310 NOM
0.012 NOM
c
0.150
0.200
0.250
0.006
0.008
0.010
D
3.200
3.300
3.400
0.126
0.130
0.134
D2
1.650
1.750
1.800
0.065
0.069
0.071
d
0.150
0.200
0.250
0.006
0.008
0.010
d1
0.300
0.350
0.400
0.012
0.014
0.016
E
3.200
3.300
3.400
0.126
0.130
0.134
E2
2.350
2.450
2.550
0.093
0.096
0.100
e
0.650 TYP
0.026 TYP
H
0.35
0.450
0.550
0.014
0.018
0.022
K
0.650 TYP
0.026 TYP
L
0.35
0.450
0.550
0.014
0.018
0.022
L1
0
0
0
0
θ
0
0
0
0
8
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: CSD16406Q3


유사한 부품 번호 - CSD16406Q3_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CSD16406Q3 TI1-CSD16406Q3 Datasheet
364Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
logo
VBsemi Electronics Co.,...
CSD16406Q3 VBSEMI-CSD16406Q3 Datasheet
1,006Kb / 8P
   N-Channel 30 V (D-S) MOSFET
More results

유사한 설명 - CSD16406Q3_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CSD13201W10 TI1-CSD13201W10 Datasheet
1Mb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16413Q5A TI1-CSD16413Q5A Datasheet
342Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
CSD18563Q5A TI1-CSD18563Q5A_16 Datasheet
825Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD17313Q2Q1 TI1-CSD17313Q2Q1_15 Datasheet
411Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16408Q5 TI-CSD16408Q5 Datasheet
204Kb / 10P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16327Q3 TI1-CSD16327Q3 Datasheet
991Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
CSD16322Q5 TI-CSD16322Q5 Datasheet
287Kb / 10P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16404Q5A TI-CSD16404Q5A Datasheet
511Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
CSD16401Q5 TI1-CSD16401Q5 Datasheet
332Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
CSD16414Q5 TI1-CSD16414Q5 Datasheet
348Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
CSD16415Q5 TI1-CSD16415Q5 Datasheet
568Kb / 12P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com