전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DL50-P1123 데이터시트(PDF) 3 Page - SICK AG

부품명 DL50-P1123
상세설명  MID RANGE DISTANCE SENSORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SICK [SICK AG]
홈페이지  http://www.sick.com/
Logo SICK - SICK AG

DL50-P1123 데이터시트(HTML) 3 Page - SICK AG

  DL50-P1123 Datasheet HTML 1Page - SICK AG DL50-P1123 Datasheet HTML 2Page - SICK AG DL50-P1123 Datasheet HTML 3Page - SICK AG DL50-P1123 Datasheet HTML 4Page - SICK AG DL50-P1123 Datasheet HTML 5Page - SICK AG DL50-P1123 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DL50-P1123 | Dx50
MID RANGE DISTANCE SENSORS
2016-03-17 13:18:11 | Online data sheet
Subject to change without notice
DISTANCE SENSORS | SICK
3
Multifunctional input (MF)
1 x 3) 4)
Hysteresis
10 mm ... 1,000 mm
1) Output Q short-circuit protected.
2) PNP: HIGH = VS - (< 2.5 V) / LOW = 0 V.
3) Response time ≤ 15ms.
4) PNP: HIGH = VS / LOW = ≤ 2.5 V.
Mechanics/electronics
Supply voltage Vs
DC 10 V ... 30 V 1)
Ripple
≤ 5 Vpp 2)
Power consumption
≤ 2.1 W 3)
Initialization time
≤ 250 ms
Warm-up time
≤ 15 min
Housing material
Housing zinc die cast (ZNAL4CU1)
Acrylic glass (PMMA)
Connection type
Male connector, M12, 5-pin
Indication
LC display, 2 x LED
Weight
200 g
1) Limit values, reverse-polarity protected, operation in short-circuit protected network: max. 8 A.
2) May not fall short of or exceed VS tolerances.
3) Without load.
Ambient data
Enclosure rating
IP 65
Protection class
III
Ambient temperature
Operation: –30 °C ... +65 °C
Storage: –40 °C ... +75 °C
Max. rel. humidity (not condensing)
≤ 95 %
Typ. Ambient light immunity
40 klx
Vibration resistance
EN 60068-2-6 / EN 60068-2-64
Shock resistance
EN 60068-2-27


유사한 부품 번호 - DL50-P1123

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
DL50-P1 ETC2-DL50-P1 Datasheet
92Kb / 2P
   MINI THROUGH BEAM SENSOR with separate amplifier
More results

유사한 설명 - DL50-P1123

제조업체부품명데이터시트상세설명
logo
SICK AG
DR35-B15822 SICK-DR35-B15822 Datasheet
1Mb / 7P
   MID RANGE DISTANCE SENSORS
DS50-P1112 SICK-DS50-P1112 Datasheet
573Kb / 6P
   MID RANGE DISTANCE SENSORS
DT35-B15851 SICK-DT35-B15851 Datasheet
1Mb / 8P
   MID RANGE DISTANCE SENSORS
DS60-N51111 SICK-DS60-N51111 Datasheet
655Kb / 6P
   MID RANGE DISTANCE SENSORS
DL60-P111B0015 SICK-DL60-P111B0015 Datasheet
608Kb / 7P
   MID RANGE DISTANCE SENSORS
DT50-2B215252 SICK-DT50-2B215252 Datasheet
1Mb / 9P
   MID RANGE DISTANCE SENSORS
DS30-N2253 SICK-DS30-N2253 Datasheet
687Kb / 6P
   MID RANGE DISTANCE SENSORS
DS60-P41211 SICK-DS60-P41211 Datasheet
654Kb / 6P
   MID RANGE DISTANCE SENSORS
DS60-P51111 SICK-DS60-P51111 Datasheet
655Kb / 6P
   MID RANGE DISTANCE SENSORS
DT50-P2123 SICK-DT50-P2123 Datasheet
691Kb / 6P
   MID RANGE DISTANCE SENSORS
DT60-N111B0253 SICK-DT60-N111B0253 Datasheet
453Kb / 6P
   MID RANGE DISTANCE SENSORS
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com