전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMJE-3D08W4PD 데이터시트(PDF) 2 Page - Seoul Semiconductor

부품명 SMJE-3D08W4PD
상세설명  Integrated AC LED Solution
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEOUL [Seoul Semiconductor]
홈페이지  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SMJE-3D08W4PD 데이터시트(HTML) 2 Page - Seoul Semiconductor

  SMJE-3D08W4PD Datasheet HTML 1Page - Seoul Semiconductor SMJE-3D08W4PD Datasheet HTML 2Page - Seoul Semiconductor SMJE-3D08W4PD Datasheet HTML 3Page - Seoul Semiconductor SMJE-3D08W4PD Datasheet HTML 4Page - Seoul Semiconductor SMJE-3D08W4PD Datasheet HTML 5Page - Seoul Semiconductor SMJE-3D08W4PD Datasheet HTML 6Page - Seoul Semiconductor SMJE-3D08W4PD Datasheet HTML 7Page - Seoul Semiconductor SMJE-3D08W4PD Datasheet HTML 8Page - Seoul Semiconductor SMJE-3D08W4PD Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
Rev1.2, Apr 1, 2015
www.seoulsemicon.com
Product Data Sheet
SMJE-XD08W4PX - Acrich3 8W
2
Font 글씨체
표(Table) - 제목: Arial 10pt, 표 내부: Arial 8pt, 본문(Body)
– Arial 9pt
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
Table of Contents
Index
Product Brief
1
Table of Contents
2
Performance Characteristics
3
Thermal Resistance
5
Characteristic Graph
6
Color Bin Structure
11
Mechanical Dimensions
17
Marking Information
19
Packing Information
20
Label Information
21
Handling of Silicone Resin for LEDs
22
Precaution for Use
23
Company Information
25


유사한 부품 번호 - SMJE-3D08W4PD

제조업체부품명데이터시트상세설명
logo
Seoul Semiconductor
SMJE-3D08W4PD SEOUL-SMJE-3D08W4PD Datasheet
1Mb / 25P
   Lead Free Product
More results

유사한 설명 - SMJE-3D08W4PD

제조업체부품명데이터시트상세설명
logo
Seoul Semiconductor
SMJD-XV16W2P SEOUL-SMJD-XV16W2P Datasheet
1Mb / 27P
   Integrated AC LED Solution
SMJE-XV08W1P SEOUL-SMJE-XV08W1P Datasheet
1Mb / 26P
   Integrated AC LED Solution
SMJD-XH16W4PX SEOUL-SMJD-XH16W4PX Datasheet
1Mb / 28P
   Integrated AC LED Solution
SMJE-XD12W4PX SEOUL-SMJE-XD12W4PX Datasheet
1Mb / 25P
   Integrated AC LED Solution
SMJE-XV08W2P4 SEOUL-SMJE-XV08W2P4 Datasheet
907Kb / 24P
   Integrated AC LED Solution
SMJD-XD16W4PX SEOUL-SMJD-XD16W4PX Datasheet
1Mb / 25P
   Integrated AC LED Solution
SMJD-XG16W4PX SEOUL-SMJD-XG16W4PX Datasheet
1Mb / 28P
   Integrated AC LED Solution
SMJL-2C24W4P3 SEOUL-SMJL-2C24W4P3 Datasheet
886Kb / 26P
   Integrated AC LED Solution
SMJC-XV08W2P4 SEOUL-SMJC-XV08W2P4 Datasheet
976Kb / 23P
   Integrated AC LED Solution
SMJD-XV12W2P SEOUL-SMJD-XV12W2P Datasheet
1Mb / 26P
   Integrated AC LED Solution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com