전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMJD-3G16W4PE 데이터시트(PDF) 5 Page - Seoul Semiconductor

부품명 SMJD-3G16W4PE
상세설명  Integrated AC LED Solution
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEOUL [Seoul Semiconductor]
홈페이지  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SMJD-3G16W4PE 데이터시트(HTML) 5 Page - Seoul Semiconductor

  SMJD-3G16W4PE Datasheet HTML 1Page - Seoul Semiconductor SMJD-3G16W4PE Datasheet HTML 2Page - Seoul Semiconductor SMJD-3G16W4PE Datasheet HTML 3Page - Seoul Semiconductor SMJD-3G16W4PE Datasheet HTML 4Page - Seoul Semiconductor SMJD-3G16W4PE Datasheet HTML 5Page - Seoul Semiconductor SMJD-3G16W4PE Datasheet HTML 6Page - Seoul Semiconductor SMJD-3G16W4PE Datasheet HTML 7Page - Seoul Semiconductor SMJD-3G16W4PE Datasheet HTML 8Page - Seoul Semiconductor SMJD-3G16W4PE Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Rev1.3, Apr 1, 2016
www.seoulsemicon.com
Product Data Sheet
SMJD-XG16W4PX - Acrich3 16W
5
Thermal Resistance
The Acrich3 module is recommended to keep the junction temperature under maximum junction
temperature spec. (Table 5)
LED lead temperature and IC top case temperature are measured with thermocupler. (Fig1)
LED & IC juntion temperatures can be calculated using the formulas below.
T
s_max = Tj_max - (Rθj-s * Pd)
< Example >
If LED lead temperature and IC top temerature are 110℃
1) LED juntion temperature
T
J = TS + (Rθj-s * Pd)
= 110℃ + (9 ℃/W * 0.84W) = 117.56 ℃
2)
IC junction temperature
T
J = TS + (Rθj-s * Pd)
(1)
= 110℃ + (11.25 ℃/W * 2.8W) = 141.5℃
* (1) : In the example, P
d value is the power consumption of IC when the rated voltage.
Part
Maximum
Junction Temperature [℃]
R
θ
j-s [℃/W]
Acrich3 LED
125
9
Acrich3 IC
150
11.25
Notes :
Table 5. Thermal information, Ta = 25ºC


유사한 부품 번호 - SMJD-3G16W4PE

제조업체부품명데이터시트상세설명
logo
Seoul Semiconductor
SMJD-3C16W4PD SEOUL-SMJD-3C16W4PD Datasheet
1Mb / 25P
   Integrated AC LED Solution
SMJD-3C16W4PD SEOUL-SMJD-3C16W4PD Datasheet
1Mb / 25P
   Connects directly to AC line voltage
SMJD-3C16W4PE SEOUL-SMJD-3C16W4PE Datasheet
1Mb / 25P
   Integrated AC LED Solution
SMJD-3C16W4PE SEOUL-SMJD-3C16W4PE Datasheet
1Mb / 25P
   Connects directly to AC line voltage
SMJD-3D12W4P3 SEOUL-SMJD-3D12W4P3 Datasheet
1Mb / 23P
   Connects directly to AC line voltage
More results

유사한 설명 - SMJD-3G16W4PE

제조업체부품명데이터시트상세설명
logo
Seoul Semiconductor
SMJD-XV16W2P SEOUL-SMJD-XV16W2P Datasheet
1Mb / 27P
   Integrated AC LED Solution
SMJE-XV08W1P SEOUL-SMJE-XV08W1P Datasheet
1Mb / 26P
   Integrated AC LED Solution
SMJD-XH16W4PX SEOUL-SMJD-XH16W4PX Datasheet
1Mb / 28P
   Integrated AC LED Solution
SMJE-XD12W4PX SEOUL-SMJE-XD12W4PX Datasheet
1Mb / 25P
   Integrated AC LED Solution
SMJE-XV08W2P4 SEOUL-SMJE-XV08W2P4 Datasheet
907Kb / 24P
   Integrated AC LED Solution
SMJD-XD16W4PX SEOUL-SMJD-XD16W4PX Datasheet
1Mb / 25P
   Integrated AC LED Solution
SMJE-XD08W4PX SEOUL-SMJE-XD08W4PX Datasheet
1Mb / 25P
   Integrated AC LED Solution
SMJL-2C24W4P3 SEOUL-SMJL-2C24W4P3 Datasheet
886Kb / 26P
   Integrated AC LED Solution
SMJC-XV08W2P4 SEOUL-SMJC-XV08W2P4 Datasheet
976Kb / 23P
   Integrated AC LED Solution
SMJD-XV12W2P SEOUL-SMJD-XV12W2P Datasheet
1Mb / 26P
   Integrated AC LED Solution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com