전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMJQ-122NJNSC 데이터시트(PDF) 1 Page - Seoul Semiconductor

부품명 SMJQ-122NJNSC
상세설명  Integrated AC LED Solution
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEOUL [Seoul Semiconductor]
홈페이지  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SMJQ-122NJNSC 데이터시트(HTML) 1 Page - Seoul Semiconductor

  SMJQ-122NJNSC Datasheet HTML 1Page - Seoul Semiconductor SMJQ-122NJNSC Datasheet HTML 2Page - Seoul Semiconductor SMJQ-122NJNSC Datasheet HTML 3Page - Seoul Semiconductor SMJQ-122NJNSC Datasheet HTML 4Page - Seoul Semiconductor SMJQ-122NJNSC Datasheet HTML 5Page - Seoul Semiconductor SMJQ-122NJNSC Datasheet HTML 6Page - Seoul Semiconductor SMJQ-122NJNSC Datasheet HTML 7Page - Seoul Semiconductor SMJQ-122NJNSC Datasheet HTML 8Page - Seoul Semiconductor SMJQ-122NJNSC Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
SMJQ-12XNJNSC - Acrich3 28W
Product Data Sheet
Product Brief
Description
Key Applications
Features and Benefits
www.seoulsemicon.com
제품사진
•아래규격에 부합하는 이미지만 가능: 없을 경우 마케팅
팀에 의뢰
•고해상도
•흰 배경
•표준크기: 제품이 가득 차게 가로 5cm 규격 으로
사각 위치에 맞게 (가로세로 비율 고정)
Key Message:
- ex) Enabling high flux systems while reduces LED count
- ex) Enabling compact systems with high reliability
- ex) High reliability and High quality of light
- ex) Flicker-free AC/DC LED Solution
- ex) High-efficient Dimming Solution
Product Family:
- ex) Mid-Power LED
- ex) High-Power LED for Automotive
- ex) Chip on Board
Product ID (part number):
- ex) STW8C2SA
- ex) SZ5-M0-WN-C8
Description
Features and Benefits
Key Applications
•표는 반드시
“Table 번호#. 표 설명” 을 제목으로 한다.
Certificate 아이콘 삽입
(해당되는 아이콘 오른쪽 에서 왼쪽방향으로 순차 삽입)
Font 글씨체
표(Table) - 제목: Arial 10pt, 표 내부: Arial 8pt, 본문(Body)
– Arial 9pt
1
Rev1.1, Sep 10, 2015
Integrated AC LED Solution
SMJQ-12XNJNSC
Acrich3
– 28W
The Acrich3 series of products are
designed to be driven directly off of AC
line voltage, therefore they do not need
the standard converter essential for
conventional general lighting products.
The converter or driver found in most
general lighting products can limit the
overall life of the product, but with the
Acrich3 series of products the life of the
product can more closely be estimated
from the LED itself. This will also allow
for a much smaller form factor from an
overall fixture design allowing for higher
creativity in the fixture.
The modules have a high power factor
which can contribute to a higher energy
savings in the end application.
Table 1. Product Selection
RoHS
TV, PC, NB,
MNT, Mobile
Automotive
Lighting, MR16, PAR,
down light
Bulb, LFT
Outdoor, streetlight,
tunnel, parking
Home appliance
Architectural,
Entertainment
Sign, Channel
Sensor, Torch
Application 응용제품 아이콘 삽입
(왼쪽 하단부터 오른쪽방향 순차 삽입)
Troffer, Highbay
RoHS
LM-80
MacAdam
3-Step
Part No.
Vin [Vac]
P [W]
CCT [K]
Flux [lm]
CRI
Min.
Typ.
Min.
SMJQ-122NJNSC
120
28
3700~4200
2400
2600
70
4700~5300
SMJQ-123NJNSC
220
28
3700~4200
2800
3000
4700~5300
Street Light / Road-way
High-bay / Low-bay
Tunnel Light
Connects directly to AC line voltage
High Power Factor
Low THD
Long Life Time
Simple BOM
Lead Free Product
RoHS Compliant
High Efficacy


유사한 부품 번호 - SMJQ-122NJNSC

제조업체부품명데이터시트상세설명
logo
Seoul Semiconductor
SMJQ-132DFNSA SEOUL-SMJQ-132DFNSA Datasheet
925Kb / 19P
   High Power Factor and Low THD
SMJQ-132DFNSB SEOUL-SMJQ-132DFNSB Datasheet
925Kb / 19P
   High Power Factor and Low THD
SMJQ-132NFNSA SEOUL-SMJQ-132NFNSA Datasheet
925Kb / 19P
   High Power Factor and Low THD
SMJQ-132NFNSB SEOUL-SMJQ-132NFNSB Datasheet
925Kb / 19P
   High Power Factor and Low THD
SMJQ-133DFNSA SEOUL-SMJQ-133DFNSA Datasheet
925Kb / 19P
   High Power Factor and Low THD
More results

유사한 설명 - SMJQ-122NJNSC

제조업체부품명데이터시트상세설명
logo
Seoul Semiconductor
SMJD-XV16W2P SEOUL-SMJD-XV16W2P Datasheet
1Mb / 27P
   Integrated AC LED Solution
SMJE-XV08W1P SEOUL-SMJE-XV08W1P Datasheet
1Mb / 26P
   Integrated AC LED Solution
SMJD-XH16W4PX SEOUL-SMJD-XH16W4PX Datasheet
1Mb / 28P
   Integrated AC LED Solution
SMJE-XD12W4PX SEOUL-SMJE-XD12W4PX Datasheet
1Mb / 25P
   Integrated AC LED Solution
SMJE-XV08W2P4 SEOUL-SMJE-XV08W2P4 Datasheet
907Kb / 24P
   Integrated AC LED Solution
SMJD-XD16W4PX SEOUL-SMJD-XD16W4PX Datasheet
1Mb / 25P
   Integrated AC LED Solution
SMJD-XG16W4PX SEOUL-SMJD-XG16W4PX Datasheet
1Mb / 28P
   Integrated AC LED Solution
SMJE-XD08W4PX SEOUL-SMJE-XD08W4PX Datasheet
1Mb / 25P
   Integrated AC LED Solution
SMJL-2C24W4P3 SEOUL-SMJL-2C24W4P3 Datasheet
886Kb / 26P
   Integrated AC LED Solution
SMJC-XV08W2P4 SEOUL-SMJC-XV08W2P4 Datasheet
976Kb / 23P
   Integrated AC LED Solution
SMJD-XV12W2P SEOUL-SMJD-XV12W2P Datasheet
1Mb / 26P
   Integrated AC LED Solution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com