전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC7763WBG 데이터시트(PDF) 10 Page - Toshiba Semiconductor

부품명 TC7763WBG
상세설명  Qi Compliant Wireless Power Receiver Controller IC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7763WBG 데이터시트(HTML) 10 Page - Toshiba Semiconductor

Back Button TC7763WBG Datasheet HTML 6Page - Toshiba Semiconductor TC7763WBG Datasheet HTML 7Page - Toshiba Semiconductor TC7763WBG Datasheet HTML 8Page - Toshiba Semiconductor TC7763WBG Datasheet HTML 9Page - Toshiba Semiconductor TC7763WBG Datasheet HTML 10Page - Toshiba Semiconductor TC7763WBG Datasheet HTML 11Page - Toshiba Semiconductor TC7763WBG Datasheet HTML 12Page - Toshiba Semiconductor TC7763WBG Datasheet HTML 13Page - Toshiba Semiconductor TC7763WBG Datasheet HTML 14Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
TC7763WBG
2015-2-25
10
Figure 8.2 General outline of RX with the TC7763WBG
8.3 Control of TC7763WBG
8.3.1 Basic operation
The TC7763WBG incorporates a digital control circuit to realize communication with a TX. The TC7763WBG
starts Qi compliant communication when it receives power from a TX.
After a certain period of time with PVDD being not less than 7V during the Power Transfer Phase, the LDO can be
turned on. This is indicated by changing the STAT signal to “L”. The LDO is enabled only when STAT and XEN are
“L”. Figure 8.3 shows a basic operation sequence using an externally controlled XEN signal.
Figure 8.3 Basic operation (using XEN control)
-
+
AC adapter
SW_DET SW_EN
COM1
AC1
AC2
COM2
VOUT
PVDD
XEN
SCL
SDA
PGND
5V output
TC7763WBG
RX coil
Outside Load switch
PVDD
VOUT
XEN
STAT
5V
UVLO
(N-ch Open Drain output)
L
End Power Transfer (EPT)
After LDO OFF
EPT Transmit
EPT Transmit
External control
of XEN
LDO ON
L
7V
XEN=”L”
LDO automatic start
After LDO OFF
EPT Transmit


유사한 부품 번호 - TC7763WBG

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC7761WBG TOSHIBA-TC7761WBG Datasheet
777Kb / 29P
   Qi Compliant Wireless Power Receiver Controller IC
2014-05-15
TC7765WBG TOSHIBA-TC7765WBG Datasheet
654Kb / 28P
   Wireless Power Receiver Controller IC
More results

유사한 설명 - TC7763WBG

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC7761WBG TOSHIBA-TC7761WBG Datasheet
777Kb / 29P
   Qi Compliant Wireless Power Receiver Controller IC
2014-05-15
logo
Generalplus Technology ...
GPMQ8101A GENERALPLUS-GPMQ8101A Datasheet
392Kb / 11P
   QI Compliant Wireless Power Receiver
GPMQ8102A GENERALPLUS-GPMQ8102A Datasheet
651Kb / 12P
   Qi Compliant Wireless Power Receiver
GPMQ8101A-WPRX-M1 GENERALPLUS-GPMQ8101A-WPRX-M1 Datasheet
373Kb / 9P
   QI Compliant Wireless Power Receiver Module
logo
Toshiba Semiconductor
TB6865AFG TOSHIBA-TB6865AFG Datasheet
1Mb / 32P
   Qi compliant wireless power transmitter IC
logo
Texas Instruments
BQ51013A TI1-BQ51013A_17 Datasheet
3Mb / 45P
[Old version datasheet]   INTEGRATED WIRELESS POWER SUPPLY RECEIVER, Qi (WIRELESS POWER CONSORTIUM) COMPLIANT
BQ51013B TI1-BQ51013B_15 Datasheet
3Mb / 47P
[Old version datasheet]   Highly Integrated Wireless Receiver Qi Compliant Power Supply
BQ51050B TI1-BQ51050B_16 Datasheet
1Mb / 43P
[Old version datasheet]   High-Efficiency Qi v1.1-Compliant Wireless Power Receiver
logo
Integrated Device Techn...
P9025AC IDT-P9025AC Datasheet
419Kb / 20P
   5W, Qi Wireless Power Receiver
logo
STMicroelectronics
STWLC68 STMICROELECTRONICS-STWLC68 Datasheet
1Mb / 32P
   Qi-compliant inductive wireless power receiver for 5W applications
September 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com