전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLP3250 데이터시트(PDF) 6 Page - Toshiba Semiconductor

부품명 TLP3250
상세설명  Measurement Instruments Logic IC Testers / Memory Testers Board Testers / Scanners
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3250 데이터시트(HTML) 6 Page - Toshiba Semiconductor

  TLP3250_14 Datasheet HTML 1Page - Toshiba Semiconductor TLP3250_14 Datasheet HTML 2Page - Toshiba Semiconductor TLP3250_14 Datasheet HTML 3Page - Toshiba Semiconductor TLP3250_14 Datasheet HTML 4Page - Toshiba Semiconductor TLP3250_14 Datasheet HTML 5Page - Toshiba Semiconductor TLP3250_14 Datasheet HTML 6Page - Toshiba Semiconductor TLP3250_14 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TLP3250
2014-09-01
6
tON,tOFF ─ I F
tON,tOFF ─ Ta
Forward current
I F (mA)
Ambient temperature Ta (°C)
I OFF ─ Ta
Ambient temperature Ta (°C)
3
5
30
50
3
5
30
50
Ta = 25℃
V
= 10V, R = 200
DD
L
Ω
110
1
10
100
3
5
30
50
V
= 10V, R = 200
DD
L
Ω
I = 5mA
F
-20
0
20
40
60
80
100
1
10
100
V
= 20V
OFF
-20
0
20
40
60
80
100
1
10
100
1000
t OFF
t ON
t OFF
t ON


유사한 부품 번호 - TLP3250_14

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP3250 TOSHIBA-TLP3250 Datasheet
266Kb / 7P
   Logic IC Testers / Memory Testers
More results

유사한 설명 - TLP3250_14

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP3131 TOSHIBA-TLP3131 Datasheet
154Kb / 6P
   MEASUREMENT INSTRUMENTS LOGIC IC TESTERS / MEMORY TESTERS BOARD TESTERS / SCANNERS
TLP3114 TOSHIBA-TLP3114_14 Datasheet
191Kb / 6P
   MEASUREMENT INSTRUMENTS LOGIC IC TESTERS / MEMORY TESTERS BOARD TESTERS / SCANNERS
TLP209D TOSHIBA-TLP209D_14 Datasheet
156Kb / 4P
   MEASUREMENT INSTRUMENTS LOGIC IC TESTERS / MEMORY TESTERS BOARD TESTERS / SCANNERS
TLP3115 TOSHIBA-TLP3115_14 Datasheet
192Kb / 6P
   MEASUREMENT INSTRUMENTS LOGIC IC TESTERS / MEMORY TESTERS BOARD TESTERS / SCANNERS
TLP3113 TOSHIBA-TLP3113 Datasheet
156Kb / 6P
   MEASUREMENT INSTRUMENTS LOGIC IC TESTERS MEMORY TESTERS BOARD TESTERS SCANNERS
TLP3230 TOSHIBA-TLP3230 Datasheet
199Kb / 6P
   MEASUREMENT INSTRUMENTS LOGIC IC TESTERS / MEMORY TESTERS BOARD TESTERS / SCANNERS
TLP3111 TOSHIBA-TLP3111_14 Datasheet
198Kb / 6P
   Measurement Instruments Logic IC Testers / Memory Testers Board Testers / Scanners
TLP3121 TOSHIBA-TLP3121 Datasheet
142Kb / 6P
   MEASUREMENT INSTRUMENTS LOGIC IC TESTERS / MEMORY TESTERS BOARD TESTERS / SCANNERS
TLP3116 TOSHIBA-TLP3116 Datasheet
155Kb / 6P
   MEASUREMENT INSTRUMENTS LOGIC IC TESTERS/MEMORY TESTERS BOARD TESTERS/SCANNERS
TLP3130 TOSHIBA-TLP3130 Datasheet
155Kb / 6P
   MEASUREMENT INSTRUMENTS LOGIC IC TESTERS / MEMORY TESTERS BOARD TESTERS / SCANNERS
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com