전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLP3340 데이터시트(PDF) 6 Page - Toshiba Semiconductor

부품명 TLP3340
상세설명  OFF-state output terminal voltage - 40 V (min)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3340 데이터시트(HTML) 6 Page - Toshiba Semiconductor

  TLP3340 Datasheet HTML 1Page - Toshiba Semiconductor TLP3340 Datasheet HTML 2Page - Toshiba Semiconductor TLP3340 Datasheet HTML 3Page - Toshiba Semiconductor TLP3340 Datasheet HTML 4Page - Toshiba Semiconductor TLP3340 Datasheet HTML 5Page - Toshiba Semiconductor TLP3340 Datasheet HTML 6Page - Toshiba Semiconductor TLP3340 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TLP3340
6
Package Dimensions
Package Dimensions
Package Dimensions
Package Dimensions
Unit: mm
Weight: 0.03 g (typ.)
Package Name(s)
TOSHIBA: 11-2C1S
2011-12-09
Rev.1.0


유사한 부품 번호 - TLP3340

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP3341 TOSHIBA-TLP3341 Datasheet
174Kb / 7P
   OFF-state output terminal voltage - 40 V (min)
TLP3342 TOSHIBA-TLP3342 Datasheet
176Kb / 7P
   OFF-state output terminal voltage - 40 V (min)
More results

유사한 설명 - TLP3340

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP3342 TOSHIBA-TLP3342 Datasheet
176Kb / 7P
   OFF-state output terminal voltage - 40 V (min)
TLP3341 TOSHIBA-TLP3341 Datasheet
174Kb / 7P
   OFF-state output terminal voltage - 40 V (min)
TLP3317 TOSHIBA-TLP3317 Datasheet
198Kb / 7P
   OFF-state output terminal voltage - 80 V (min)
TLP3330 TOSHIBA-TLP3330 Datasheet
197Kb / 7P
   OFF-state output terminal voltage - 20 V (min)
TLP3350 TOSHIBA-TLP3350 Datasheet
174Kb / 7P
   OFF-state output terminal voltage - 20 V (min)
TLP3320 TOSHIBA-TLP3320 Datasheet
205Kb / 7P
   OFF-state output terminal voltage - 100 V (min)
TLP3375 TOSHIBA-TLP3375 Datasheet
186Kb / 8P
   OFF-state output terminal voltage - 50 V (min)
TLP3351 TOSHIBA-TLP3351 Datasheet
173Kb / 7P
   OFF-state output terminal voltage - 60 V (min)
TLP240G TOSHIBA-TLP240G Datasheet
412Kb / 17P
   OFF-state output terminal voltage - 350 V (min)
TLP3556 TOSHIBA-TLP3556 Datasheet
161Kb / 7P
   OFF-state output terminal voltage - 100 V (min)
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com