전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLP240G 데이터시트(PDF) 9 Page - Toshiba Semiconductor

부품명 TLP240G
상세설명  OFF-state output terminal voltage - 350 V (min)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP240G 데이터시트(HTML) 9 Page - Toshiba Semiconductor

Back Button TLP240G Datasheet HTML 5Page - Toshiba Semiconductor TLP240G Datasheet HTML 6Page - Toshiba Semiconductor TLP240G Datasheet HTML 7Page - Toshiba Semiconductor TLP240G Datasheet HTML 8Page - Toshiba Semiconductor TLP240G Datasheet HTML 9Page - Toshiba Semiconductor TLP240G Datasheet HTML 10Page - Toshiba Semiconductor TLP240G Datasheet HTML 11Page - Toshiba Semiconductor TLP240G Datasheet HTML 12Page - Toshiba Semiconductor TLP240G Datasheet HTML 13Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
TLP240G,TLP240GF
9
18.
18.
18.
18. EN60747-5-5 Option (D4) Specification
EN60747-5-5 Option (D4) Specification
EN60747-5-5 Option (D4) Specification
EN60747-5-5 Option (D4) Specification
Part number: TLP240G (Note)
(Note)
(Note)
(Note)
The following part naming conventions are used for the devices that have been qualified according to
option (D4) of EN60747.
Example: TLP240G(D4-TP1,F(O
D4: EN60747 option
TP1: Tape type
F: [[G]]/RoHS COMPATIBLE (Note 1)
(Note 1)
(Note 1)
(Note 1)
O: Domestic ID (Country/Region of origin: Japan)
Note:
Use TOSHIBA standard type number for safety standard application.
e.g., TLP240G(D4-TP1,F(O → TLP240G
Note 1: Please contact your Toshiba sales representative for details on environmental information such as the product's
RoHS compatibility.
RoHS is the Directive 2011/65/EU of the European Parliament and of the Council of 8 June 2011 on the
restriction of the use of certain hazardous substances in electrical and electronics equipment.
Fig.
Fig.
Fig.
Fig. 18.1
18.1
18.1
18.1 EN60747 Insulation Characteristics
EN60747 Insulation Characteristics
EN60747 Insulation Characteristics
EN60747 Insulation Characteristics
2015-09-10
Rev.3.0
©2015 Toshiba Corporation


유사한 부품 번호 - TLP240G

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP240GA TOSHIBA-TLP240GA Datasheet
408Kb / 19P
   Photocouplers Photorelay
2020-02-04 Rev.8.0
TLP240GAF TOSHIBA-TLP240GAF Datasheet
408Kb / 19P
   Photocouplers Photorelay
2020-02-04 Rev.8.0
More results

유사한 설명 - TLP240G

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP3317 TOSHIBA-TLP3317 Datasheet
198Kb / 7P
   OFF-state output terminal voltage - 80 V (min)
TLP3330 TOSHIBA-TLP3330 Datasheet
197Kb / 7P
   OFF-state output terminal voltage - 20 V (min)
TLP3350 TOSHIBA-TLP3350 Datasheet
174Kb / 7P
   OFF-state output terminal voltage - 20 V (min)
TLP3320 TOSHIBA-TLP3320 Datasheet
205Kb / 7P
   OFF-state output terminal voltage - 100 V (min)
TLP3341 TOSHIBA-TLP3341 Datasheet
174Kb / 7P
   OFF-state output terminal voltage - 40 V (min)
TLP3375 TOSHIBA-TLP3375 Datasheet
186Kb / 8P
   OFF-state output terminal voltage - 50 V (min)
TLP3342 TOSHIBA-TLP3342 Datasheet
176Kb / 7P
   OFF-state output terminal voltage - 40 V (min)
TLP3340 TOSHIBA-TLP3340 Datasheet
173Kb / 7P
   OFF-state output terminal voltage - 40 V (min)
TLP3351 TOSHIBA-TLP3351 Datasheet
173Kb / 7P
   OFF-state output terminal voltage - 60 V (min)
TLP3556 TOSHIBA-TLP3556 Datasheet
161Kb / 7P
   OFF-state output terminal voltage - 100 V (min)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com