전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLP597G 데이터시트(PDF) 3 Page - Toshiba Semiconductor

부품명 TLP597G
상세설명  Cordless Telephone PBX Modem
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP597G 데이터시트(HTML) 3 Page - Toshiba Semiconductor

  TLP597G_14 Datasheet HTML 1Page - Toshiba Semiconductor TLP597G_14 Datasheet HTML 2Page - Toshiba Semiconductor TLP597G_14 Datasheet HTML 3Page - Toshiba Semiconductor TLP597G_14 Datasheet HTML 4Page - Toshiba Semiconductor TLP597G_14 Datasheet HTML 5Page - Toshiba Semiconductor TLP597G_14 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TLP597G
2014-09-22
3
Individual Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Forward voltage
VF
IF = 10 mA
1.0
1.15
1.3
V
Reverse current
IR
VR = 5 V
10
μA
Capacitance
CT
V = 0, f = 1 MHz
30
pF
Off
−state current
IOFF
VOFF = 350 V
1
μA
Capacitance
COFF
V = 0, f = 1 MHz
40
pF
Coupled Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Trigger LED current
IFT
ION = 120 mA
1
3
mA
On
−state
Resistance
A connection
RON
ION = 120 mA, IF = 5 mA
22
35
ION = 20 ~ 120mA, IF = 5 mA
26
40
B connection
ION = 120 mA, IF = 5 mA
13
20
C connection
ION = 160 mA, IF = 5 mA
7
10
Isolation Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Capacitance input to output
CS
VS = 0, f = 1 MHz
0.8
pF
Isolation resistance
RS
VS = 500 V, R.H.≤ 60%
5
× 10
10
10
14
Isolation voltage
BVS
AC, 1 minute
2500
Vrms
AC, 1 second, in oil
5000
DC, 1 minute, in oil
5000
Vdc
Switching Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Turn
−on time
tON
RL = 200Ω
(Note 2)
VDD = 20 V, IF = 5 mA
0.3
1
ms
Turn
−off time
tOFF
0.1
1
(Note 2): Switching time test circuit
VOUT
IF
tON
tOFF
10%
90%
IF
1
2
6
4
RL
VDD
VOUT


유사한 부품 번호 - TLP597G_14

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP597GA TOSHIBA-TLP597GA Datasheet
164Kb / 6P
   Photo Relay
TLP597GA TOSHIBA-TLP597GA_14 Datasheet
224Kb / 6P
   Cordless Telephone PBX Modem
TLP597G TOSHIBA-TLP597G_07 Datasheet
183Kb / 6P
   Cordless Telephone
More results

유사한 설명 - TLP597G_14

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP597GA TOSHIBA-TLP597GA_14 Datasheet
224Kb / 6P
   Cordless Telephone PBX Modem
TLP797GA TOSHIBA-TLP797GA_14 Datasheet
136Kb / 5P
   Cordless Telephone PBX MODEM
TLP227A TOSHIBA-TLP227A Datasheet
133Kb / 6P
   CORDLESS TELEPHONE PBX MODEM
TLP227G TOSHIBA-TLP227G Datasheet
74Kb / 4P
   CORDLESS TELEPHONE PBX MODEM
TLP222G TOSHIBA-TLP222G Datasheet
138Kb / 6P
   Cordless Telephones PBX Modems
TLP222G TOSHIBA-TLP222G_14 Datasheet
255Kb / 6P
   Cordless Telephones PBX Modems
TLP797GA TOSHIBA-TLP797GA_07 Datasheet
130Kb / 5P
   Cordless Telephone
TLP597G TOSHIBA-TLP597G_07 Datasheet
183Kb / 6P
   Cordless Telephone
logo
OKI electronic componet...
MSM7557 OKI-MSM7557 Datasheet
153Kb / 25P
   Single Chip MSK Modem with Compandor for Cordless Telephone
MSM7532 OKI-MSM7532 Datasheet
154Kb / 21P
   Single Chip MSK Modem with Compandor for Cordless Telephone
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com